Part Number Hot Search : 
4423GM LC90A 88W8500 MAX1035 PA0801NL 88W8500 IRGPC40S EL5103
Product Description
Full Text Search
 

To Download AP72T02GH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP72T02GH/J
RoHS-compliant Product
Advanced Power Electronics Corp.
Simple Drive Requirement Low On-resistance Fast Switching Characteristic G S D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
25V 9m 62A
Description
Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The TO-252 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters. The through-hole version (AP72T02GJ) are available for low-profile applications.
GD
S
TO-252(H)
G
D
S
TO-251(J)
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 EAS IAR TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
1
Rating 25 20 62 44 190 60 0.4
3
Units V V A A A W W/ mJ A
Total Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy Avalanche Current Storage Temperature Range Operating Junction Temperature Range
29 24 -55 to 175 -55 to 175
Thermal Data
Symbol Rthj-c Rthj-a Rthj-a . Maximum Thermal Resistance, Junction-case
Maximum Thermal Resistance, Junction-ambient (PCB mount)
4
Value 2.5 62.5 110
Units /W /W /W
Maximum Thermal Resistance, Junction-ambient
Data and specifications subject to change without notice
1 200807177
AP72T02GH/J
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance2
Test Conditions VGS=0V, ID=250uA
Min. 25 1 -
Typ. 0.02 8 11 42 13 2.7 9 8 80 22 6 930 250 180 1.1
Max. Units 9 15 3 1 25 100 21 1490 1.7 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
VGS=10V, ID=30A VGS=4.5V, ID=15A VDS=VGS, ID=250uA VDS=10V, ID=30A VDS=25V, VGS=0V
Gate Threshold Voltage Forward Transconductance Drain-Source Leakage Current
Drain-Source Leakage Current (T j=175 C)
o
VDS=20V ,VGS=0V VGS= 20V ID=30A VDS=20V VGS=4.5V VDS=15V ID=30A RG=3.3,VGS=10V RD=0.5 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=30A, VGS=0V IS=15A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 26 15
Max. Units 1.3 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by max. junction temperature. 2.Pulse test 3.Starting Tj=25oC , VDD=25V , L=0.1mH , RG=25 , IAS=24A. 4.Surface mounted on 1 in2 copper pad of FR4 board
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION. USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED. APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN.
2
AP72T02GH/J
180 120
T C =25 C ID , Drain Current (A)
o
10V 7.0V ID , Drain Current (A)
T C =175 C
o
10V 7.0V 5.0V
120
80
5.0V 4.5V
4.5V
60
40
V G =3.0V
V G =3.0V
0 0 2 4 6 8
0 0 2 4 6 8
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
35
1.8
I D =15A T C =25
25
I D =30A V G =10V Normalized RDS(ON)
1.4
RDS(ON) (m)
15
1
5
0.6 2 4 6 8 10 -50 0 50 100 150 200
VGS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.8
30
Normalized VGS(th) (V)
1.4
20
1.2
IS(A)
T j =175 o C
T j =25 o C
10
0.6
0
0 0.2 0.4 0.6 0.8 1 1.2
0.0 -50 0 50 100 150 200
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C )
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3
AP72T02GH/J
f=1.0MHz
12 10000
I D = 30 A VGS , Gate to Source Voltage (V)
9
6
C (pF)
V DS = 10 V V DS = 15 V V DS = 20 V
1000
C iss
3
C oss C rss
0 0 10 20 30 100
1
5
9
13
17
21
25
29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
1000
1
Normalized Thermal Response (R thjc)
Duty factor=0.5
0.2
100
ID (A)
100us
0.1
0.1
0.05
PDM
0.02
10
t T
Duty factor = t/T Peak Tj = PDM x Rthjc + T C
T c =25 o C Single Pulse
1 0.1 1 10
1ms 10ms 100ms 1s DC
100
0.01
Single Pulse
0.01 0.00001 0.0001 0.001 0.01 0.1 1 10
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig10. Effective Transient Thermal Impedance
120
40
V DS =5V T j =25 o C T j =175 o C RDS(ON) (m )
30
2.8V 3V
3.2V
3.5V
3.8V
4.2V
ID , Drain Current (A)
80
20
4.5V 10V
40
10
0 0 2 4 6 8
0
0 20 40 60 80 100
V GS , Gate-to-Source Voltage (V)
I D (A)
Fig 11. Transfer Characteristics
Fig 12. Drain-Source On Resistance
4
ADVANCED POWER ELECTRONICS CORP.
Package Outline : TO-252
D D1
SYMBOLS
Millimeters
MIN NOM MAX
A2 A3 B1 D D1 E3
1.80 0.40 0.40 6.00 4.80 3.50 2.20 0.5 5.10 0.50 -0.35
2.30 0.50 0.70 6.50 5.35 4.00 2.63 0.85 5.70 1.10 2.30 0.50
2.80 0.60 1.00 7.00 5.90 4.50 3.05 1.20 6.30 1.80 -0.65
E2
E3 E1
F F1 E1 E2 e C
B1
F1
F
1.All Dimensions Are in Millimeters. 2.Dimension Does Not Include Mold Protrusions.
e
e
A2
R : 0.127~0.381
A3
(0.1mm
C
Part Marking Information & Packing : TO-252
Part Number Package Code meet Rohs requirement
72T02GH
LOGO
YWWSSS
Date Code (YWWSSS) YLast Digit Of The Year WWWeek SSSSequence
5
ADVANCED POWER ELECTRONICS CORP.
Package Outline : TO-251
D A
Millimeters
SYMBOLS
c1
D1 A A1 B1 E1 E B2
MIN
NOM
MAX
2.20 0.90 0.50 0.60 0.40 0.40 6.40 5.20 6.70 5.40 ---5.88
2.30 1.20 0.69 0.87 0.50 0.50 6.60 5.35 7.00 5.80 2.30 6.84
2.40 1.50 0.88 1.14 0.60 0.60 6.80 5.50 7.30 6.20 ---7.80
c c1
D
A1
B2 B1 F
D1 E E1
e
F
1.All Dimensions Are in Millimeters.
c
2.Dimension Does Not Include Mold Protrusions.
e
e
Part Marking Information & Packing : TO-251
Part Number
72T02GJ YWWSSS
meet Rohs requirement for low voltage MOSFET only
Package Code LOGO Date Code (YWWSSS) Y Last Digit Of The Year WW Week SSS Sequence
6


▲Up To Search▲   

 
Price & Availability of AP72T02GH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X