Part Number Hot Search : 
TSOP22 2A0421 CTIP4 2SD12 ER1001AF P1200A07 10001 05006
Product Description
Full Text Search
 

To Download ADMTV102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB ADMTV102
FEATURES
Single-chip synthesized tuner for dual-band mobile TV applications Zero-IF single-conversion architecture eliminates need for SAW filters Covers entire UHF Band IV/Band V (470 MHz to 862 MHz) Typical AGC dynamic range: -102 dBm to 0 dBm Low power consumption: 200 mW (UHF) On-chip features include Fast switching fractional-N PLL Low phase noise and wide frequency range VCO Bandwidth-adjustable low-pass filter Integrated baseband VGA for direct connection to digital demodulators Noise/linearity optimization through internal RF AGC loop Adjustable take-over point I2C serial bus interface Small 5 mm x 5 mm, 32-lead lead frame chip scale package (LFCSP) Minimal external components
FUNCTIONAL BLOCK DIAGRAM
VDD18RF VDD18VCO VDD18BB VDD18DIG VDDIO
ADMTV102
IP IN 0/90 BBAGC QN QP RESET TSPD DIGITAL CONTROL FRAC-N PLL PD AS SCL
06950-001
URFIN
SDA LOOPF
XTALI
XTALO
Figure 1.
APPLICATIONS
DVB-H/DVB-T/DTMB/CMMB mobile and portable TV receivers UHF mobile and portable TV receivers
GENERAL DESCRIPTION
The ADMTV102 is a highly integrated CMOS, single-chip, zero-IF conversion tuner IC for mobile TV standards, such as DVB-H, DVB-T, DTMB, and CMMB. The part includes an RF input band, UHF. The building blocks of the ADMTV102 include LNAs, RF PGAs, I/Q downconversion mixers, bandwidthadjustable low-pass filters, baseband VGAs, a VCO, and a fractional-N PLL. The on-chip low phase noise VCO, along with the high resolution fractional-N frequency synthesizer, makes in-band phase noise low enough for mobile TV applications. The ADMTV102 supports dual-band mobile TV standards with low power consumption, such as 200 mW for DVB-H. Using a small, Pb-free, 5 mm x 5 mm 32-lead LFCSP, the ADMTV102 is an ideal solution for highly integrated dual-band mobile and portable applications where low power consumption is critical. The part has an I2C(R) serial bus interface. Applications for the ADMTV102 include DVB-H, DVB-T, DTMB, and CMMB.
For more information on the ADMTV102, email Analog Devices, Inc., at Mobile_TV_support@analog.com.
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2008 Analog Devices, Inc. All rights reserved.
ADMTV102 NOTES
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
(c)2008 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D06950F-0-10/08(Sp0)
Rev. Sp0 | Page 2 of 2


▲Up To Search▲   

 
Price & Availability of ADMTV102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X