Part Number Hot Search : 
HSB124 UMX4NTR NGB8207N VN2222LL 2N3055A 2SJ315 1N3335B 200AB
Product Description
Full Text Search
 

To Download ABM1108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
ABM11
FEATURES: * Fundamental mode. * Suitable for reflow. * Tight Stability available. * Ceramic package and metal lid assures high precision and reliability. * Seam sealing.
Pb RoHS Compliant
2.0 X 1.6 X 0.45mm
|||||||||||||||
APPLICATIONS: * Cellular telephones, Pagers. * Communication and Test equipment. * High Density applications. * PCMCIA and wireless applications.
STANDARD SPECIFICATIONS:
PARAMETERS ABRACON P/N Frequency Range Operation Mode Operating Temperature Storage Temperature Frequency Tolerance* Frequency Stability over the Operating Temperature (Ref to + 25C) Equivalent Series Resistance Shunt Capacitance C0 Load Capacitance CL Drive Level Aging (First Year) @ 25C 3C Insulation Resistance ABM11 Series 18.000 MHz - 80.000 MHz* Fundamental -10C to +60C (see options) -40C to +85C 30 ppm max. (see options)
TABLE 1- Standard ESR Frequency (MHz) ESR() max 18.0.0 - 20.0 300 200 20.0 - 25.0 100 25.0 - 40.0 60 40.0 - 80.0 Developed frequency list 18.000000 26.000000 27.000000 20.000000 27.003800 22.000000 28.636363 24.545450
*please refer to list of developed frequencies contact ABRACON for additional frequencies
50 ppm max. (see options) See table 1 7 pF max. 10 pF (see options) 100 W max., 10 W typical 5ppm max. 500 M min at 100Vdc 15 V
(Note)*: Tolerance and Temp stability do not include Mechanical, Environmental, and Aging frequency shift.
OPTIONS AND PART IDENTIFICATION:
ABM11 - Frequency -R -
Frequency XX.XXXXMHz
Load Capacitance
Please specify CL in pF or
S for Series (minimum 8pF)
Operating Temp I 0C to +50C E 0C to +70C -20C to +70C B C -30C to +70C N -30C to +85C D -40C to +85C
Packaging Tape and T Reel
Custom ESR RXXX (value in ohms if it is custom.)
Freq. Tolerance 7 15 ppm 2 20 ppm 5 50 ppm
Freq. Stability U* 10 ppm G** 15 ppm X*** 20 ppm Y 30 ppm Z 100 ppm
* Temp option I only ** Temp option I and E only *** Temp option I, E, and B only
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised (A): 03.11.08 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
ABM11
OUTLINE DRAWING:
Pb RoHS Compliant
2.0 X 1.6 X 0.45mm
|||||||||||||||
Dimensions: inch (mm)
TAPE & REEL:
Dimensions: mm
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised (A): 03.11.08 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ABM1108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X