|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
XPower PRELIMINARY SPEC ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Part Number: AA1010ZG10ZC Green Features PLCC-4 PACKAGE. SINGLE COLOR. HIGH LUMINANCE. HIGH POWER,OPERATING CURRENT @350mA. SUITABLE FOR ALL SMT ASSEMBLY METHODS. PACKAGE : 500PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. PATENT PENDING. RoHS COMPLIANT. Description The LED is encapsulated with a soft silicone material. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications. SPEC NO: DSAI0906 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: JAN/30/2008 DRAWN: Y.F.Lu PAGE: 1 OF 6 ERP: 1201003391 Applications traffic signaling. backlighting (illuminated advertising , general lighting). interior and exterior automotive lighting. substitution of micro incandescent lamps. portable light source (e.g. bicycle flashlight). signal and symbol luminaire for orientation. marker lights (e.g. steps, exit ways, etc). decorative and entertainment lighting. indoor and outdoor commercial and residential architectural lighting. Application Notes Pressure or stress can damage the encapsulating material and affect the reliability of the LED. Precaution should be taken to avoid pressure on the LED encapsulating surface. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded. Handling Indications Use proper handling techniques to prevent damage to the LED surface. Minimize mechanical stress on the LED surface during processing and handling. Do not touch the emitting surface with sharp objects to avoid scratching or damaging the LED. Figure 1 In general, LEDs should be handled by the sides of the package. Handling instruments should not touch the emitting surface of the LED package. Figure 2 For automated pick-and-place machines, the pickup nozzle should be larger than the size of the LED reflector area to avoid placing excess pressure on the LED surface. SPEC NO: DSAI0906 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: JAN/30/2008 DRAWN: Y.F.Lu PAGE: 2 OF 6 ERP: 1201003391 Selection Guide Part No. Dice Lens Type luminous Intensity [2] Iv (cd)@ 350 mA Min. AA1010ZG10ZC Green (AlInGaN) WATER CLEAR 12 Typ. 20 v (lm) [2] @ 350 mA Min. 39 Typ. 65 Viewing Angle [1] 21/2 120 Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%. Absolute Maximum Ratings at TA=25C Parameter Power dissipation Junction temperature Operating Temperature Storage Temperature DC Forward Current [1] Peak Forward Current [2] Thermal resistance [1] Symbol Pt TJ Top Tstg IF IFM Rth Value 1.2 110 -40 To +100 -40 To +100 350 500 9 Unit W C C C mA mA C/W Notes: 1.Results from mounting on PC board FR4(pad size100mm 2 per pad), mounted on pc board-metal core PCB is recommend for lowest thermal Resistance. 2.1/10 Duty Cycle, 0.1ms Pulse Width. Electrical / Optical Characteristics at TA=25C Parameter Wavelength at peak emission IF=350mA [Typ.] Dominant Wavelength IF=350mA [Typ.] Symbol peak dom [1] Value 520 530 35 2.7 VF [2] 3.3 3.8 TCpeak 0.16 nm/C V Unit nm nm nm Spectral bandwidth at 50%REL MAX IF=350mA [Typ.] Forward Voltage IF=350mA [Min.] Forward Voltage IF=350mA [Typ.] Forward Voltage IF=350mA [Max.] Temperature coefficient of peak IF=350mA, -10C T100C [Typ.] Temperature coefficient of dom IF=350mA, -10C T100C [Typ.] Temperature coefficient of VF IF=350mA, -10C T100C [Typ.] Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. TCdom 0.14 nm/C TCV -2.26 mV/C SPEC NO: DSAI0906 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: JAN/30/2008 DRAWN: Y.F.Lu PAGE: 3 OF 6 ERP: 1201003391 AA1010ZG10ZC SPEC NO: DSAI0906 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: JAN/30/2008 DRAWN: Y.F.Lu PAGE: 4 OF 6 ERP: 1201003391 AA1010ZG10ZC Recommended Soldering Pattern (Units : mm; Tolerance: 0.1) Reel Dimension Tape Specifications (Units : mm) SPEC NO: DSAI0906 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: JAN/30/2008 DRAWN: Y.F.Lu PAGE: 5 OF 6 ERP: 1201003391 PACKING & LABEL SPECIFICATIONS AA1010ZG10ZC SPEC NO: DSAI0906 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: JAN/30/2008 DRAWN: Y.F.Lu PAGE: 6 OF 6 ERP: 1201003391 |
Price & Availability of AA1010ZG10ZC |