Part Number Hot Search : 
MPSA92 123M0 CL2ZF IX2701 BCW29R 12001 24M05 VX27T
Product Description
Full Text Search
 

To Download A60Q10-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMP-TRAP(R)-Form 101
A60Q
SEMICONDUCTOR PROTECTION FUSES
A60Q Amp-trap(R) Form 101 Semiconductor Protection fuses feature the only 600 volt AC/DC rating in the industry of similar size (1-1/2" x 13/32") fuses protecting semiconductors. A60Q also has the lowest l2t of all similar fuses and excellent cycling ability. Applications include inverters and small equipment requiring extremely fast response to faults, without the need to carry sustained heavy overloads.
Features / Benefits (R) Lowest l2t of any fuse this size for greater protection (R) Excellent cycling ability gives advantage in equipment design (R) 600V AC/DC rated Ratings (R) AC: 5-40A 600VAC, 200kA I.R. (R) DC: 5-40A 600VDC, 100kA I.R. L/R = 10ms Approvals (R) UL Recognized Component (R) AC: UL Guide JFHR2 File E60314 (R) DC: UL File E60314
HIGHLIGHTS:
(R) (R) (R) (R) (R)
APPLICATIONS:
(R)
Catalog Numbering System
Amp-trap(R) Fuse Rated Volts - 600 Style Amperes Mounting Type Ferrule, midget dims. (1-1/2" x 13/32") A 60 Q 30 2
A 60 Q 30 - 2
600VAC/DC Rated Extremely Fast Acting Current Limiting Lowest l2t Excellent Cycling Ability
Protection of small inverters and drives, and equipment requiring the highest degree of protection
Standard Fuse Ampere Ratings, Catalog Numbers
AMPERE RATING 5 6 8 10 12 15 CATALOG NUMBER A60Q5-2 A60Q6-2 A60Q8-2 A60Q10-2 A60Q12-2 A60Q15-2 AMPERE RATING 20 25 30 35 40 CATALOG NUMBER A60Q20-2 A60Q25-2 A60Q30-2 A60Q35-2 A60Q40-2
FUSE HOLDERS FOR A60Q FUSES
USM Series . . . .ULTRASAFETM Fuse Holders 303 Series . . . . .Midget Fuse Blocks
1-1/2" (38.1 mm)
For ampere ratings and styles not listed, call Technical Services.
13/32" (10.3 mm)
D 18
AMP-TRAP(R)-Form 101
A60Q
I2t at 600VAC, 100kA
AMPERE RATING 5 8 10 12 15 20 25 30 35 40 MELTING I t (A2s) 5 6.5 10 17 26 41 69 132 197 276
2
SEMICONDUCTOR PROTECTION FUSES
Watts Loss Data
2
CLEARING I t (A2s) 60 70 110 150 180 330 440 860 1300 1800
AMPERE RATING 5 8 10 12 15 20 25 30 35 40
WATTS LOSS @ WATTS LOSS @ 80% RATING (W) 100%RATING (W) 0.5 0.7 0.9 1.3 1.9 2.6 2.9 3.0 3.3 3.6 0.7 1.1 1.5 2.0 3.0 4.4 5.3 5.8 6.4 7.0
A60Q5 to 40 Melting Time - Current Data, 600V Fuses Peak Let-Thru Current Data - A60Q5 to 40, 600 Volts AC
Max. Instantaneous Peak Let-Thru Amperes
D
Time in Seconds
Available Current in RMS Symmetrical Amperes
I2t at 600VDC,100kA, L/R = 10 ms
AMPERE RATING 5 8 10 12 15 20 25 30 35 40 CLEARING I2t (A2s) 40 42 70 90 110 200 260 520 780 1100
Current in Amperes D 19


▲Up To Search▲   

 
Price & Availability of A60Q10-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X