Part Number Hot Search : 
MMBD330 2SD2202 SGC10 2N3054A M67754 MF501 ZT488 GS8640
Product Description
Full Text Search
 

To Download 80D332P063MB2D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 80D
Vishay Sprague
Aluminum Capacitors + 85 C, Snap-In
FEATURES
* High ripple capability * Molded cover available in 2 and 3 terminal design with standoffs
Pb-free Available
Fig.1 Component Outlines
QUICK REFERENCE DATA
DESCRIPTION Nominal case size OD x L in mm Operating temperature Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Termination VALUE 0.866" x 0.984" (22.0 x 25.0) to 1.38" x 3.15" (35.0 x 80.0) - 40 C to + 85 C 82 F to 56 000 F - 10 %, + 30 % 6.3 WVDC to 250 WVDC Snap mount or 2 and 3 terminal straight leads 2000 h: CAP 15 % from initial measurement. ESR 1.5 x initial specified limit. DCL initial specified limit 500 h: CAP 15 % from initial measurement. ESR 1.3 x initial specified limit. DCL 2 x initial specified limit I = K cv DC leakage current K = 4.0 at + 25 C I in A, C in F, V in Volts
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE AMBIENT TEMPERATURE + 55 C + 65 C + 75 C + 85 C FREQUENCY (Hz) WVDC 0 - 49 50 - 199 200 - 250 50 TO 60 0.85 0.83 0.80 300 TO 1000 1.10 1.15 1.30 1000 AND UP 1.15 1.20 1.40 MULTIPLIERS 2.0 1.7 1.4 1.0
Life validation test at 85C
ESL (TYPICAL VALUES AT 1 MHz TO 10 MHz) Nominal Diameter Typical ESL (nH) 0.866 (22.0) 6.0 0.984 (25.0) 8.0 1.18 (30.0) 10.0 1.38 (35.0) 12.0
Shelf life at 85C
DIMENSIONS in inches (millimeters)
CASE CODE HA HB HD JA JB JC JD JE KA KB www.vishay.com 218 DIAMETER D + 0.039 - 0 (+1.0 - 0) 0.87 (22.0) 0.87 (22.0) 0.87 (22.0) 1.00 (25.0) 1.00 (25.0) 1.00 (25.0) 1.00 (25.0) 1.00 (25.0) 1.18 (30.0) 1.18 (30.0) LENGTH L 0.079 (2.0) 1.00 (25.0) 1.18 (30.0) 1.57 (40.0) 1.00 (25.0) 1.18 (30.0) 1.38 (35.0) 1.57 (40.0) 2.00 (50.0) 1.00 (25.0) 1.18 (30.0) For technical questions, contact: aluminumcaps4@vishay.com Document Number: 42060 Revision: 27-Aug-08 CASE CODE KC KD KE MB MC MD ME MF MG DIAMETER D + 0.039 - 0 (+ 1.0 - 0) 1.18 (30.0) 1.18 (30.0) 1.18 (30.0) 1.38 (35.0) 1.38 (35.0) 1.38 (35.0) 1.38 (35.0) 1.38 (35.0) 1.38 (35.0) LENGTH L 0.079 (2.0) 1.38 (35.0) 1.57 (40.0) 2.00 (50.0) 1.18 (30.0) 1.38 (35.0) 1.57 (40.0) 2.00 (50.0) 2.50 (63.0) 3.18 (80.0)
80D
Aluminum Capacitors + 85 C, Snap-In
DIMENSIONS in inches (millimeters)
CIRCUIT BOARD MOUNT TERMINAL DIMENSIONS (1) DIAMETER D 1.00 (25.0) 1.18 (30.0) 1.38 (35.0) CASE CODE J K M B 0.093 (2.4) 0.125 (2.3) 0.125 (3.2) STYLE A R 0.301 (7.6) 0.363 (9.2) 0.458 (11.6) C 140 120 120 STYLE B R N/A 0.391 (9.9) (2) 0.458 (11.6) (2)
Vishay Sprague
Notes (1) Style A and B not available in 0.866" (22.0mm) diameter units (2) Pin-type molded cover available on 80D/82D through 450 V. For 81D, only up through 250 V.
DIMENSIONAL AND AVAILABLE FORMS
Style A Style B
Style D
Document Number: 42060 Revision: 27-Aug-08
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com 219
80D
Vishay Sprague
ORDERING EXAMPLE
Electrolytic capacitor 80D series: 80D 122 P 200 ME 2 D E3
Aluminum Capacitors + 85 C, Snap-In
DESCRIPTION
CODE 80D 122 P 200 MA 2 D E3 EXPLANATION product type capacitance value (1200 F) tolerance (P = - 10 %/+ 30 %) voltage rating at 85 C (200 V) can size (see dimensions table) pvc insulating sleeve terminal style (D = 2 pin snap-in) RoHS compliant
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F) PART NUMBER NOMINAL CASE SIZE DxL 0.866 x 0.984 (22.0 x 25.0) 0.866 x 1.18 (22.0 x 30.0) 0.984 x 1.18 (25.0 x 30.0) 1.18 x 0.984 (30.0 x 25.0) 0.984 x 1.38 (25.0 x 35.0) 0.984 x 1.97 (25.0 x 50.0) 1.18 x 1.97 (30.0 x 50.0) 1.38 x 1.97 (35.0 x 50.0) 0.866 x 0.984 (22.0 x 25.0) 0.866 x 1.18 (22.0 x 30.0) 0.984 x 1.18 (25.0 x 30.0) 1.18 x 1.18 (30.0 x 30.0) 0.984 x 1.97 (25.0 x 50.0) 1.38 x 1.18 (35.0 x 30.0) 1.18 x 1.97 (30.0 x 50.0) 1.38 x 1.97 (35.0 x 50.0) MAX. ESR 120 HZ 10 kHZ to 40 kHZ 113.0 85.0 73.0 91.0 59.0 37.0 35.0 19.0 120.0 90.0 76.0 71.0 39.0 38.0 36.0 19.0 99.0 74.0 65.0 84.0 53.0 33.0 32.0 17.0 99.0 74.0 65.0 63.0 33.0 33.0 32.0 17.0 74.0 51.0 27.0 27.0 17.0 99.0 74.0 48.0 42.0 63.0 41.0 32.0 MAX. RIPPLE at + 85C (A) 120 HZ 2.5 3.0 3.3 2.8 3.9 5.6 5.8 9.4 2.4 2.9 3.2 3.4 5.4 5.5 5.7 9.1 2.7 3.8 6.2 6.2 8.8 2.8 2.4 3.4 3.9 3.1 4.3 5.3 10 kHZ to 40 kHZ 2.8 3.4 3.6 3.0 4.2 6.0 6.1 10.0 2.8 3.4 3.6 3.6 6.0 6.2 6.1 10.0 3.4 4.2 7.2 7.2 10.0 2.0 3.4 4.7 4.9 3.6 4.9 6.1
16 WVDC at + 85 C, SURGE = 20 V 3900.0 (1) 5600.0 8200.0 8200.0 10 000.0 (1) 15 000.0 (1) 22 000.0 33 000.0 (1) 2700.0 (1) 3300.0 4700.0
(1)
80D392P016HA2D 80D562P016HB2D 80D822P016JB2D 80D822P016KA2D 80D103P016JC2D 80D153P016JE2D 80D223P016KE2D 80D333P016ME2D 80D272P025HA2D 80D332P025HB2D 80D427P025JB2D 80D682P025KB2D 80D103P025JE2D 80D103P025MB2D 80D153P025KE2D 80D223P025ME2D 80D332P035HB2D 80D472P035KB2D 80D682P035KC2D 80D103P035MC2D 80D123P035KE2D 80D153P035ME2D 80D122P050HA2D 80D152P050HB2D 80D222P050HD2D 80D332P050JD2D 80D332P050KB2D 80D472P050KD2D 80D682P050KE2D
25 WVDC at + 85 C, SURGE = 30 V
6800.0 (1) 10 000.0 (1) 10 000.0 (1) 15 000.0 (1) 22 000.0 3300.0 4700.0 (1) 6800.0 (1) 10 000.0 (1) 12 000.0
(1) (1)
35 WVDC at + 85 C, SURGE = 44 V 0.866 x 1.18 (22.0 x 30.0) 96.0 1.18 x 1.18 (30.0 x 30.0) 1.18 x 1.38 (30.0 x 35.0) 1.38 x 1.38 (35.0 x 35.0) 1.38 x 1.38 (35.0 x 35.0) 1.38 x 1.97 (35.0 x 35.0) 0.866 x 0.984 (22.0 x 25.0) 0.866 x 1.18 (22.0 x 30.0) 0.866 x 1.57 (22.0 x 40.0) 0.984 x 1.57 (25.0 x 40.0) 1.18 x 1.18 (30.0 x 30.0) 1.18 x 1.57 (30.0 x 40.0) 1.18 x 1.97 (30.0 x 50.0) 60.0 33.0 33.0 20.0 144.0 108.0 69.0 57.0 79.0 51.0 40.0
15 000.0 (1) 1200.0 (1) 1500.0 2200.0 (1) 3300.0 (1) 3300.0 (1) 4700.0 (1) 6800.0 (1) www.vishay.com 220
50 WVDC at + 85 C, SURGE = 63 V
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42060 Revision: 27-Aug-08
80D
Aluminum Capacitors + 85 C, Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F) PART NUMBER NOMINAL CASE SIZE DxL 0.866 x 0.984 (22.0 x 25.0) 0.866 x 1.18 (22.0 x 30.0) 0.984 x 1.18 (25.0 x 30.0) 1.18 x 1.18 (30.0 x 30.0) 1.38 x 1.18 (35.0 x 30.0) 1.18 x 1.97 (30.0 x 50.0) 1.38 x 1.97 (35.0 x 50.0) 0.866 x 0.984 (22.0 x 25.0) 0.866 x 1.18 (22.0 x 30.0) 0.984 x 1.18 (25.0 x 30.0) 1.18 x 1.18 (30.0 x 30.0) 0.984 x 1.97 (25.0 x 25.0) 1.18 x 1.97 (30.0 x 50.0) 1.38 x 1.97 (35.0 x 50.0) 0.866 x 0.984 (22.0 x 25.0) 0.984 x 0.984 (25.0 x 25.0) 1.18 x 0.984 (30.0 x 25.0) 1.18 x 1.38 (30.0 x 35.0) 1.18 x 1.57 (30.0 x 40.0) 1.18 x 1.57 (30.0 x 40.0) 1.38 x 1.97 (35.0 x 35.0) 1.38 x 1.97 (35.0 x 50.0) 1.38 x 1.97 (35.0 x 50.0) 0.984 x 0.984 (25.0 x 25.0) 0.984 x 1.18 (25.0 x 30.0) 0.984 x 1.57 (25.0 x 40.0) 0.984 x 1.97 (25.0 x 50.0) 1.18 x 1.97 (30.0 x 50.0) 1.38 x 1.97 (35.0 x 50.0) MAX. ESR 120 HZ 10 kHZ to 40 kHZ 132.0 99.0 82.0 72.0 40.0 36.0 21.0 241.0 179.0 139.0 111.0 68.0 55.0 50.0 1057.0 660.0 460.0 278.0 220.0 248.0 130.0 144.0 141.0 720.0 541.0 343.0 263.0 185.0 191.0 82.0 62.0 55.0 54.0 28.0 28.0 15.0 138.0 103.0 85.0 74.0 42.0 37.0 37.0 505.0 375.0 272.0 165.0 131.0 127.0 82.0 81.0 75.0 377.0 284.0 182.0 140.0 101.0 81.0 MAX. RIPPLE at + 85C (A) 120 HZ 2.0 2.4 2.8 3.2 5.0 5.4 8.3 1.5 1.8 2.2 2.7 3.9 4.7 5.2 0.75 1.3 1.7 2.4 2.8 2.1 4.3 3.4 3.4 1.1 1.4 2.0 2.5 3.2 4.0 10 kHZ to 40 kHZ 3.0 3.6 3.8 3.9 6.6 6.4 10.0 2.7 3.3 3.5 3.7 5.9 6.2 6.2 2.2 3.2 3.6 4.9 5.7 4.7 7.4 6.6 6.6 3.2 3.8 5.2 6.3 7.0 7.4
Vishay Sprague
63 WVDC at + 85 C, SURGE = 79 V 820.0 1200.0 (1) 1500.0 2200.0 3300.0
(1)
80D821P063HA2D 80D122P063HB2D 80D152P063JB2D 80D222P063KB2D 80D332P063MB2D 80D472P063KE2D 80D682P063ME2D 80D391P100HA2D 80D561P100HB2D 80D681P100JB2D 80D102P100KB2D 80D152P100JE2D 80D222P100KE2D 80D332P100ME2D 80D101P200HA2D 80D151P200JA2D 80D221P200KA2D 80D331P200KC2D 80D471P200KD2D 80D681P200KD2D 80D821P200ME2D 80D102P200ME2D 80D122P200ME2D 80D101P250JA2D 80D151P250JB2D 80D221P250JD2D 80D331P250JE2D 80D471P250KE2D 80D681P250ME2D
4700.0 (1) 6800.0 (1) 390.0 560.0 680.0 1000.0 1500.0 2200.0 3300.0 100.0 150.0 220.0 (1) 330.0
(1)
100 WVDC at + 85 C, SURGE = 125 V
200 WVDC at + 85 C, SURGE = 250 V
470.0 (1) 680.0 820.0
(1)
1000.0 (1) 1200.0 (1) 100.0 (1) 150.0 220.0 (1) 330.0 470.0 680.0 (1)
250 WVDC at + 85 C, SURGE = 300 V
Note (1) These ratings are normally stocked. Some Inventory may include PVC sleeve with resin end seal (5D). Additional Part Numbers normally found in distribution inventory include: 80D102P050HA2D 80D102P063HB2D 80D102P100JD2D 80D102P200MD2D 80D103P035KE2D 80D123P016KB2D 80D152P050JA2D 80D153P016MB2D 80D182P035HA2D 80D222P035HB2D 80D222P050KA2D 80D222P063JD2D 80D222P080JE2D 80D223P010MB2D 80D272P035HB2D 80D272P035JA2D 80D332P063JE2D 80D333P010KE2D 80D391P200MB2D 80D392P050JE2D 80D472P050JC2D 80D472P050JE2D 80D472P050MB2D 80D681P200MD2D 80D682P035JE2D 80D682P035MB2D 80D682P050MD2D 80D820P250HA2D 80D822P025JD2D 80D822P035MB2D 80D822P050ME2D
Other capacitance values are available on request. Call for a quotation for price and delivery. Document Number: 42060 Revision: 27-Aug-08 For technical questions, contact: aluminumcaps4@vishay.com www.vishay.com 221
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 80D332P063MB2D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X