Part Number Hot Search : 
7R1H102K 13003A MOC8030S CXA2502M MX8335 9335M APT100 ESD7383
Product Description
Full Text Search
 

To Download 74ALVCH16245TTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ALVCH16245
LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
s s
s
s
s
s s
s
s
3.6V TOLERANT INPUTS AND OUTPUTS HIGH SPEED: tPD = 3.0 ns (MAX.) at VCC = 3.0 to 3.6V tPD = 3.7 ns (MAX.) at VCC = 2.3 to 2.7V tPD =6 ns (MAX.) at VCC = 1.65V POWER DOWN PROTECTION ON INPUTS AND OUTPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) at VCC = 3.0V |IOH| = IOL = 12mA (MIN) at VCC = 2.3V |IOH| = IOL = 4mA (MIN) at VCC = 1.65V OPERATING VOLTAGE RANGE: VCC(OPR) = 1.65V to 3.6V BUS HOLD PROVIDED ON DATA INPUTS PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 16245 LATCH-UP PERFORMANCE EXCEEDS 300mA (JESD 17) ESD PERFORMANCE: HBM > 2000V (MIL STD 883 method 3015); MM > 200V
TSSOP
ORDER CODES
PACKAGE TSSOP TUBE T&R 74ALVCH16245TTR
PIN CONNECTION
DESCRIPTION The 74ALVCH16245 is a low voltage CMOS 16 BIT BUS TRANSCEIVER fabricated with sub-micron silicon gate and five-layer metal wiring C2MOS technology. It is ideal for low power and very high speed 1.65 to 3.6V applications; it can be interfaced to 3.6V signal environment for both inputs and outputs. This IC is intended for two-way asynchronous communication between data busses; the direction of data transmission is determined by DIR input. The enable input G can be used to disable the device so that the busses are effectively isolated. Bus hold on data inputs is provided in order to eliminate the need for external pull-up or pull-down resistor. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
July 2003
1/10
74ALVCH16245
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No 1 2, 3, 5, 6, 8, 9, 11, 12 13, 14, 16, 17, 19, 20, 22, 23 24 25 36, 35, 33, 32, 30, 29, 27, 26 47, 46, 44, 43, 41, 40, 38, 38 48 4, 10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 SYMBOL NAME AND FUNCTION
IEC LOGIC SYMBOLS
1DIR Directional Control 1B1 to 1B8 Data Inputs/Outputs 2B1 to 2B8 Data Inputs/Outputs 2DIR Directional Control 2G Output Enable Input 2A1 to 2A8 Data Inputs/Outputs 1A1 to 1A8 Data Inputs/Outputs 1G GND VCC Output Enable Input Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS G L L H DIR L H X FUNCTION A BUS B BUS OUTPUT Yn A=B B=A Z
OUTPUT INPUT INPUT OUTPUT Z Z
Z : High Impedance X : Don`t Care
2/10
74ALVCH16245
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage (OFF State) DC Output Voltage (High or Low State) (note 1) DC Input Diode Current DC Output Diode Current (note 2) DC Output Current Parameter Value -0.5 to +4.6 -0.5 to +4.6 -0.5 to +4.6 -0.5 to VCC + 0.5 - 50 - 50 50 100 400 -65 to +150 300 Unit V V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current per Supply Pin Power Dissipation PD Tstg TL Storage Temperature Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 1) IO absolute maximum rating must be observed 2) VO < GND, VO > VCC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO VO IOH, IOL IOH, IOL IOH, IOL Top dt/dv Supply Voltage Input Voltage Output Voltage (OFF State) Output Voltage (High or Low State) High or Low Level Output Current (VCC = 3.0 to 3.6V) High or Low Level Output Current (VCC = 2.3 to 2.7V) High or Low Level Output Current (VCC = 1.65V) Operating Temperature Input Rise and Fall Time (note 1) Parameter Value 1.65 to 3.6 -0.3 to 3.6 0 to 3.6 0 to VCC 24 12 4 -55 to 125 0 to 10 Unit V V V V mA mA mA C ns/V
1) VIN from 0.8V to 2V at VCC = 3.0V
3/10
74ALVCH16245
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 1.65 to 3.6 1.65 2.3 2.3 2.7 3.0 3.0 VOL Low Level Output Voltage 1.65 to 3.6 1.65 2.3 2.3 2.7 3.0 II IIHOLD Input Leakage Current Input Hold Current 3.6 1.65 1.65 2.3 2.3 3.0 3.0 3.6 Ioff IOZ Power Off Leakage Current High Impedance Output Leakage Current Quiescent Supply Current ICC incr. per Input 0 3.6 IO=-100 A IO=-4 mA IO=-6 mA IO=-12 mA IO=-12 mA IO=-12 mA IO=-24 mA IO=100 A IO=4 mA IO=6 mA IO=12 mA IO=12 mA IO=24 mA VI = 0 or 3.6V VI =0.58 V VI =1.07 V VI =0.7 V VI =1.7 V VI =0.8 V VI =2 V VI = 0 to 3.6V VI or VO = 3.6V VI = VIH or VIL VO = 0 to VCC VI = VCC or GND IO= 0 VIH = VCC - 0.6V + 25 - 25 + 45 - 45 + 75 - 75 500 10 5 -40 to 85 C Min. 0.65 Vcc 1.7 2.0 0.35 Vcc 0.7 0.8 VCC-0.2 1.2 2.0 1.7 2.2 2.4 2.0 0.2 0.45 0.4 0.7 0.4 0.55 5 + 25 - 25 + 45 - 45 + 75 - 75 500 20 10 A A A A A VCC-0.2 1.2 2.0 1.7 2.2 2.4 2.0 0.2 0.45 0.4 0.7 0.4 0.55 5 A V V Max. Value -55 to 125 C Min. 0.65 Vcc 1.7 2.0 0.35 Vcc 0.7 0.8 Max. Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
ICC ICC
3.6 3.0 to 3.6
20 500
40 750
4/10
74ALVCH16245
AC ELECTRICAL CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 CL (pF) 30 30 50 50 30 30 50 50 30 30 50 50 RL () 1000 500 500 500 1000 500 500 500 1000 500 500 500 ts = tr (ns) 2.0 2.0 2.5 2.5 2.0 2.0 2.5 2.5 2.0 2.0 2.5 2.5 -40 to 85 C Min. 1 1 1 1 1 1 1 1 1 1 1 1 Max. 6 3.7 3.6 3.0 7.1 5.7 5.4 4.4 7.0 5.2 4.6 4.1 Value -55 to 125 C Min. 1 1 1 1 1 1 1 1 1 1 1 1 Max. 6 3.7 3.6 3.0 7.1 5.7 5.4 4.4 7.0 5.2 4.6 4.1 Unit
tPLH tPHL Propagation Delay Time
tPZL tPZH Output Enable Time
ns
tPLZ tPHZ Output Disable Time
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|) 2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 3.3 3.3 3.3 2.5 3.3 2.5 VIN =VCC or GND VIN =VCC or GND fIN = 10MHz CL=50pF VIN = 0 or VCC Value TA = 25 C Min. Typ. 4 8 29 22 5 4 Max. pF pF Unit
CIN CI/O CPD CPD
Input Capacitance Control Inputs Input Capacitance A or B ports Power Dissipation Capacitance Output enabled (note 1) Power Dissipation Capacitance Output disabled (note 1)
pF
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit)
5/10
74ALVCH16245
TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ (VCC = 3.0 to 3.6V) tPZL, tPLZ (VCC = 2.3 to 2.7V) tPZH, tPHZ
RT = ZOUT of pulse generator (typically 50)
SWITCH Open 6V 2VCC GND
TEST CIRCUIT AND WAVEFORM SYMBOL VALUE
Symbol 3.0 to 3.6V VIH VM VX VY CL RL=R1 tr = tr 2.7V 1.5V VOL +0.3V VOH -0.3V 50pF 500 <2.5ns 2.7V 2.7V 1.5V VOL +0.3V VOH -0.3V 50pF 500 <2.5ns VCC 2.3 to 2.7V VCC VCC/2 VOL +0.15V VOH -0.15V 30pF 500 <2.0ns 1.65 to 1.95V VCC VCC/2 VOL +0.15V VOH -0.15V 30pF 1000 <2.0ns
6/10
74ALVCH16245
WAVEFORM 1: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)
7/10
74ALVCH16245
TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.50 6.0 0.5 BSC 8 0.75 0 0.020 0.17 0.09 12.4 8.1 BSC 6.2 0.236 0.0197 BSC 8 0.030 0.05 0.9 0.27 0.20 12.6 0.0067 0.0035 0.488 0.318 BSC 0.244 TYP MAX. 1.2 0.15 0.002 0.035 0.011 0.0079 0.496 MIN. TYP. MAX. 0.047 0.006 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7065588C
8/10
74ALVCH16245
Tape & Reel TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 8.7 13.1 1.5 3.9 11.9 12.8 20.2 60 30.4 8.9 13.3 1.7 4.1 12.1 0.343 0.516 0.059 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.350 0.524 0.067 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
9/10
74ALVCH16245
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of 74ALVCH16245TTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X