Part Number Hot Search : 
MGD633 39162 TLHP4405 1778667 TPCP8303 P6SMB 60M35X5 FDS66
Product Description
Full Text Search
 

To Download 51021-0200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
Features and Benefits
s Sizes 2 to 15 circuits s Housing lance provides extra terminal retention s Friction locks provide secure mating
Reference Information Packaging: Bag UL File No.: E29179 CSA File No.: LR19980 Use With: 50079/50058 Mates With: 53398, 53261, 53047, 53048 and 51047 Designed In: Millimeters
Electrical Voltage: 125V Current: 1.0A 32 AWG--0.8A Contact Resistance: 20m max. Dielectric Withstanding Voltage: 250V AC/1 min. Insulation Resistance: 100 M min. Physical Housing: PBTP, UL 94V-0 Temperature: -40 to +85C
1.25mm (.049") Pitch Wire-to-Wire and Wire-to-Board Receptacle 51021
ORDERING INFORMATION AND DIMENSIONS
Circuits 02 03 04 05 06 07 08 09 10 11 12 13 14 15 Order No. 51021-0200 51021-0300 51021-0400 51021-0500 51021-0600 51021-0700 51021-0800 51021-0900 51021-1000 51021-1100 51021-1200 51021-1300 51021-1400 51021-1500 Dimension A 4.25 (.167) 5.50 (.217) 6.75 (.266) 8.00 (.315) 9.25 (.364) 10.50 (.413) 11.75 (.463) 13.00 (.512) 14.25 (.561) 15.50 (.610) 16.75 (.659) 18.00 (.709) 19.25 (.758) 20.50 (.807) 1.25 2.50 3.75 5.00 6.25 7.50 8.75 10.00 11.25 12.50 13.75 15.00 16.25 17.50 B (.049) (.098) (.148) (.197) (.246) (.295) (.344) (.393) (.441) (.492) (.541) (.590) (.639) (.688)
990
I-107
Micro Connectors
I


▲Up To Search▲   

 
Price & Availability of 51021-0200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X