Part Number Hot Search : 
EVQP7 C18LF2 U2602BR EVQP7 06MU08MU TB0193A SN9C102 RF3805
Product Description
Full Text Search
 

To Download 2SK381507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN8053A
2SK3815
SANYO Semiconductors
DATA SHEET
2SK3815
Features
* * * * *
N-Channel Silicon MOSFET
General-Purpose Switching Device Applications
Low ON-resistance. Ultrahigh-speed switching. 4V drive. Motor drive, DC / DC converter. Avalanche resistance guarantee.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Avalanche Enargy (Single Pulse) *1 Avalanche Current *2 Symbol VDSS VGSS ID IDP PD Tch Tstg EAS IAV PW10s, duty cycle1% Tc=25C Conditions Ratings 60 20 23 92 1.65 40 150 --55 to +150 19.8 23 Unit V V A A W W C C mJ A
Note : *1 VDD=20V, L=50H, IAV=23A *2 L50H, single pulse Marking : K3815
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N2807 TI IM TC-00001041 / 93004QA TS IM TB-00000601 No.8053-1/5
2SK3815
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions ID=1mA, VGS=0V VDS=60V, VGS=0V VGS= 16V, VDS=0V VDS=10V, ID=1mA VDS=10V, ID=12A ID=12A, VGS=10V ID=12A, VGS=4V VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=30V, VGS=10V, ID=23A VDS=30V, VGS=10V, ID=23A VDS=30V, VGS=10V, ID=23A IS=23A, VGS=0V Ratings min 60 1 10 1.2 9 15 42 60 775 125 105 11 85 72 78 19 2.5 4.1 1.04 1.5 55 85 2.6 typ max Unit V
A A
V S m m pF pF pF ns ns ns ns nC nC nC V
Package Dimensions
unit : mm (typ) 7513-002
10.2
0.2
Package Dimensions
unit : mm (typ) 7001-003
4.5 0.2 1.3
10.2 4.5 1.3
9.9
1.5MAX
11.5
8.8
8.8
1.6
20.9
3.0
1.2
(9.4) 11.0
1 0.8
2
3 1.2 0 to 0.3 0.4
0.8
0.4
2.55
2.55
2.7
1
2
3
1.35
1 : Gate 2 : Drain 3 : Source
2.55
1 : Gate 2 : Drain 3 : Source SANYO : SMP-FD
2.7
2.55
2.55
2.55
SANYO : SMP
Switching Time Test Circuit
VDD=30V VIN 10V 0V VIN ID=12A RL=2.5
Unclamped Inductive Test Circuit
50 RG
L DUT
D
PW=10s D.C.1%
VOUT
15V 0V 50 VDD
G
2SK3815 P.G 50
S
1.4
No.8053-2/5
2SK3815
30
ID -- VDS
10V
Tc=25C
30
ID -- VGS
Tc= --25 C
2
25
25
Drain Current, ID -- A
20
4V
Drain Current, ID -- A
20
15
15
5
VGS=3V
5
0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
0 0 1 3 4 5 6 IT07801
Drain-to-Source Voltage, VDS -- V
140
IT07800 140
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
ID=12A
RDS(on) -- Tc
Static Drain-to-Source On-State Resistance, RDS(on) -- m
120
Static Drain-to-Source On-State Resistance, RDS(on) -- m
120
100
100
80
80
60
Tc=75C
60
40
25C --25C
12A I D= 4V, = 12A V GS I= 0V, D =1 VGS
40
20 0 2 3 4 5 6 7 8 9 10 IT07802
20 0 --50
--25
C Tc= 75 --25 C C
10
10
25
25 C
8V
6V
75 C
VDS=10V
0
25
50
75
100
125
150
Gate-to-Source Voltage, VGS -- V
5
Case Temperature, Tc -- C
100 7 5 3 2
IT07803
yfs -- ID
VDS=10V
IS -- VSD
VGS=0V
Forward Transfer Admittance, yfs -- S
3 2
10 7 5 3 2 1.0 7 5 3 0.1 2 3 5 7 1.0
C 25
= Tc
5 --2
C
Source Current, IS -- A
10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 0 0.3
C 75
2
3
5
7
10
2
3
Tc=75 C 25C --25C
0.6 0.9
1.2
1.5 IT07805
Drain Current, ID -- A
1000 7 5
IT07804 3 2
SW Time -- ID
Ciss, Coss, Crss -- VDS
f=1MHz
Diode Forward Voltage, VSD -- V
VDD=30V VGS=10V
Switching Time, SW Time -- ns
3 2 100 7 5 3 2
Ciss, Coss, Crss -- pF
1000
Ciss
7 5 3 2
td(off)
tf
tr
Coss
Crss
td(on)
10 7 5 3 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3 5 7
100
7 5 3 0 5 10 15 20 25 30 IT07807
Drain Current, ID -- A
IT07806
Drain-to-Source Voltage, VDS -- V
No.8053-3/5
2SK3815
10 9
VGS -- Qg
VDS=30V ID=23A
2 100 7 5
ASO
IDP=92A ID=23A PW10s 10 s 10 0 s 1m s 10 10 ms 0m s
era tio n
Gate-to-Source Voltage, VGS -- V
8 7 6 5 4 3 2 1 0 0 5 10 15 20 IT07808
Drain Current, ID -- A
3 2 10 7 5 3 2 1.0 7 5 3 2
DC
op
Operation in this area is limited by RDS(on). Tc=25C Single pulse
2 3 5 7 1.0 2 3
0.1 0.1
5 7 10
2
3
Total Gate Charge, Qg -- nC
2.0
PD -- Ta
Allowable Power Dissipation, PD -- W
Drain-to-Source Voltage, VDS -- V
45 40 35 30 25 20 15 10 5 0
5 7 100 IT07809
PD -- Tc
Allowable Power Dissipation, PD -- W
1.65 1.5
1.0
0.5
0 0 20 40 60 80 100 120 140 160
0
20
40
60
80
100
120
140
160
Amibient Tamperature, Ta -- C
120
IT07811
Case Tamperature, Tc -- C
IT07810
EAS -- Ta
Avalanche Energy derating factor -- %
100
80
60
40
20
0 0 25 50 75 100 125 150 175 IT10478
Ambient Temperature, Ta -- C
No.8053-4/5
2SK3815
Note on usage : Since the 2SK3815 is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of November, 2007. Specifications and information herein are subject to change without notice.
PS No.8053-5/5


▲Up To Search▲   

 
Price & Availability of 2SK381507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X