Part Number Hot Search : 
V48C1 ZTX1147A 9313USI 500ET BD675 2902052 LB1978V 05033
Product Description
Full Text Search
 

To Download 2KBB20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2KBB Series
Vishay High Power Products
Single Phase Rectifier Bridge, 1.9 A
FEATURES
* Suitable for printed circuit board mounting * Leads on standard 2.54 mm (0.1") grid * Compact construction * High surge current capability * Polarized package * Equivalent to standard DIN parts
2KBB
RoHS
COMPLIANT
* RoHS compliant
DESCRIPTION PRODUCT SUMMARY
IO VRRM 1.9 A 100 to 1000 V
A 1.9 A single phase diode bridge rectifier assembly consisting of four silicon diodes in a plastic encapsulation, intended for general applications in industrial and consumer equipment.
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL IO IFSM I2 t VRRM TJ 50 Hz 60 Hz 50 Hz 60 Hz CHARACTERISTICS VALUES 1.9 50 52 17.7 16.1 100 to 1000 - 40 to 150 UNITS A A
A2 s V C
ELECTRICAL SPECIFICATIONS VOLTAGE RATINGS AND APPLICATION DATA
CROSS REFERENCE IRM VRRM, VRSM TYPICAL PEAK REVERSE MAXIMUM PEAK CURRENT PER DIODE REVERSE VOLTAGE AT RATED VRRM TJ = 15 C (A) (V) TJ = 25 C TJ = 150 C 50 100 200 400 600 800 1000 10 10 10 10 10 10 10 500 500 500 500 500 500 500 APPLICATION DATA (SEE FIGURE 3) CMAX RMIN VRMS MAXIMUM RECOMMENDED MAXIMUM MINIMUM AC SUPPLY LOAD SOURCE VOLTAGE CAPACITANCE RESISTANCE (V) (F) () 20 40 80 125 250 380 500 7000 5000 3300 1600 1200 800 600 0.3 0.5 0.8 1.5 2.5 3.0 5.0
PART NUMBER
DIN CODE
2KBB05 2KBB10 2KBB20 2KBB40 2KBB60 2KBB80 2KBB100
B20C1500 B40C1500 B80C1500 B125C1500 B250C1500 B380C1500 B500C1500
Note * For PIN configuration - ~ ~ + add "R" to end of part number, e.g. 2KBB05R (see also dimensions for details - link at the end of datasheet)
Document Number: 93561 Revision: 17-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 1
2KBB Series
Vishay High Power Products
Single Phase Rectifier Bridge, 1.9 A
FORWARD CONDUCTION
PARAMETER Maximum DC output current Maximum peak one cycle, non-repetitive surge current SYMBOL IO TEST CONDITIONS TC = 45 C, resistive and inductive load TC = 45 C, capacitive load t = 6 ms IFSM t = 5 ms t = 10 ms for fusing, Maximum initial TJ = TJ maximum I2t I2t I2 t t = 8.3 ms t = 10 ms t = 8.3 ms Maximum capability for fusing I2t (1) VFM f t = 0.1 to 10 ms, VRRM following surge = 0 IO = 1.9 A (3.0 Apk) Following any rated load condition, and with rated VRRM applied following surge Rated VRRM applied following surge, initial TJ = 150 C VALUES 1.9 1.5 50 A 52 12.5 11.3 17.7 16.1 177 1.1 40 to 2000 A2s V Hz A2 s UNITS A
Maximum peak forward voltage per diode Operating frequency range Note (1) I2t for time t = I2t * t x x
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER Operating junction and storage temperature range Approximate weight SYMBOL TJ, TStg VALUES - 40 to 150 4 0.14 UNITS C g oz.
Average Output Current (A)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60
Resistive, inductive load
Maximum Peak Output Current (A)
2.0
60 50 40 30 20 10 0 10-2
Capacitive load
80
100
120
140
160
10-1
1
10
Maximum Allowable Ambient Temperature (C)
Fig. 1 - Average (DC) Output Current vs. Maximum Allowable Ambient Temperature
Equal Amplitude Pulse Train Duration (s)
Fig. 2 - Maximum Non-Repetitive Surge Current vs. Pulse Train Duration (f = 50 Hz)
www.vishay.com 2
For technical questions, contact: ind-modules@vishay.com
Document Number: 93561 Revision: 17-Jun-08
2KBB Series
Single Phase Rectifier Bridge, 1.9 A
600 CL = 200 F 500 CL = 600 F 400 CL = 800 F 300 CL = 1200 F 200 CL = 3300 F 100 CL = 7000 F 0 0 1 2 3 4 5 6 10-1 1 10 102 103 CL = 5000 F CL = 1600 F 10
Vishay High Power Products
Average Output Current (A)
CL = 400 F
RMS Supply Voltage (V)
5 Resistive, inductive load
2 Capacitive load 1
0.5
Minimum Required Value of Source Resistance ()
Fig. 3 - Minimum Required Source Resistance vs. RMS Supply Voltage and Load Capacitance
Switch-On Surge Duration (s)
Fig. 4 - Maximum Switch-On Surge Current vs. Surge Duration
CIRCUIT CONFIGURATION
AC
(+)
AC
(-)
LINKS TO RELATED DOCUMENTS Dimensions http://www.vishay.com/doc?95328
Document Number: 93561 Revision: 17-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 2KBB20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X