Part Number Hot Search : 
HT82M25X VICES 72063 1020C 1252BL BTA06 F3853 SKM150
Product Description
Full Text Search
 

To Download 1N5388B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5345B ... 1N5388B (5 W)
1N5345B ... 1N5388B (5 W)
Silicon-Power-Zener Diodes (non-planar technology) Silizium-Leistungs-Zener-Dioden (flachendiffundierte Dioden) Version 2006-04-21 Maximum power dissipation Maximale Verlustleistung
O 4.50.1
5W 8.7...200 V ~ DO-201 0.8 g
Nominal Z-voltage Nominale Z-Spannung Plastic case Kunststoffgehause Weight approx. Gewicht ca.
0.5
Type
62.5
7.5
0.1
O 1.20.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Dimensions - Mae [mm]
Standard Zener voltage tolerance is 5%). Other voltage tolerances and higher Zener voltages on request. Die Toleranz der Zener-Spannung ist in der Standard-Ausfuhrung 5%. Andere Toleranzen oder hohere Arbeitsspannungen auf Anfrage.
Maximum ratings and Characteristics Power dissipation Verlustleistung Non repetitive peak power dissipation, t < 10 ms Einmalige Impuls-Verlustleistung, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Anschluss
2
Grenz- und Kennwerte TA = 25C TA = 25C Ptot PZSM Tj TS RthA RthL 5 W 1) 80 W -50...+150C -50...+175C < 25 K/W 1) <8 K/W
Zener voltages see table on next page - Zener-Spannungen siehe Tabelle auf der nachsten Seite
1 2
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden Tested with pulses - Gemessen mit Impulsen http://www.diotec.com/
(c) Diotec Semiconductor AG
1
1N5345B ... 1N5388B (5 W) Maximum ratings
Type Typ Zener voltage ) Zener-Spannung 2) IZ = IZtest VZ [V] 1N5345B 1N5346B 1N5347B 1N5348B 1N5349B 1N5350B 1N5351B 1N5352B 1N5353B 1N5354B 1N5355B 1N5356B 1N5357B 1N5358B 1N5359B 1N5360B 1N5361B 1N5362B 1N5363B 1N5364B 1N5365B 1N5366B 1N5367B 1N5368B 1N5369B 1N5370B 1N5371B 1N5372B 1N5373B 1N5374B 1N5375B 1N5376B 1N5377B 1N5378B 1N5379B 1N5380B 1N5381B 1N5382B 1N5383B 1N5384B 1N5385B 1N5386B 1N5387B 1N5388B 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200
2
Grenzwerte
Test current Mess-Strom IZtest [mA] 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30 30 30 25 25 20 20 20 20 20 15 15 15 12 12 10 10 8 8 8 8 5 5 5 2 2 2 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3 3 3.5 3.5 4 5 6 8 10 11 14 20 25 27 35 40 42 44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480 Dynamic resistance Diff. Widerstand IZ = IZtest IZ = 1 mA rzj [] 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160 170 190 210 230 280 350 400 500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850 Reverse volt. Sperrspanng. IR = 1 A VR [V] > 6.6 (10A) > 6.9 (7.5A) > 7.6 (5A) > 8.4 (5A) > 9.1 (2A) > 9.9 (1A) > 10.6 (1A) > 11.5 (1A) > 12.2 (1A) > 12.9 > 13.7 > 14.4 > 15.2 > 16.7 > 18.2 > 19.0 > 20.6 > 21.2 > 22.8 > 25.1 > 27.4 > 29.7 > 32.7 > 35.8 > 38.8 > 42.6 > 45.5 > 47.1 > 51.7 > 56.0 > 62.2 > 66.0 > 69.2 > 76.0 > 83.6 > 91.2 > 98.8 > 106 > 114 > 122 > 129 > 137 > 144 > 152 Surge current Stostrom tp = 8.3 ms IZS [A] 9.5 9.2 8.6 8.0 7.5 7.0 6.7 6.3 6.0 5.8 5.5 5.3 5.1 4.7 4.4 4.3 4.1 3.9 3.7 3.5 3.3 3.1 2.8 2.7 2.5 2.3 2.2 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.2 1.1 1.1 1.0 1.0 0.9 0.9 Z-current 1) Z-Strom 1) TA = 50C IZmax [mA] 546 522 475 432 396 365 339 317 297 279 264 250 238 216 198 190 176 170 158 144 132 122 110 101 93 85 79 77 70 63 58 55 52 48 43 40 37 34 32 30 28 26 25 24
1
Notes see previous page - Funoten siehe vorhergehende Seite http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of 1N5388B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X