|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
16RIA Series Vishay High Power Products Medium Power Thyristors (Stud Version), 16 A FEATURES * Improved glass passivation for high reliability and exceptional stability at high temperature * High dI/dt and dV/dt capabilities * Standard package * Low thermal resistance * Metric threads version available * Types up to 1200 V VDRM/VRRM TO-208AA (TO-48) RoHS COMPLIANT * RoHS compliant * Designed and qualified for industrial and consumer level TYPICAL APPLICATIONS PRODUCT SUMMARY IT(AV) 16 A * Medium power switching * Phase control applications * Can be supplied to meet stringent military, aerospace and other high reliability requirements MAJOR RATINGS AND CHARACTERISTICS PARAMETER IT(AV) IT(RMS) 50 Hz ITSM 60 Hz 50 Hz 60 Hz VDRM/VRRM tq TJ Typical TEST CONDITIONS VALUES 16 TC 85 35 340 A 360 574 524 100 to 1200 110 - 65 to 125 V s C A2 s UNITS A C A I2 t Document Number: 93695 Revision: 19-Sep-08 For technical questions, contact: ind-modules@vishay.com www.vishay.com 1 16RIA Series Vishay High Power Products Medium Power Thyristors (Stud Version), 16 A ELECTRICAL SPECIFICATIONS VOLTAGE RATINGS TYPE NUMBER VOLTAGE CODE 10 20 40 16RIA 60 80 100 120 VDRM/VRRM, MAXIMUM REPETITIVE PEAK AND OFF-STATE VOLTAGE (1) V 100 200 400 600 800 1000 1200 VRSM, MAXIMUM NON-REPETITIVE PEAK VOLTAGE (2) V 150 300 500 700 900 1100 1300 10 IDRM/IRRM MAXIMUM AT TJ = TJ MAXIMUM mA 20 Notes (1) Units may be broken over non-repetitively in the off-state direction without damage, if dI/dt does not exceed 20 A/s (2) For voltage pulses with t 5 ms p ABSOLUTE MAXIMUM RATINGS PARAMETER Maximum average on-state current at case temperature Maximum RMS on-state current SYMBOL IT(AV) IT(RMS) t = 10 ms Maximum peak, one-cycle non-repetitive surge current ITSM t = 8.3 ms t = 10 ms t = 8.3 ms t = 10 ms Maximum I2t for fusing I2 t t = 8.3 ms t = 10 ms t = 8.3 ms Maximum I2t for fusing Low level value of threshold voltage High level value of threshold voltage Low level value of on-state slope resistance High level value of on-state slope resistance Maximum on-state voltage Maximum holding current Latching current I2t VT(TO)1 VT(TO)2 rt1 rt2 VTM IH IL No voltage reapplied 100 % VRRM reapplied No voltage reapplied 100 % VRRM reapplied Sinusoidal half wave, initial TJ = TJ maximum TEST CONDITIONS 180 sinusoidal conduction VALUES 16 85 35 340 360 285 300 574 524 405 375 5740 0.97 1.24 17.9 m 13.6 1.75 130 200 V mA A2s A2 s A UNITS A C A t = 0.1 to 10 ms, no voltage reapplied, TJ = TJ maximum (16.7 % x x IT(AV) < I < x IT(AV)), TJ = TJ maximum (I > x IT(AV)), TJ = TJ maximum (16.7 % x x IT(AV) < I < x IT(AV)), TJ = TJ maximum (I > x IT(AV)), TJ = TJ maximum Ipk = 50 A, TJ = 25 C TJ = 25 C, anode supply 6 V, resistive load V www.vishay.com 2 For technical questions, contact: ind-modules@vishay.com Document Number: 93695 Revision: 19-Sep-08 16RIA Series Medium Power Thyristors Vishay High Power Products (Stud Version), 16 A SWITCHING PARAMETER VDRM 600 V Maximum rate of rise of turned-on current VDRM 800 V VDRM 1000 V VDRM 1600 V Typical turn-on time Typical reverse recovery time tgt trr dI/dt TJ = TJ maximum, VDM = Rated VDRM Gate pulse = 20 V, 15 , tp = 6 s, tr = 0.1 s maximum ITM = (2 x rated dI/dt) A TJ = 25 C, at rated VDRM/VRRM, TJ = 125 C TJ = TJ maximum, ITM = IT(AV), tp > 200 s, dI/dt = - 10 A/s TJ = TJ maximum, ITM = IT(AV), tp > 200 s, VR = 100 V, dI/dt = - 10 A/s, dV/dt = 20 V/s linear to 67 % VDRM, gate bias 0 V to 100 W SYMBOL TEST CONDITIONS VALUES 200 180 160 150 0.9 4 A/s UNITS s Typical turn-off time tq 110 Note * tq = 10 s up to 600 V, tq = 30 s up to 1600 V available on special request BLOCKING PARAMETER Maximum critical rate of rise of off-state voltage SYMBOL dV/dt TEST CONDITIONS TJ = TJ maximum linear to 100 % rated VDRM TJ = TJ maximum linear to 67 % rated VDRM VALUES 100 300 (1) UNITS V/s (1) Note Available with: dV/dt = 1000 V/s, to complete code add S90 i.e. 16RIA120S90 TRIGGERING PARAMETER Maximum peak gate power Maximum average gate power Maximum peak positive gate current Maximum peak negative gate voltage SYMBOL PGM PG(AV) IGM -VGM TEST CONDITIONS TJ = TJ maximum TJ = TJ maximum TJ = TJ maximum TJ = - 65 C DC gate current required to trigger IGT TJ = 25 C TJ = 125 C TJ = - 65 C DC gate voltage required to trigger VGT TJ = 25 C TJ = 125 C DC gate current not to trigger IGD TJ = TJ maximum, VDRM = Rated value Maximum gate current/voltage not to trigger is the maximum value which will not trigger any unit with rated VDRM anode to cathode applied Maximum required gate trigger current/voltage are the lowest value which will trigger all units 6 V anode to cathode applied VALUES 8.0 2.0 1.5 10 90 60 35 3.0 2.0 1.0 2.0 mA V mA UNITS W A V DC gate voltage not to trigger VGD TJ = TJ maximum, VDRM = Rated value 0.2 V Document Number: 93695 Revision: 19-Sep-08 For technical questions, contact: ind-modules@vishay.com www.vishay.com 3 16RIA Series Vishay High Power Products Medium Power Thyristors (Stud Version), 16 A THERMAL AND MECHANICAL SPECIFICATIONS PARAMETER Maximum operating junction and storage temperature range Maximum thermal resistance, junction to case Maximum thermal resistance, case to heatsink SYMBOL TJ, TStg RthJC RthCS DC operation Mounting surface, smooth, flat and greased TO NUT 20 (27.5) Mounting torque Lubricated threads (Non-lubricated threads) 0.23 (0.32) 2.3 (3.1) Approximate weight Case style See dimensions - link at the end of datasheet 14 0.49 TO-208AA (TO-48) TEST CONDITIONS VALUES - 65 to 125 0.86 K/W 0.35 TO DEVICE 25 0.29 2.8 lbf in kgf * m N*m g oz. UNITS C RthJC CONDUCTION CONDUCTION ANGLE 180 120 90 60 30 SINUSOIDAL CONDUCTION 0.21 0.25 0.31 0.45 0.76 RECTANGULAR CONDUCTION 0.15 0.25 0.34 0.47 0.76 TJ = TJ maximum K/W TEST CONDITIONS UNITS Note * The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC Maximum Allowable Case Temperature (C) 120 110 100 90 16RIA Series RthJC (DC) = 1.15 K/W Maximum Allowable Case Temperature (C) 130 130 120 110 100 Conduction Period 16RIA Series RthJC (DC) = 1.15 K/W Conduction Angle 90 30 80 70 60 DC 50 0 10 20 30 40 Average On-state Current (A) 60 90 120 180 30 80 70 60 50 0 5 60 90 120 180 10 15 20 25 Average On-state Current (A) Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics www.vishay.com 4 For technical questions, contact: ind-modules@vishay.com Document Number: 93695 Revision: 19-Sep-08 16RIA Series Medium Power Thyristors Vishay High Power Products (Stud Version), 16 A 45 40 35 30 25 20 15 10 5 0 0 5 10 15 20 25 0 25 50 75 100 125 Average On-state Current (A) Maximum Allowable Ambient Temperature (C) Conduction Angle Maximum Average On-state Power Loss (W) 180 120 90 60 30 RMS Limit hS Rt A 2 = K/ W 1 0. W K/ 3K /W 4K /W 5K /W 7K /W a elt -D R 16RIA Series TJ = 125C 10 K/ W Fig. 3 - On-State Power Loss Characteristics Maximum Average On-state Power Loss (W) 45 40 35 30 25 RMS Limit 20 15 10 5 0 0 4 8 12 16 20 24 28 0 25 50 75 100 125 Average On-state Current (A) Maximum Allowable Ambient Temperature (C) Conduction Period DC 180 120 90 60 30 hS Rt 2 A = K/ W 1 0. W K/ 3K /W 4K /W 5K /W 7K /W a elt -D R 16RIA Series TJ = 125C 10 K/W Fig. 4 - On-State Power Loss Characteristics 300 Peak Half Sine Wave On-state Current (A) 280 260 240 220 200 180 160 140 1 Peak Half Sine Wave On-state Current (A) At Any Rated Load Condition And With Rated V RRMApplied Following Surge. Initial TJ= 125C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s 350 325 300 275 250 225 200 175 150 Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial TJ= 125C No Voltage Reapplied Rated VRRMReapplied 16RIA Series 16RIA Series 10 100 125 0.01 0.1 Pulse Train Duration (s) 1 Number Of Equal Amplitude Half Cycle Current Pulses (N) Fig. 5 - Maximum Non-Repetitive Surge Current Fig. 6 - Maximum Non-Repetitive Surge Current Document Number: 93695 Revision: 19-Sep-08 For technical questions, contact: ind-modules@vishay.com www.vishay.com 5 16RIA Series Vishay High Power Products Medium Power Thyristors (Stud Version), 16 A 1000 16RIA Series Instantaneous On-state Current (A) 100 10 TJ = 25C TJ = 125C 1 0.5 1 1.5 2 2.5 3 3.5 Instantaneous On-state Voltage (V) Fig. 7 - Forward Voltage Drop Characteristics Transient Thermal Impedance Z thJC (K/W) 10 Steady State Value RthJC = 1.15 K/W (DC Operation) 1 0.1 16RIA Series 0.01 0.001 0.01 0.1 Square Wave Pulse Duration (s) 1 10 Fig. 8 - Thermal Impedance ZthJC Characteristics 100 Instantaneous Gate Voltage (V) Rectangular gate pulse a) Recommended load line for rated di/dt : 10V, 20ohms tr <=0.5 s, tp >= 6 s b) Recommended load line for <=30% rated di/dt : 10V, 65ohms 10 tr<=1 s, tp >= 6 s (b) Tj = -65 C Tj = 25 C (1) PGM = 16W, (2) PGM = 30W, (3) PGM = 60W, (4) PGM = 60W, (a) tp = 4ms tp = 2ms tp = 1ms tp = 1ms Tj = 125 C 1 VGD IGD 0.1 0.001 0.01 (1) (2) (3) (4) 16RIA Series Frequency Limited by PG(AV) 0.1 1 10 100 Instantaneous Gate Current (A) Fig. 9 - Gate Characteristics www.vishay.com 6 For technical questions, contact: ind-modules@vishay.com Document Number: 93695 Revision: 19-Sep-08 16RIA Series Medium Power Thyristors Vishay High Power Products (Stud Version), 16 A ORDERING INFORMATION TABLE Device code 16 1 1 2 3 4 5 RIA 2 - 120 3 M 4 S90 5 Current code Essential part number Voltage code x 10 = VRRM (see Voltage Ratings table) None = Stud base TO-208AA (TO-48) 1/4" 28UNF-2A M = Stud base TO-208AA (TO-48) M6 x 1 Critical dV/dt: None = 300 V/s (standard value) S90 = 1000 V/s (special selection) LINKS TO RELATED DOCUMENTS Dimensions http://www.vishay.com/doc?95333 Document Number: 93695 Revision: 19-Sep-08 For technical questions, contact: ind-modules@vishay.com www.vishay.com 7 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of 16RIA10 |