Part Number Hot Search : 
CLAMP LM1640 MAC12SMG CLAMP 00130 IIRL3713 MTM8N20 M1001
Product Description
Full Text Search
 

To Download 0805H101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VJ X8R Dielectric
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
FEATURES
* Surface mount, precious metal technology, wet build process
RoHS
COMPLIANT
* High operating temperature dielectric, up to + 150 C * Maintain capacity at high temperature for frequency stability
APPLICATIONS
* Deephole drilling electronics * High temperature modules
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 C unless otherwise specified.
Operating Temperature: - 55 C to + 150 C Capacitance Range: 470 pF to 390 F Voltage Rating: 25 Vdc to 50 Vdc Temperature Coefficient of Capacitance (TCC): X8R 15 % from - 55 C to + 150 C Dissipation Factor (DF): 25 V ratings: 3.5 % maximum at 1.0 Vrms and 1 kHz 50 V ratings: 2.5 % maximum at 1.0 Vrms and 1 kHz Aging Rate: 1 % maximum per decade
Insulation Resistance (IR): At + 25 C and rated voltage 100 000 M minimum or 1000 F, whichever is less At + 125 C and rated voltage 10 000 M minimum or 100 F, whichever is less Dielectric Withstanding Voltage (DWV): This is the maximum voltage the capacitors are tested for a 1 to 5 second period and the charge/discharge current does not exceed 50 mA. 50 Vdc: DWV at 250 % of rated voltage
Document Number: 45006 Revision: 11-Nov-08
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com 55
VJ X8R Dielectric
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
ORDERING INFORMATION
VJ0805 CASE CODE 0603 0805 1206 1210 H DIELECTRIC H = X8R 102 K X TERMINATION X = Ni barrier 100 % tin plated. F = AgPd A DC VOLTAGE RATING (1) X = 25 V A = 50 V A MARKING A = Unmarked M = Marked Note: Marking is only available for 0805 and 1206 T = 7" reel/plastic tape C = 7" reel/paper tape R = 11 1/4"/13" reel/plastic tape P = 11 1/4"/13" reel/paper tape O = 7" reel flamed paper tape I = 11 1/4"/13" reel flamed paper tape Note: "I" and "O" are used for "F" termination Notes: (1) DC voltage rating should not be exceeded in application (2) Process Code may be added with up to three digits, used to control non-standard products and requirements. I.e. "A2" temporarily used to identify manufacturing plant. T PACKAGING ### (2) PROCESS CODE CAPACITANCE CAPACITANCE NOMINAL CODE TOLERANCE Expressed in picofarads (pF). The first two digits are significant, the third is a multiplier. Examples: 102 = 1000 pF J=5% K = 10 % M = 20 %
DIMENSIONS in inches [millimeters]
L W
T MAX. P
EIA STYLE
PART ORDERING NUMBER VJ0603
LENGTH (L) 0.063 0.005 [1.60 0.12] 0.079 0.008 [2.00 0.20] 0.126 0.008 [3.20 0.20] 0.126 0.008 [3.20 0.20]
WIDTH (W) 0.031 0.005 [0.80 0.12] 0.049 0.008 [1.25 0.20] 0.063 0.008 [1.60 0.20] 0.098 0.008 [2.50 0.20]
MAXIMUM THICKNESS (T) 0.036 [0.92] 0.057 [1.45] 0.067 [1.70] 0.067 [1.70]
TERMINATION MINIMUM 0.012 [0.30] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] MAXIMUM 0.018 [0.46] 0.028 [0.71] 0.028 [0.71] 0.028 [0.71]
0603
0805
VJ0805
1206
VJ1206
1210
VJ1210
www.vishay.com 56
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45006 Revision: 11-Nov-08
VJ X8R Dielectric
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
SELECTION CHART
STYLE EIA TYPE VOLTAGE (Vdc) CAP. CODE CAP. 101 100 pF 121 120 pF 151 150 pF 181 180 pF 221 220 pF 271 270 pF 331 330 pF 391 390 pF 471 470 pF 561 560 pF 681 680 pF 821 820 pF 102 1000 pF 122 1200 pF 152 1500 pF 182 1800 pF 222 2200 pF 272 2700 pF 332 3300 pF 392 3900 pF 472 4700 pF 562 5600 pF 682 6800 pF 822 8200 pF 103 0.010 F 123 0.012 F 153 0.015 F 183 0.018 F 223 0.022 F 273 0.027 F 333 0.033 F 393 0.039 F 473 0.047 F 563 0.056 F 683 0.068 F 823 0.082 F 104 0.10 F 124 0.12 F 154 0.15 F 184 0.18 F 224 0.22 F 274 0.27 F 334 0.33 F 394 0.39 F 474 0.47 F 564 0.56 F 684 0.68 F 824 0.82 F 105 1.0 F 125 1.2 F 155 1.5 F 185 1.8 F 225 2.2 F VJ0603 0603 25 50 25 VJ0805 0805 50 25 VJ1206 1206 50 25 VJ1210 (1) 1210 50
Vishay Vitramon
** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** **
** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** **
** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** * * * * *
** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * *
Notes: (1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034 * Plastic Tape, ** Paper Tape Document Number: 45006 Revision: 11-Nov-08 For technical questions, contact: mlcc.specials@vishay.com www.vishay.com 57
VJ X8R Dielectric
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
X8R DIELECTRIC - TYPICAL PARAMETERS
15 % CAPACITANCE CHANGE 10 5 0 -5 - 10 - 15 - 20
TYPICAL PARAMETER X8R TEMPERATURE COEFFICIENT OF CAPACITANCE 10 000 INSULATION RESISTANCE
TYPICAL PARAMETER X8R MINIMUM ISOLATION RESISTANCE VS. TEMPERATURE
1000
(F)
100 10
- 75 - 50 - 25
0
25
50
75 100 125 150 175
10
25 TEMPERATURE C
100
150
TEMPERATURE C
TYPICAL PARAMETER X8R DISSIPATION FACTOR VS. TEMPERATURE 5.0 % DISSIPATION FACTOR 4.5 4.0 3.5 C% 3.0 2.5 2.0 1.5 1.0 0.5 0.0 - 75 - 50 - 25 0 25 50 75 100 125 150 175 TEMPERATURE C X8R 0.0 1.0
TYPICAL PRAMETER X8R AGING RATE
- 1.0 - 2.0 - 3.0 - 4.0 1 10 100 HOURS 1000 10 000
www.vishay.com 58
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45006 Revision: 11-Nov-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 0805H101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X