Part Number Hot Search : 
ONTROL HHM1545 EPD1007G DLT431H LT1526J IKW50 SP12VDCR 75N06HD
Product Description
Full Text Search
 

To Download ZMDZ106W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZMDZ106W
www.SunLED.com
APOLLO
PRELIMINARY SPEC
Features
SUPER HIGH FLUX OUTPUT AND HIGH LUMINANCE. DESIGNED FOR HIGH CURRENT OPERATION. LOW THERMAL RESISTANCE. LOW VOLTAGE DC OPERATED. SUPERIOR ESD PROTECTION. PACKAGE: 500PCS/REEL. NOT REFLOW COMPATIBLE. THE COMPONENT IS INTERNALLY PROTECTED WITH SILICONE GEL. RoHS COMPLIANT.
Outline Drawings
Applications
Traffic signaling. Backlighting (illuminated advertising , general lighting). Interior and exterior automotive lighting. Substitution of micro incandescent lamps. Portable light source (e.g. bicycle flashlight). Signal and symbol luminaire for orientation. Marker lights (e.g. steps, exit ways, etc). Decorative and entertainment lighting . Indoor and outdoor commercial and residential architectural lighting.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice.
Published Date : FEB 23, 2008
Drawing No : SDSA6160
V1
Checked : B.L.LIU
P. 1/6
Part Number:
ZMDZ106W
www.SunLED.com
APOLLO
Emitting Color Emitting Material Luminous Intensity (IF=500mA)[1] cd min. typ. 17 100 Viewing Angle 2 1/2 [2]
Part Number
Lens-color
ZMDZ106W
Reddish-Orange
AlGalnP
Water Clear
12
Absolute Maximum Ratings at TA=25C
Parameter Power Dissipation Junction Temperature Operating Temperature Storage Temperature DC Forward Current [1] Peak Forward Current [3] Thermal Resistance [1] Iron Soldering [4] Electrostatic Discharge Threshold (HBM) Symbol Pt TJ Top Tstg IF IFM Rth j-slug Value 1.62 110 -40 To +100 -40 To +100 500 700 12 350C For 3 Seconds 8000 V Unit mW C C C mA mA C/W
Notes: 1.Metal Core PCB is mounted on the heat Fins. 2. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 3.1/10 Duty Cycle, 0.1ms Pulse Width. 4. 1.29mm below package base.
Electrical / Optical Characteristics at TA=25C
Parameter Wavelength at peak emission IF=500mA Dominant Wavelength IF=500mA Spectral bandwidth at 50%
REL MAX
Symbol [Typ.] [Typ.] IF=500mA [Typ.] peak dom
Value 628 623 22 2.4
Unit nm nm nm
Forward Voltage (IF=500mA) Forward Voltage (IF=500mA) Forward Voltage (IF=500mA) Temperature coefficient of peak IF=350mA, -10C T100C Temperature coefficient of dom IF=350mA, -10C T100C Temperature coefficient of VF IF=350mA, -10C T100C
[Min.] [Typ.] [Max.] [Typ.] [Typ.] [Typ.] TC peak TC dom TCV VF
3.0 3.6 0.08 0.03 -2.8
V
nm/C nm/C mV/C
Published Date : FEB 23, 2008
Drawing No : SDSA6160
V1
Checked : B.L.LIU
P. 2/6
Part Number:
ZMDZ106W
www.SunLED.com
APOLLO
ZMDZ106W
Published Date : FEB 23, 2008
Drawing No : SDSA6160
V1
Checked : B.L.LIU
P. 3/6
Part Number:
ZMDZ106W
www.SunLED.com
APOLLO
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 23, 2008
Drawing No : SDSA6160
V1
Checked : B.L.LIU
P. 4/6
Part Number:
ZMDZ106W
www.SunLED.com
APOLLO
Recommended Solder Steps
Published Date : FEB 23, 2008
Drawing No : SDSA6160
V1
Checked : B.L.LIU
P. 5/6
Part Number:
ZMDZ106W
www.SunLED.com
APOLLO ZMDZ106W
PACKING & LABEL SPECIFICATIONS
Published Date : FEB 23, 2008
Drawing No : SDSA6160
V1
Checked : B.L.LIU
P. 6/6


▲Up To Search▲   

 
Price & Availability of ZMDZ106W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X