Part Number Hot Search : 
B1315 ZC8150 4HC74 ADC326 SC312 XXXXXBG 12N10 MB90F
Product Description
Full Text Search
 

To Download TIP3055F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
POWER TRANSISTORS
TIP2955F PNP TIP3055F NPN TO- 3P Fully Isolated Plastic Package
B
C
E
Designed for General Purpose Switching and Amplifier Applications
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector-Emitter Voltage Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Base Current Total Power Dissipation upto Tc=25 C Derate above 25 C Operating And Storage Junction Temperature Range THERMAL RESISTANCE From Junction to case From Junction to Ambient
SYMBOL VCEO VCER VCB VEB IC IB PD Tj, Tstg
VALUE 60 70 100 7.0 15 7.0 90 0.72 - 65 to +150
UNIT V V V V A A W W/ C C
Rth (jc) Rth (ja)
1.39 35.7
C/W C/W
ELECTRICAL CHARACTERISTICS (Tc=25C unless specified otherwise) TEST CONDITION DESCRIPTION SYMBOL VCEO(sus) * IC = 30 mA, IB = 0 Collector-Emitter Sustaining Voltage ICER VCE=70V, RBE=100 Collector Cutoff Current ICEO VCE = 30 V, IB =0 Collector Cutoff Current ICEV VCE=100V, VBE(off) =1.5 V Collector Cutoff Current IEBO VBE = 7.0 V, IC = 0 Emitter Cutoff Current hFE * IC = 4.0 A, VCE = 4.0 V DC Current Gain IC = 10 A, VCE = 4.0 V VCE(sat) * IC = 4.0 A, IB = 400 mA Collector-Emitter Saturation Voltage IC = 10 A, IB = 3.3 A VBE(on) * IC = 4.0 A, VCE = 4.0 V Base-Emitter On Voltage Second Breakdown Second Breakdown Collector Current with Base Forward Biased
MIN 60
TYP
MAX 1.0 0.7 5.0 5.0 70 1.1 3.0 1.8
UNIT V mA mA mA mA
20 5.0
V V
IS / b
VCE = 30 V, t = 1.0s, Nonrepetitive
3.0
A
TIP2955F PNP TIP3055F NPN TO- 3P Fully Isolated Plastic Package
B
C
E
ELECTRICAL CHARACTERISTICS (Tc=25C unless specified otherwise) Dynamic Characteristics DESCRIPTION Current Gain - Bandwidth Product Small-Signal Current Gain TEST CONDITION SYMBOL fT IC=0.5A,VCE=10V,f =1.0MHz hfe VCE=4.0 V,IC=1.0 A,f =1.0KHz MIN 2.5 15 TYP MAX UNIT MHz
* Pulse test: Pulse Width =300s ; Duty cycle < 2.0%.
TIP2955F PNP TIP3055F NPN TO- 3P Fully Isolated Plastic Package TO-3P (TO-218) Plastic Package
A D B C
DIM A B C
MIN 15.80 5.20 3.80 O 3.30 14.50 33.25 20.75 11.50 1.00 18.75 0.40 3.15
MAX 16.40 5.70 4.20 O 3.60 15.10 36.75 21.25 12.25 1.30 21.65 0.60 3.45
G S E H
D E F G H
F 1 2 3 K P P M N L
K L M N
5.21 5.72 P S 18.75 19.25 All diminsions in mm.
1
2
3
Pin Configuration 1. Base 2. Collector 3. Emitter
Packing Detail
PACKAGE Details TO-3P STANDARD PACK Net Weight/ t Qy Size 3" x 7.5" x 7.5" INNER CARTON BOX Qty 0.3K Size 17" x 15" x 13.5" OUTER CARTON BOX Qty 4.8K Gr Wt 42 kgs
100 pcs/ polybag 628 gm/ 100 pcs


▲Up To Search▲   

 
Price & Availability of TIP3055F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X