Part Number Hot Search : 
1L0380RB ISL97652 2SB1417A AD7242JN LYT66F 2520C 2SK16 DTA11
Product Description
Full Text Search
 

To Download TC40-11EWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
Part Number: TC40-11EWA High Efficiency Red
Features
4.0 INCH MATRIX HEIGHT. DOT SIZE 10mm. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. COMPATIBLE WITH ASCII AND EBCDIC CODES. STACKABLE HORIZONTALLY. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE DOT. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAD2486 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: JUN/06/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1332000670
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. TC40-11EWA High Efficiency Red (GaAsP/GaP) WHITE DIFFUSED 8000 Typ. 33000 Column Cathode Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance (Per Chip) Forward Voltage (Per Dot) Reverse Current (Per Dot) Device High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red Typ. 627 625 45 15 4.0 5.0 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=10V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation (Per Dot) DC Forward Current (Per Dot) Peak Forward Current [1] (Per Dot) Reverse Voltage (Per Dot) Operating / Storage Temperature Lead Solder Temperature[2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
High Efficiency Red 150 30 160 10 -40C To +85C 260C For 3-5 Seconds
Units mW mA mA V
SPEC NO: DSAD2486 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: JUN/06/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1332000670
High Efficiency Red
TC40-11EWA
SPEC NO: DSAD2486 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: JUN/06/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1332000670
PACKING & LABEL SPECIFICATIONS
TC40-11EWA
SPEC NO: DSAD2486 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: JUN/06/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1332000670


▲Up To Search▲   

 
Price & Availability of TC40-11EWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X