Part Number Hot Search : 
MPC83 71000 BEFXX SD540YS C3025 0000X18 TV110 284134
Product Description
Full Text Search
 

To Download TC25A4V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Topstek Current Transducer TC5A .. TC50A TC 5A~50A
Features
iHighly reliable Hall Effect device iCompact and light weight iFast response time iExcellent linearity of the output voltage over a wide input range iExcellent frequency response (> 50 kHz) iLow power consumption (9 mA nominal) iCapable of measuring both DC and AC, both pulsed and mixed iHigh isolation voltage between the measuring circuit and the current-carrying conductor (AC2.5KV) iExtended operating temperature range iFlame-Retardant plastic case and silicone encapsulate, using UL classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range
Applications
iUPS systems iIndustrial robots iNC tooling machines iElevator controllers iProcess control devices iAC and DC servo systems iMotor speed controller iElectrical vehicle controllers iInverter-controlled welding machines iGeneral and special purpose inverters iPower supply for laser processing machines iController for traction equipment e.g. electric trains iOther automatic control systems
Specifications
Parameter Nominal Input Current Linear Range Diameter of Primary Coil Turns of Primary Coil Ampere-Turn of Primary Coil Nominal Output Voltage Offset Voltage Output Resistance Hysteresis Error Supply Voltage Linearity ( Within Ifn ) Consumption Current Response Time (90%Vhn) Thermal Drift of Output Thermal Drift of Zero Current Offset Dielectric Strength Isolation Resistance @ 1000 VDC Operating Temperature Storage Temperature Mass ICC Tr RIS Ta Ts W Symbol Unit Ifn Ifs d T AT Vhn Vos ROUT Voh VCC/VEE mV V % mA Psec %/C mV/C V M C C g A DC A DC mm T AT V mV TC 5A 4V 5 15 0.7 10 50 TC 7.5A 4V 7.5 23 1 6 45 TC 10A 4V 10 30 1.2 5 50 TC 12.5A 4V 12.5 38 1.2 4 50 TC 15A 4V 15 45 1.4 3 45 TC 18.5A 4V 18.5 56 1.4 2 37 TC 20A 4V 20 60 1.4 2 40 TC 25A 4V 25 75 1.6 2 50 TC 50A 4V 50 150 1.6x2.5 1 50
4 V1% at If=Ifn ( RL=10k ) Within 40 mV @ If=0, Ta=25C < 50 (35 nominal) Within 10 mV @ If=Ifn 0 15V 5% Within 1% of Ifn 9 mA nominal 3 Psec max. @ d If /dt = Ifn / Psec
Within 0.1 %/C @ Ifn Within 1.5 mV/C @ Ifn AC2.5KV X 60 sec >1000 M -15C to 80C -20C to 85C 14 g
- 18 www.topstek.com
TC
V080201
7/1/2008
Topstek Current Transducer TC5A .. TC50A
Appearance, dimensions and pin identification for 5A to 25A models
All dimensions in mm 0.1, holes -0, +0.2 except otherwise noted
TC5A4V 03262
Model number and date code marking
max
Pin Assignment
Part Number TC5A4V TC7.5A4V
a* (mm) 1.2 1.3 1.4 1.4 1.5 1.5 1.5 1.5
d* (mm) 0.7 1.0 1.2 1.2 1.4 1.4 1.4 1.4
e* (mm) 1.2 1.6 1.8 1.8 2.0 2.0 2.0 2.2
+15V -15V VOUT 0V I+ I-
TC10A4V TC12.5A4V TC15A4V TC18.5A4V TC20A4V
5A to 25A PCB mounting hole layout
TC25A4V
- 19 www.topstek.com
TC
V080201
7/1/2008
Topstek Current Transducer TC5A .. TC50A
Appearance, dimensions and pin identification for TC50A model
All dimensions in mm 0.1, holes -0, +0.2 except otherwise noted
TC50A 06322
Model number and date code marking
Pin Assignment
+15V -15V
max
VOUT 0V I+ I-
Part Number x TC50A
a* (mm) 1.7
d1xd2 (mm) 1.6x2.5
hole (mm) 2.2x4.9
TC50A PCB mounting hole layout
- 20 www.topstek.com
TC
V080201
7/1/2008
Topstek Current Transducer TC5A .. TC50A
Appearance, dimensions and pin identification for TC50A-P model
All dimensions in mm 0.1, holes -0, +0.2 except otherwise noted
TC50A-P 06322
Model number and date code marking
Pin Assignment
+15V
max
-15V VOUT 0V I+ I-
x
Part Number TC50A-P
a* (mm) 1.7
d1xd2 (mm) 1.6x2.5
hole (mm) 2.2x4.9
x
TC50A-P PCB mounting hole layout
- 21 www.topstek.com
TC
V080201
7/1/2008


▲Up To Search▲   

 
Price & Availability of TC25A4V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X