Part Number Hot Search : 
CP107 5X5R1 MM3Z7V5 N74F579N 05EVAL AD5258 SSL13 AT24C01
Product Description
Full Text Search
 

To Download STD70N02L07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD70N02L STD70N02L-1
N-channel 25V - 0.0068 - 60A - DPAK - IPAK STripFETTM III Power MOSFET
Features
Type STD70N02L STD70N02L-1

VDSS 25V 25V
RDS(on) <0.008 <0.008
ID 60A 60A
3 1
RDS(ON) * Qg industry's benchmark Conduction losses reduced Switching losses reduced Low threshold device
3 2 1
DPAK
IPAK
Application
Switching applications Figure 1. Internal schematic diagram
Description
This series of products utilizes the latest advanced design rules of ST's proprietary STripFETTM technology. This is suitable for the most demanding DC-DC converter application where high efficiency is to be achieved.
Table 1.
Device summary
Order codes Marking D70N02L D70N02L Package IPAK DPAK Packaging Tube Tape & reel
STD70N02L-1 STD70N02L
October 2007
Rev 5
1/17
www.st.com 17
Contents
STD70N02L - STD70N02L-1
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5 6
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2/17
STD70N02L - STD70N02L-1
Electrical ratings
1
Electrical ratings
Table 2.
Symbol Vspike (1) VDS VDGR VGS ID (2) ID IDM (3) PTOT
Absolute maximum ratings
Parameter Drain-source voltage rating Drain-source voltage (VGS = 0) Drain-gate voltage (RGS = 20k) Gate-source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor Value 30 25 25 20 60 42 240 60 0.4 280 -55 to 175 Unit V V V V A A A W W/C mJ C
EAS (4) Tj Tstg
Single pulse avalanche energy Operating junction temperature Storage temperature
1. Guaranted when external Rg=4.7 and TfTable 3.
Symbol
Thermal data
Parameter Value 2.5 100 275 Unit C/W C/W C
Rthj-case Thermal resistance junction-case Max Rthj-amb Thermal resistance junction-amb Max Tl Maximum lead temperature for soldering purpose
3/17
Electrical characteristics
STD70N02L - STD70N02L-1
2
Electrical characteristics
(Tcase =25C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On /off states
Parameter Test conditions Min. 25 1 10
100
Typ.
Max.
Unit V A A nA V
Drain-source breakdown ID = 25mA, VGS= 0 voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance VDS = 20V, VDS = 20V,Tc = 125C VGS = 20V VDS= VGS, ID = 250A VGS= 10V, ID= 30A VGS= 5V, ID= 15A
1
1.8 0.0068 0.008 0.090 0.014
Table 5.
Symbol gfs (1) Ciss Coss Crss Qg Qgs Qgd RG QOSS(2)
1.
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge Test conditions VDS =15V, ID = 30A Min. Typ. 27 1400 400 55 24 5 3.4 32 Max. Unit S pF pF pF nC nC nC nC
VDS =16V, f=1MHz, VGS=0
VDD=10V, ID = 60A VGS =10V (see Figure 8) f=1MHz Gate DC Bias =0 test signal level =20mV open drain VDS =16V, VGS =0V
Gate input resistance
0.5
1.5
3
Output charge
9.4
Pulsed: pulse duration = 300s, duty cycle 1.5%
2. Qoss.= Coss * D Vin, Coss = Cgd + Cgd. (see Appendix A)
4/17
STD70N02L - STD70N02L-1
Electrical characteristics
Table 6.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Turn-off delay time Fall time Test conditions VDD=10V, ID=30A, RG=4.7, VGS=10V (see Figure 18) Min. Typ. 10 130 27 16 Max Unit ns ns ns ns
21.6
Table 7.
Symbol ISD ISDM VSD (1) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD=30A, VGS=0 ISD=60A, di/dt = 100A/s, VDD=20V, Tj=150C (see Figure 21) 36 36 2 Test conditions Min. Typ. Max. Unit 50 200 1.3 A A V ns nC A
1. Pulsed: pulse duration = 300s, duty cycle 1.5%
5/17
Electrical characteristics
STD70N02L - STD70N02L-1
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area Figure 3. Thermal impedance
Figure 4.
Output characterisics
Figure 5.
Transfer characteristics
Figure 6.
Transconductance
Figure 7.
Static drain-source on resistance
6/17
STD70N02L - STD70N02L-1 Figure 8. Gate charge vs gate-source voltage Figure 9.
Electrical characteristics Capacitance variations
Figure 10. Normalized gate threshold voltage vs temperature
Figure 11. Normalized on resistance vs temperature
Figure 12. Source-drain diode forward characteristics
Figure 13. Normalized BVDSS vs temperature
7/17
Electrical characteristics
STD70N02L - STD70N02L-1
Figure 14. Allowable IAV vs time in avalanche
The previous curve gives the single pulse safe operating area for unclamped inductive loads, under the following conditions: PD(AVE) =0.5*(1.3*BVDSS *IAV ) EAS(AR) =PD(AVE) *tAV Where: IAV is the allowable current in avalanche PD(AVE) is the average power dissipation in avalanche (single pulse) tAV is the time in avalanche
8/17
STD70N02L - STD70N02L-1
Buck convert
Appendix A
Buck convert
Figure 15. Synchronous buck converter
The power losses associated with the FETs in a Synchronous Buck converter can be estimated using the equations shown in the table below. The formulas give a good approximation, for the sake of performance comparison, of how different pairs of devices affect the converter efficiency. However a very important parameter, the wotking temperature, is not considered. The real device behavior is really dependent on how the heat generated inside the devices is removed to allow for a safer working junction temperature. The low side (SW2) device requires: Very low RDS(on) to reduce conduction losses Small Qgls to reduce the gate charge losses Small Coss to reduce losses due to output capacitance Small Qrr to reduce losses on SW1 during its turn-on The Cgd/Cgs ratio lower than Vth/Vgg ratio especially with low drain to source voltage to avoid the cross conduction phenomenon. The high side (SW1) device requires: Small RG and LG to allow higher gate current peak and to limit the voltage feedback on the gate Small Qg to have a faster commutation and to reduce gate charge losses Low RDS(on) to reduce the conduction losses
9/17
Buck convert
STD70N02L - STD70N02L-1
Table 8.
Power losses
High side switch (SW1) Low side switch (SW2) R DS ( on ) * I L * ( 1 - )
2
Pconduction
R DS ( on ) * I L *
2
Pswitching
IL V in * ( Q gsth ( SW1 ) + Q gd ( SW1 ) ) * f * --Ig recovery Not applicable
Zero voltage switching
1
Vin * Q rr ( SW2 ) * f
Pdiode conduction Not applicable V f ( SW2 ) * I L * t deadtime * f Q gls ( SW2 ) * V gg * f V in * Q oss ( SW2 ) * f ------------------------------------------------2
Pgate(Qg)
Q g ( SW1 ) * V gg * f V in * Q oss ( SW1 ) * f ------------------------------------------------2
PQoss
Table 9.
Power losses parameters
Meaning Duty-cycle Post threshold gate charge Third quadrant gate charge On state losses On-off transition losses Conduction and reverse recovery diode losses Gate driver losses Output capacitance losses
Paramter d Qgsth Qgls Pconduction Pswitching Pdiode Pgate PQoss
10/17
STD70N02L - STD70N02L-1
Test circuits
3
Test circuits
Figure 17. Gate charge test circuit
Figure 16. Switching times test circuit for resistive load
Figure 18. Test circuit for inductive load Figure 19. Unclamped inductive load test switching and diode recovery times circuit
Figure 20. Unclamped inductive waveform
Figure 21. Switching time waveform
11/17
Package mechanical data
STD70N02L - STD70N02L-1
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at : www.st.com
12/17
STD70N02L - STD70N02L-1
Package mechanical data
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033
H
C A C2
L2
D
B3 B6
A1
L
=
=
3
B5
B
A3
=
B2
=
G
=
E
L1
1
2
=
0068771-E
13/17
Package mechanical data
STD70N02L - STD70N02L-1
DPAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B b4 C C2 D D1 E E1 e e1 H L (L1) L2 L4 R V2 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 5.1 6.4 4.7 2.28 4.4 9.35 1 2.8 0.8 0.6 0.2 0 8 0 1 0.023 0.008 8 4.6 10.1 0.173 0.368 0.039 0.110 0.031 0.039 6.6 0.252 0.185 0.090 0.181 0.397 TYP MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.200 0.260 TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 inch
0068772-F
14/17
STD70N02L - STD70N02L-1
Package mechanical data
5
Package mechanical data
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
15/17
Revision history
STD70N02L - STD70N02L-1
6
Revision history
Table 10.
Date 29-Aug-2005 02-Dec-2005 07-Apr-2006 03-May-2006 25-Oct-2007
Document revision history
Revision 1 2 3 4 5 First release Modified Appendix A New template New value in Table 4, new curve (see Figure 14) Updated BVdss value Changes
16/17
STD70N02L - STD70N02L-1
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
17/17


▲Up To Search▲   

 
Price & Availability of STD70N02L07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X