Part Number Hot Search : 
P5KE11 J03F00 UA301 FE01003 BDT95 BL2004A1 MIW5040 1N5398
Product Description
Full Text Search
 

To Download SN010M025ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type SN 85 C Non-Polar Aluminum Electrolytic Capacitors
85 C, Radial Leaded Non-Polar Aluminum Electrolytic
Type SN is a non-polar radial leaded aluminum electrolytic capacitor with a +85 C, 1000 hours life rating. The SN is ideal for applications where the polarity is unknown or reversed such as signal coupling circuits and speakers.
Specifications
Dissipation Factor @ 120 Hz, +25 C:
Outline Drawing
PVC Sleeve d 0.05
Case vented on diameters 6.3 and greater.
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
M A SN
Capacitance Range: Voltage Range: Capacitance Tolerance: Operating Temperature Range: DC Leakage Current:
OR LL
Y
Highlights
* * * * Non-polar +85 C Good for unknown polarity applications Available in T&R and ammo pack
0.47 to 2200 F 6.3 to 100 WVNP 20% -40 C to +85 C After 2 minutes, +20 C at rated voltage I = .03CV + 4 A Max C = Capacitance in (F) V = Rated voltage I = Leakage current in A
WV (V) 6.3 10 16 25 35 50 100 DF(%) 24 20 17 15 14 12 10 For capacitance values > 1000 F, the DF (%) value is increased 2% for every additional 1000 F
Load Life:
Apply WVNP for 1,000 hours at +85 C with polarity inverted every 250 hours
Shelf Life: 500 hrs with no voltage applied at +85 C
Cap change within 25% from initial limits DC leakage 200% of initial value ESR 200% of initial value
Capacitance change within 20% of initial limit DC leakage current meets initial limits ESR 200% of initial value
S
0.5
L
15 Min.
5
D
Vinyl sleeve adds .5 Max. to diameter and 2.0 Max. to length.
Dimensions in (millimeters)
Type SN 85 C Non-Polar Aluminum Electorlytic Capacitors
Part Numbering System
SN 100 M Capacitance Type Capacitance Tolerance (F) (%) 100 Rated Voltage (Vdc) Packaging S T Lead Configuration
SN
1R0 = 1 100 = 10 101 = 100 102 = 1000
M = 20
6R3 = 6.3 010 = 10
A = Tape & Ammo E = Different Characteristic S = Standard
1 = Lead cut 2 = Lead form 4 = Lead crimp & cut (form) T = Standard
100 = 100 R = Tape & Reel
Ratings
Max ESR Catalog Cap (F) 33 47 100 220 330 470 1000 2200 10 22 33 47 100 220 330 470 1000 2200 10 22 33 47 100 220 330 470 1000 SN330M6R3ST SN470M6R3ST SN101M6R3ST SN221M6R3ST SN331M6R3ST SN471M6R3ST SN102M6R3ST SN222M6R3ST SN100M010ST SN220M010ST SN330M010ST SN470M010ST SN101M010ST SN221M010ST SN331M010ST SN471M010ST SN102M010ST SN222M010ST SN100M016ST SN220M016ST SN330M016ST SN470M016ST SN101M016ST SN221M016ST SN331M016ST SN471M016ST SN102M016ST Part Number 120 Hz +25 C () 9.65 6.78 3.18 1.45 0.97 0.68 0.32 0.16 26.54 12.06 8.04 5.65 2.65 1.21 0.80 0.56 0.27 0.13 22.56 10.25 6.84 4.80 2.26 1.03 0.68 0.48 0.23 Max Ripple 120 Hz +85 C (mA) 63 84 140 235 310 400 690 1250 42 57 77 93 193 255 380 470 885 1450 42 69 98 115 205 330 445 570 1020 Diameter (D) Length (L)
RoHS Compliant
Size in. (mm) Lead Space (S) .079 (2.0) .098 (2.5) .138 (3.5) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .079 (2.0) .079 (2.0) .098 (2.5) .098 (2.5) .138 (3.5) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5) .079 (2.0) .098 (2.5) .138 (3.5) .138 (3.5) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) Lead Dia. (d) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8)
6.3 WVNP (8 VNP Surge) .197 (5.0) .433 (11.0) .236 (6.0) .433 (11.0) .315 (8.0) .453 (11.5) .394 (10.0) .472 (12.0) .394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .512 (13.0) .984 (25.0) .630 (16.0) 1.26 (32.0) .197 (5.0) .433 (11.0) .197 (5.0) .433 (11.0) .236 (6.0) .433 (11.0) .236 (6.0) .433 (11.0) .315 (8.0) .453 (11.5) .394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .512 (13.0) .787 (20.0) .630 (16.0) .984 (25.0) .630 (16.0) 1.42 (36.0) .236 (6.0) .433 (11.0) .236 (6.0) .433 (11.0) .315 (8.0) .453 (11.5) .315 (8.0) .453 (11.5) .394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .512 (13.0) .787 (20.0) .512 (13.0) .984 (25.0) .630 (16.0) 1.26 (32.0)
10 WVNP (13 VNP Surge)
16 WVNP (20 VNP Surge)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type SN 85 C Non-Polar Aluminum Electorlytic Capacitors
Ratings
Max ESR Max Ripple Catalog Cap (F) 1.0 2.2 4.7 10 22 33 47 100 220 330 470 3.3 4.7 10 22 33 47 100 220 330 470 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 1.0 2.2 3.3 4.7 10.0 22 33 47 100 220 SN010M025ST SN2R2M025ST SN4R7M025ST SN100M025ST SN220M025ST SN330M025ST SN470M025ST SN101M025ST SN221M025ST SN331M025ST SN471M025ST SN3R3M035ST SN4R7M035ST SN100M035ST SN220M035ST SN330M035ST SN470M035ST SN101M035ST SN221M035ST SN331M035ST SN471M035ST SNR47M050ST SN010M050ST SN2R2M050ST SN3R3M050ST SN4R7M050ST SN100M050ST SN220M050ST SN330M050ST SN470M050ST SN101M050ST SN221M050ST SN331M050ST SN010M063ST SN2R2M063ST SN3R3M063ST SN4R7M063ST SN100M063ST SN220M063ST SN330M063ST SN470M063ST SN101M063ST SN221M063ST Part Number 120 Hz +25 C () 199.04 90.47 42.35 19.90 9.05 6.03 4.23 1.99 0.90 0.60 0.42 56.30 39.53 18.58 8.44 5.63 3.95 1.86 0.84 0.56 0.40 338.80 159.24 72.38 48.25 33.88 15.92 7.24 4.83 3.39 1.59 0.72 0.48 159.24 72.38 48.25 33.88 15.92 7.24 4.83 3.39 1.59 0.72 120 Hz +85 C (mA) 17 25 34 50 86 105 140 240 390 580 690 27 34 54 94 125 165 285 520 630 820 11 17 25 31 41 70 115 150 190 310 570 790 17 25 37 44 74 130 175 230 410 660 Diameter (D) .197 (5.0) .197 (5.0) .197 (5.0) .236 (6.0) .315 (8.0) .315 (8.0) Size in. (mm) Length (L) .433 (11.0) .433 (11.0) .433 (11.0) .433 (11.0) .453 (11.5) .453 (11.5) Lead Space (S) .079 (2.0) .079 (2.0) .079 (2.0) .098 (2.5) .138 (3.5) .138 (3.5) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5) .079 (2.0) .079 (2.0) .098 (2.5) .138 (3.5) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5) .079 (2.0) .079 (2.0) .079 (2.0) .098 (2.5) .098 (2.5) .138 (3.5) .197 (5.0) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5) .079 (2.0) .079 (2.0) .098 (2.5) .098 (2.5) .138 (3.5) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5) Lead Dia. (d) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8)
25 WVNP (32 VNP Surge)
.394 (10.0) .472 (12.0) .394 (10.0) .787 (20.0) .512 (13.0) .787 (20.0) .630 (16.0) .984 (25.0) .630 (16.0) .984 (25.0) .197 (5.0) .197 (5.0) .236 (6.0) .315 (8.0) .433 (11.0) .433 (11.0) .433 (11.0) .453 (11.5)
35 WVNP (44 VNP Surge)
.394 (10.0) .472 (12.0) .394 (10.0) .630 (16.0) .512 (13.0) .787 (20.0) .630 (16.0) .984 (25.0) .630 (16.0) .984 (25.0) .630 (16.0) 1.26 (32.0) .197 (5.0) .197 (5.0) .197 (5.0) .236 (6.0) .236 (6.0) .315 (8.0) .433 (11.0) .433 (11.0) .433 (11.0) .433 (11.0) .433 (11.0) .453 (11.5)
50 WVNP (63 VNP Surge)
.394 (10.0) .472 (12.0) .394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .512 (13.0) .787 (20.0) .630 (16.0) .984 (25.0) .630 (16.0) 1.42 (36.0) .197 (5.0) .197 (5.0) .197 (5.0) .236 (6.0) .315 (8.0) .433 (11.0) .433 (11.0) .433 (11.0) .433 (11.0) .453 (11.5)
63 WVNP (79 VNP Surge)
.394 (10.0) .630 (16.0) .394 (10.0) .787 (20.0) .512 (13.0) .787 (20.0) .630 (16.0) .984 (25.0) .630 (16.0) 1.26 (32.0)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type SN 85 C Non-Polar Aluminum Electorlytic Capacitors
Ratings
Max ESR Max Ripple Catalog Cap (F) 0.5 1.0 2.2 3.3 4.7 10.0 22 33 47 100 SNR47M100ST SN010M100ST SN2R2M100ST SN3R3M100ST SN4R7M100ST SN100M100ST SN220M100ST SN330M100ST SN470M100ST SN101M100ST Part Number 120 Hz +25 C () 282.33 132.70 60.32 40.21 28.23 13.27 6.03 4.02 2.82 1.33 120 Hz +85 C (mA) 14 21 34 49 58 100 180 220 285 510 Diameter (D) Size in. (mm) Length (L) Lead Space Lead Dia. (S) .079 (2.0) .098 (2.5) .098 (2.5) .138 (3.5) .138 (3.5) .197 (5.0) .197 (5.0) .197 (5.0) .295 (7.5) .295 (7.5) (d) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0197 (0.5) .0236 (0.6) .0236 (0.6) .0236 (0.6) .0315 (0.8) .0315 (0.8)
100 WVNP (125 VNP Surge) .197 (5.0) .433 (11.0) .197 (5.0) .433 (11.0) .236 (6.0) .433 (11.0) .315 (8.0) .453 (11.5) .315 (8.0) .453 (11.5) .394 (10.0) .472 (12.0) .512 (13.0) .787 (20.0) .512 (13.0) .787 (20.0) .512 (13.0) .984 (25.0) .630 (16.0) 1.26 (32.0)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of SN010M025ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X