Part Number Hot Search : 
G2511 MSZ52 28064 1018AL AP2014 AD58004 09100 U2067B
Product Description
Full Text Search
 

To Download SMA6813MP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMA6813MP High Voltage 3-Phase Motor Driver
Features and Benefits
Built-in pre-drive IC CMOS compatible input (5 V) High-side gate driver using bootstrap circuit or floating power supply Built-in protection circuit for controlling power supply voltage drop Overcurrent protection circuit (OCP) Output of fault signal during operation of protection circuit Output current 2.5 A Small SIP (SMA 23-pin)
Description
The SMA6813MP inverter power module (IPM) device provides a robust, highly-integrated solution for optimally controlling 3-phase motor power inverter systems and variable speed control systems used in energy-conserving designs to drive motors of residential and commercial appliances. These ICs take 85 to 253 VAC input voltage, and 2.5 A (continuous) output current. They can withstand voltages of up to 500 V (MOSFET breakdown voltage). The SMA6810MP power package includes an IC with all of the necessary power elements (six MOSFETs) and pre-driver ICs (two) needed to configure the main circuit of an inverter. This enables the main circuit of the inverter to be configured with fewer external components than traditional designs. Applications include residential white goods (home applications) and commercial appliance motor control: * Air conditioner fan * Refrigerator compressor * Dishwasher pump
Packages: Power SIP
Not to scale
Leadform 2401
Leadform 2402
Functional Block Diagram
VB UV D ETEC T VCC HV LEV EL SHIFT HIN P U LS E G ENP U LS E R ER A TO COM P U LSE FILTER R R S Q HS HO
High-Side Driver
VCC LIN1 D ELA Y UV D ETEC T LO 1
Low-Side Driver
LIN2 D ELA Y
LO 2
LIN3 D ELA Y COM BLANK TIMER and HOLD RC OCP
LO 3
RS
FO (TOTEM POLE)
VTRIP
Figure 1. Driver block diagrams.
28610.03
SMA6813MP
Selection Guide
Part Number Packing
High Voltage 3-Phase Motor Driver
MOSFET Breakdown Voltage, VDSS(min) (V) 500 Output Current Continuous, IO(max) (A) 2.5 Pulsed, IOP (max) (A) 5
SMA6813MP
18 pieces per tube
Absolute Maximum Ratings, valid at TA = 25C
Characteristic
Main Supply Voltage Logic Supply Voltage Bootstrap Voltage Output Current, Continuous Output Current, Pulsed Input Voltage RC Pin Input Voltage Allowable Power Dissipation Thermal Resistance (Junction to Case) Thermal Resistance (Junction to Ambient) Case Operating Temperature Junction Temperature (IGBT) Storage Temperature
Symbol
VBB VCC VBS IO IOP VIN VRC PD RJC RJA TCOP TJ Tstg Between RC and COM TC = 25C All elements operating All elements operating Between VBB and LS Between VCC and COM
Remarks
Rating
500 20 20 2.5 5 -0.5 to 7 20 28 4.46 31.25 -20 to 100 150 -40 to 150
Unit
V V V A A V V W C/W C/W C C C
Between VB and HS (U,V, and W phases) TC = 25C PW 100 s, duty cycle = 1%
Recommended Operating Conditions
Characteristic Main Supply Voltage Logic Supply Voltage Dead Time Junction Temperature Symbol VBB VCC tdead TJ Remarks Between VBB and LS Between VCC and COM Min. - 13.5 1.5 - Typ. 280 - - - Max. 400 16.5 - 125 Units V V s C
All performance characteristics given are typical values for circuit or system baseline design only and are at the nominal operating voltage and an ambient temperature, TA, of 25C, unless otherwise stated.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
2
SMA6813MP
High Voltage 3-Phase Motor Driver
Typical Application Diagram
2 VB1 5 VCC1
3 VB2
4 VB3 HO1 HS1
11 10
1
HVIC
HO2 HS2 HIN1 HIN2 HIN3 COM1 HO3 HS3 12 14 23 13
9 8 7 6
M
VCC2
LO1
Controller
VRC RC
LVIC
20 19 18 16
LIN1 LIN2 LIN3
LO2 RS 17
LO3 RCIN 15
CC
22 21
FO COM2
RS 15V
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
3
SMA6813MP
High Voltage 3-Phase Motor Driver
ELECTRICAL CHARACTERISTICS, valid at TA=25C, CC 2200 pF, unless otherwise noted Characteristics Logic Supply Voltage Logic Supply Current Input Voltage Input Voltage Hysteresis Input Current Symbol VCC ICC VIH VIL VIhys IIH IIL VUVHL VUVHH Undervoltage Lock Out VUVHhys VUVLL VUVLH VUVLhys FO Terminal Output Voltage Overcurrent Protection Trip Voltage Overcurrent Protection Hold Time Blanking Time MOSFET Breakdown Voltage MOSFET Leakage Current MOSFET On State Resistance Diode Forward Voltage Diode Recovery Time VFOL VFOH VTRIP tp1 tp2 tblank VDSS IDSS RDS(on) VSD trr tdH(on) Switching Time, High Side trH tdH(off) tfH tdL(on) Switching Time, Low Side trL tdL(off) tfL VBB = 280 V, VCC = 15 V, ID = 2.5 A, 0 V VIN 5 V Between VCC and COM VCC = 15 V VCC = 15 V, output on VCC = 15 V, output off VCC = 15 V High side, VCC = 15 V, VIN = 5 V Low side, VCC = 15 V, VIN = 0 V High side, between VB and U, V, or W High side, hysteresis Low side, between VB and U, V, or W Low side, hysteresis VCC = 15 V VCC = 13.5 to 16.5 V VRC = 15 V, RC = 1 M, CC = 1000 pF VRC = 5 V, RC = 330 k, CC = 2200 pF VCC = 15 V VCC = 15 V, ID = 100 A, VIN = 0 V VCC = 15 V, VDS = 500 V, VIN = 0 V VCC = 15 V, ID = 1.5 A, VIN = 5 V VCC = 15 V, ISD = 1.5 A, VIN = 0 V ISD = 1.5 A, di / dt = 100 A/s Conditions Min 13.5 - - 1.0 - - - 9.0 9.5 - 10.0 10.5 - 0 4.5 0.45 - - - 500 - - - - - - - - - - - - Typ 15 4 2.0 1.5 0.5 50 - 10.0 10.5 0.5 11.0 11.5 0.5 - - 0.50 260 870 2 - - 2.0 1.1 75 450 60 340 30 480 70 400 30 Max 16.5 6 2.5 - - 100 2 11.0 11.5 - 12.0 12.5 - 0.8 5.5 0.55 - - - - 100 2.4 1.5 - - - - - - - - - Units V mA V V V A A V V V V V V V V V s s s V A V ns ns ns ns ns ns ns ns ns
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
4
SMA6813MP
High Voltage 3-Phase Motor Driver
High Side Driver Input/Output Timing Diagrams
HIN
VUVHH
VB-HS
VUVHL
UVLO Release
HO
After UVLO is released, IC operation is started by the first rising edge of input
Low Side Driver Input/Output Timing Diagrams
LIN
VCC
VUVHH
VUVHL
UVLO Release
LO tblank RS tblank VTRIP(L) FO
tp = RC x CC x {-ln (1-3.5 / VRC)} where CC 2200 pF
VTRIP(H)
tp
RC
Slope by RC,CC After UVLO is released, IC operation is started by the first rising edge of input After RC charging and releasing, the OCP operation is started by the first rising edge of input
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
5
SMA6813MP
High Voltage 3-Phase Motor Driver
Pin-out Diagrams
Leadform 2401
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 2 4 6 8 10 12 14 16 18 20 22 23
Leadform 2402
1
3
5
7
9
11
13
15
17
19
21
23
Chamfer Side
Chamfer on Opposite Side
Terminal List Table
Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 Name U VB1 VB2 VB3 VCC1 COM1 HIN3 HIN2 HIN1 VBB1 VBB2 W1 V W2 LS2 RCIN LS1 LIN3 LIN2 LIN1 COM2 FO VCC2 Function Output of U phase High side bootstrap terminal (U phase) High side bootstrap terminal (V phase) High side bootstrap terminal (W phase) High side logic supply voltage High side logic GND terminal High side input terminal (W phase) High side input terminal (V phase) High side input terminal (U phase) Main supply voltage 1 (connect to VBB2 externally) Main supply voltage 2 (connect to VBB1 externally) Output of W phase (connect to W2 externally) Output of V phase Output of W phase (connect to W1 externally) Low side emitter terminal (connect to LS1 externally) Overcurrent protection hold time adjustment terminal Low side emitter terminal (connect to LS1 externally) Low side input terminal (W phase) Low side input terminal (V phase) Low side input terminal (U phase) Low side GND terminal Overcurrent protection fault-signal output terminal Low side logic supply voltage
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
6
SMA6813MP
High Voltage 3-Phase Motor Driver
Package Outline Drawing Leadform 2401
Dual rows, 23 alternating pins; pins bent 90 for horizontal case mounting; pin #1 in outer row
Gate protrusion
31.3 0.2 31 0.2 4 0.2
Gate protrusion 1.2 0.1 BSC 10.2 0.2 Branding Area 3 0.5 BSC 2.2 0.7 BSC R1 REF
4.4 REF View A
B 0.72
+0.2 - 0.1
1.27 0.1 A 0.6 +0.2 - 0.1 15 17 19 21 23
2.2 0.7 BSC
0.55 +0.2 - 0.1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
18
20
22
0.7 MAX A Measured at pin exit from case B Maximum dambar protrusion Deflection at pin bend View A
Leadform: 2401 Terminal core material: Cu Terminal plating: Ni Recommended attachment: Solder dip (Sn-Ag-Cu) Dimensions in millimeters Branding codes (exact appearance at manufacturer discretion): 1st line, lot: YMDDT Where: Y is the last digit of the year of manufacture M is the month (1 to 9, O, N, D) DD is the date T is the tracking letter 2nd line, type: SMA6813MP
Leadframe plating Pb-free. Device composition complies with the RoHS directive.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
7
SMA6813MP
High Voltage 3-Phase Motor Driver
Package Outline Drawing Leadform 2402
Dual rows, 23 alternating pins; vertical case mounting; pin #1 on chamfer side
Gate protrusion
31.3 0.2 31 0.2 4 0.2
Gate protrusion 10.2 0.2 1.2 0.1 BSC
Branding Area
5 0.5 9.5 +0.7 - 0.5
R1 REF
0.5 0.1 4.5 REF
View A
B 0.72
+0.2 - 0.1
0.6 +0.2 - 0.1
1.27 0.1 A
4.5 0.7
1
3
5
7
9
11
13
15
17
19
21
23
2 A B
4
6
8
10
12
14
16
18
20
22
0.7 MAX Deflection at pin bend View A
Measured at pin tips Maximum dambar protrusion
Leadform: 2402 Terminal core material: Cu Terminal plating: Ni Recommended attachment: Solder dip (Sn-Ag-Cu) Dimensions in millimeters
Branding codes (exact appearance at manufacturer discretion): 1st line, lot: YMDDT Where: Y is the last digit of the year of manufacture M is the month (1 to 9, O, N, D) DD is the date T is the tracking letter 2nd line, type: SMA6813MP
Leadframe plating Pb-free. Device composition complies with the RoHS directive.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
8
SMA6813MP
High Voltage 3-Phase Motor Driver
Packing Specification Leadform 2401
Dimensions in millimeters
23. 8 590
Tube material: PVC Maximum 18 pieces per tube (pins aligned along X direction) Rubber plug each end
11. 5 X
130
610
185
Z Y
Maximum 15 tubes in Y direction Maximum 4 tubes in Z direction Maximum pieces per carton: 18 pieces per tube 15 tubes per layer x 4 layers of tubes 1080 pieces per carton
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
9
SMA6813MP
High Voltage 3-Phase Motor Driver
Packing Specification Leadform 2402
Dimensions in millimeters
24.9 590
12.2 X
Tube material: PVC Maximum 18 pieces per tube (pins aligned along X direction) Rubber plug each end
133
624
189 Z Y
Maximum 14 tubes in Y direction Maximum 4 tubes in Z direction Maximum pieces per carton: 18 pieces per tube 14 tubes per layer x 4 layers of tubes 1008 pieces per carton
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
10
SMA6813MP
High Voltage 3-Phase Motor Driver
WARNING -- These devices are designed to be operated at lethal voltages and energy levels. Circuit designs that embody these components must conform with applicable safety requirements. Precautions must be taken to prevent accidental contact with power-line potentials. Do not connect grounded test equipment. The use of an isolation transformer is recommended during circuit development and breadboarding.
Because reliability can be affected adversely by improper storage environments and handling methods, please observe the following cautions. Cautions for Storage * Ensure that storage conditions comply with the standard temperature (5C to 35C) and the standard relative humidity (around 40 to 75%); avoid storage locations that experience extreme changes in temperature or humidity. * Avoid locations where dust or harmful gases are present and avoid direct sunlight. * Reinspect for rust on leads and solderability of products that have been stored for a long time. Cautions for Testing and Handling When tests are carried out during inspection testing and other standard test periods, protect the products from power surges from the testing device, shorts between adjacent products, and shorts to the heatsink. Remarks About Using Silicone Grease with a Heatsink * When silicone grease is used in mounting this product on a heatsink, it shall be applied evenly and thinly. If more silicone grease than required is applied, it may produce stress. * Volatile-type silicone greases may permeate the product and produce cracks after long periods of time, resulting in reduced heat radiation effect, and possibly shortening the lifetime of the product. * Our recommended silicone greases for heat radiation purposes, which will not cause any adverse effect on the product life, are indicated below: Type G746 YG6260 SC102 Suppliers Shin-Etsu Chemical Co., Ltd. GE Toshiba Silicone Co., Ltd. Dow Corning Toray Silicone Co., Ltd.
Soldering * When soldering the products, please be sure to minimize the working time, within the following limits: 2605C 10 s 38010C 5 s * Soldering iron should be at a distance of at least 1.5 mm from the body of the products Electrostatic Discharge * When handling the products, operator must be grounded. Grounded wrist straps worn should have at least 1 M of resistance to ground to prevent shock hazard. * Workbenches where the products are handled should be grounded and be provided with conductive table and floor mats. * When using measuring equipment such as a curve tracer, the equipment should be grounded. * When soldering the products, the head of soldering irons or the solder bath must be grounded in other to prevent leak voltages generated by them from being applied to the products. * The products should always be stored and transported in our shipping containers or conductive containers, or be wrapped in aluminum foil.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
11
SMA6813MP
High Voltage 3-Phase Motor Driver
The products described herein are manufactured in Japan by Sanken Electric Co., Ltd. for sale by Allegro MicroSystems, Inc. Sanken and Allegro reserve the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Therefore, the user is cautioned to verify that the information in this publication is current before placing any order. When using the products described herein, the applicability and suitability of such products for the intended purpose shall be reviewed at the users responsibility. Although Sanken undertakes to enhance the quality and reliability of its products, the occurrence of failure and defect of semiconductor products at a certain rate is inevitable. Users of Sanken products are requested to take, at their own risk, preventative measures including safety design of the equipment or systems against any possible injury, death, fires or damages to society due to device failure or malfunction. Sanken products listed in this publication are designed and intended for use as components in general-purpose electronic equipment or apparatus (home appliances, office equipment, telecommunication equipment, measuring equipment, etc.). Their use in any application requiring radiation hardness assurance (e.g., aerospace equipment) is not supported. When considering the use of Sanken products in applications where higher reliability is required (transportation equipment and its control systems or equipment, fire- or burglar-alarm systems, various safety devices, etc.), contact a company sales representative to discuss and obtain written confirmation of your specifications. The use of Sanken products without the written consent of Sanken in applications where extremely high reliability is required (aerospace equipment, nuclear power-control stations, life-support systems, etc.) is strictly prohibited. The information included herein is believed to be accurate and reliable. Application and operation examples described in this publication are given for reference only and Sanken and Allegro assume no responsibility for any infringement of industrial property rights, intellectual property rights, or any other rights of Sanken or Allegro or any third party that may result from its use.
Copyright (c) 2007 Allegro MicroSystems, Inc.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
12
SMA6813MP
High Voltage 3-Phase Motor Driver
Worldwide Contacts
Asia-Pacific China Sanken Electric Hong Kong Co., Ltd.
Suite 1026, Ocean Centre, Canton Road Tsimshatsui, Kowloon, Hong Kong Tel: 852-2735-5262, Fax: 852-2735-5494
Singapore Sanken Electric Singapore Pte. Ltd.
150 Beach Road, #14-03 The Gateway West Singapore 189720 Tel: 65-6291-4755, Fax: 65-6297-1744
Sanken Electric (Shanghai) Co., Ltd.
Room 3202, Maxdo Centre, Xingyi Road 8 Changning District, Shanghai, China Tel: 86-21-5208-1177, Fax: 86-21-5208-1757
Europe Sanken Power Systems (UK) Limited
Pencoed Technology Park Pencoed, Bridgend CF35 5HY, United Kingdom Tel: 44-1656-869-100, Fax: 44-1656-869-162
Taiwan Sanken Electric Co., Ltd.
Room 1801, 18th Floor, 88 Jung Shiau East Road Sec. 2, Taipei 100, Taiwan R.O.C. Tel: 886-2-2356-8161, Fax: 886-2-2356-8261
Japan Sanken Electric Co., Ltd. Overseas Sales Headquarters
Metropolitan Plaza Building, 1-11-1 Nishi-Ikebukuro Toshima-ku, Tokyo 171-0021, Japan Tel: 81-3-3986-6164, Fax: 81-3-3986-8637
North America United States Allegro MicroSystems, Inc.
115 Northeast Cutoff Worcester, Massachusetts 01606, U.S.A. Tel: 1-508-853-5000, Fax: 1-508-853-7895
Korea Sanken Electric Korea Co., Ltd.
Mirae Asset Life Building, 6F 168 Kongduk-dong, Mapo-ku Seoul 121-705, Korea Tel: 82-2-714-3700, Fax: 82-2-3272-2145
Allegro MicroSystems, Inc.
14 Hughes Street, Suite B105 Irvine, California 92618, U.S.A. Tel: 1-949-460-2003, Fax: 1-949-460-7837
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
13


▲Up To Search▲   

 
Price & Availability of SMA6813MP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X