Part Number Hot Search : 
DG418DK 2N3528 C1672 TSOP41 FM201 M810T SMA5913 PIC12HV
Product Description
Full Text Search
 

To Download SII100N12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SII100N12
NPT IGBT Modules
Dimensions in mm (1mm = 0.0394")
Absolute Maximum Ratings Symbol VCES IC ICRM VGES
Ptot TVj,(Tstg) Visol RthJC RthJCD
o
TC = 25oC, unless otherwise specified Conditions
Values 1200 145(100) 290(200) _ +20 700 _ 40...+125(150) 2500 _ 0.18 <
o
Units V A A V
W C
TC= 25(80) C TC= 25(80)oC, tP =1ms
_ TOPERATION < Tstg AC, 1min
V
K/W
_ < 0.36
Sirectifier
R
SII100N12
NPT IGBT Modules
Electeical Characteristics
Symbol Conditions Static Characteristics VGE(th) VGE = VCE, IC =4mA ICES VGE = 0; VCE = 1200V; Tj = 25(125)oC IGES VGE = 20V, VCE = 0 VCE(sat) IC =100A; VGE = 15V; Tj = 25(125)oC; chip level AC Characteristics Cies under following conditions Coes VGE = 0, VCE = 25V, f = 1MHz Cres gfs VCE=20V, IC=100A Switching Characteristics td(on) VCC = 600V, IC = 100A tr RGon = RGoff =6.8 , Tj = 125oC td(off) VGE = 15V tf FWD under following conditions: VF IF = 100A, VGE = 0V, Tj = 25(125)oC trr IF=100A, VR= _600V,VGE=0V,di/dt=_ 1000A/us,Tj = 125oC _ IF = 100A, VGE = 0V, VR= 600V Qrr _1000A/us, Tj = 25(125)oC di/dt= Ms Mt w to heatsink M6 to terminals M5 3 2.5 TC = 25oC, unless otherwise specified min. 4.5 typ. 5.5 1.5(6) 2.5(3.1) 6.5 1 0.5
54
max. 6.5 2 400 3(3.7)
Units V mA nA V
nF S
130 80 400 70 2.3(1.8) 0.3 4(14)
260 160 600 100 2.8
ns
V us uC
Mechanical Data 5 5 160 Nm Nm g
Sirectifier
R
SII100N12
NPT IGBT Modules
Power dissipation Ptot = (TC) parameter: Tj 150 C
750 W 650 Ptot 600 550
100 s
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 3
t = 16.0s p
A IC
10 2
500 450 400 350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 C 160 10 -1 0 10 10 0 DC
10 ms
10 1
1 ms
10
1
10
2
10
3
V
TC
VCE
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
150 A 130 IC 120 110 100 90 80 70 60 50 40 30 20 10 0 0
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
IGBT
K/W ZthJC
10 -1
10 -2 D = 0.50 0.20 0.10 10 -3 single pulse 0.05 0.02 0.01
20
40
60
80
100
120
C
160
10 -4 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
TC
tp
Sirectifier
R
SII100N12
NPT IGBT Modules
T yp. output c harac teris tic s I C = f (V C E ) parameter: tp = 80 s , T j = 25 C
200 A
T yp. output c harac teris tic s I C = f (V C E ) parameter: tp = 80 s , T j = 125 C
200 A
IC
160 140 120 100 80 60 40 20 0 0
17V 15V 13V 11V 9V 7V
IC
160 140 120 100 80 60 40 20 0
17V 15V 13V 11V 9V 7V
1
2
3
V
5
0
1
2
3
V
5
VC E
VCE
T yp. trans fer c harac teris tic s I C = f (V G E ) parameter: tp = 80 s , V C E = 20 V
200 A
IC
160 140 120 100 80 60 40 20 0 0
2
4
6
8
10
V 14 VGE
Sirectifier
R
SII100N12
NPT IGBT Modules
Typ. gate charge VGE = (QGate) parameter: IC puls = 100 A
20 V nF VGE 16 14 12 10 8 10 0 6 4 2 0 0 100 200 300 400 500 nC 700 10 -1 0 600 V 800 V
T yp. c apac itanc es
C = f (V C E )
parameter: V G E = 0 V , f = 1 MHz
10 2
C
10 1
C is s
C os s C rs s
5
10
15
20
25
30
QGate
V VCE
40
R evers e bias ed s afe operating area I C puls = f(V C E ) , T j = 150C parameter: V G E = 15 V
2.5
S hort c irc uit s afe operating area I C s c = f(V C E ) , T j = 150C parameter: V G E = 15 V , tS C 10 s , L < 50 nH
12
IC puls /I C
IC sc/IC
8 1.5 6 1.0 4
0.5 2
0.0 0
200
400
600
800
1000 1200
V 1600 VC E
0 0
200
400
600
800 1000 1200
V 1600 VC E
Sirectifier
R
SII100N12
NPT IGBT Modules
T yp. s witc hing time I = f (IC ) , inductive load , T j = 125C par.: V C E = 600 V , V G E = 15 V , R G = 6.8
10 3
T yp. s witc hing time t = f (R G ) , inductive load , T j = 125C par.: V C E = 600 V , V G E = 15 V , I C = 100 A
10 4
ns
t
tdoff
ns
t
10 3
tdoff
tdon tr
10 2
tf
10 2
tdon tr
tf
10 1 0
50
100
150
A
250
10 1 0
10
20
30
40
IC
60
RG
T yp. s witc hing los s es E = f (IC ) , inductive load , T j = 125C par.: V C E = 600 V , V G E = 15 V , R G = 6.8
60 mWs 50
T yp. s witc hing los s es E = f (R G ) , inductive load , T j = 125C par.: V C E = 600V , V G E = 15 V , I C = 100 A
40
E on E
mWs
E on
E
45 40
30
25 35 30 25 15 20 15 10 5 5 0 0 50 100 150 A 250 0 0 10 20 30 40 20
E off
E off
10
IC
60
RG
Sirectifier
R
SII100N12
NPT IGBT Modules
F orward c harac teris tic s of fas t rec overy revers e diode IF = f(V F ) parameter: T j
200 A
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
Diode
K/W ZthJC
IF
160 140 120
10 -1
T j=125C
100 80 60
T j=25C
10 -2 D = 0.50 0.20 0.10 10 -3 0.05 single pulse 0.02 0.01
40 20 0 0.0 0.5 1.0 1.5 2.0 V 3.0 10 -4 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
VF
tp
Sirectifier
R


▲Up To Search▲   

 
Price & Availability of SII100N12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X