Part Number Hot Search : 
AO4622 KF4N20LI 80L95 LX110 C670N MAX5933D 44400 00029
Product Description
Full Text Search
 

To Download SII100N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SII100N06
NPT IGBT Modules
Dimensions in mm (1mm = 0.0394")
Absolute Maximum Ratings Symbol Conditions
TC = 25oC, unless otherwise specified
Values 600 130(100) 200 445 _ +20 100 200 1.25 2500
Units V A A W V A A As
V
2
IGBT Wechselrichter/ IGBT Inverter VCES IC TC= 25(70)oC ICRM TC= 70oC, tP =1ms Ptot TC= 25oC, Tvj= 150oC
VGES Diode Wechselrichter/ Diode Inverter IF IFRM
2
tP =1ms
VR=0V, tP =10ms; TVj=125oC It Module Isolation/ Module Isolation VISOL RMS, f=50Hz, t=1min, NTC connect to Baseplate
Sirectifier
R
SII100N06
NPT IGBT Modules
Characteristics
Symbol Conditions IGBT Wechselrichter/ IGBT Inverter VGEth VGE = VCE, IC =1.5mA ICES VGE = 0; VCE = 600V, Tj = 25(125)oC IGES VCE=0; VGE=20V VCE(sat) Cies Cres
LCE Isc
TC = 25oC, unless otherwise specified min. 4.5 typ. 5.5 1(1000) max. 6.5 500 400 Units V uA nA V nF
nH A
IC =100A; VGE = 15V; Tj = 25(125)oC under following conditions VGE = 0, VCE = 25V, f = 1MHz tP 10uS, VGE 15V, Tvj = 125 C , Vcc = 360V under following conditions: VCC = 300V, IC = 100A RGon = RGoff =2.2 , , Tj = 25(125)oC VGE = 15V Tj = 25(125)oC, LS = 15nH
o
1.95(2.2) 2.45(-) 4.3 0.4
40 450
td(on) tr td(off) tf Eon(Eoff)
RCC'+EE'
25(26) 10(11) 130(150) 20(30) 1.0(2.9)
1.0 0.28
ns ns ns ns mJ
m K/W
RthJC Diode Wechselrichter/ Diode Inverter under following condition VF IF = 100A; VGE = 0V; Tj = 25(125)oC IRM IF = 100A; Tj = 25(125)oC Qr -di/dt = 4400A/us Erec VGE = -10V, VR=300V RthJC RthCK
TVJ TVJM Tstg
1.25(1.2) 150(180) 7.7(13) -(3.2) 0.03
-40...+125 150 -40...+125
1.6(-)
V A uC mJ K/W
o
0.5
C
Mechanical Data Ms to heatsink M6 Mt to terminals M5 w
3 2.5
5 5 160
Nm Nm g
Sirectifier
R
SII100N06
NPT IGBT Modules
Sirectifier
R
SII100N06
NPT IGBT Modules
Sirectifier
R


▲Up To Search▲   

 
Price & Availability of SII100N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X