Part Number Hot Search : 
74HC40 90BAI SI4420 SMAJ45CA VF2512T HA928 LM293 MT3512W
Product Description
Full Text Search
 

To Download SID75N12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SID75N12
NPT IGBT Modules
Dimensions in mm (1mm = 0.0394")
Absolute Maximum Ratings Symbol IGBT VCES IC ICRM VGES TVj,(Tstg) Conditions
TC = 25oC, unless otherwise specified
Values 1200
Units V A A V
o
TC= 25(80) C TC= 25(80)oC, tP =1ms
_ TOPERATION < Tstg
o
75(60) 150(120) _ +20
_ 40...+150(125)
2500 75(50) 150(120) 550 95(65) 150(120) 720
C
AC, 1min Visol Inverse Diode IF = -IC IFRM
V A A A A A A
TC= 25(80)oC TC= 25(80)oC, tP =1ms
IFSM tP =10ms; sin.;Tj=150oC Freewheeling diode TC= 25(80)oC IF = -IC IFRM TC= 25(80)oC, tP =1ms IFSM tP =10ms; sin.;Tj=150oC
SID75N12
NPT IGBT Modules
Characteristics
Symbol IGBT VGE(th) ICES VCE(TO) rCE VCE(sat) Cies Coes Cres LCE RCC'+EE' Conditions VGE = VCE, IC =2mA VGE = 0; VCE = VCES; Tj = 25(125)oC Tj = 25(125)oC VGE = 15V, Tj = 25(125)oC IC =100A; VGE = 15V; chip level under following conditions VGE = 0, VCE = 25V, f = 1MHz TC = 25oC, unless otherwise specified min. 4.5 typ. max. Units V mA V m V nF nH m ns ns ns ns mJ V V m A uC mJ V V m A uC mJ K/W K/W K/W K/W Nm Nm g
td(on) tr td(off) tf Eon(Eoff) Inverse Diode under following conditions: VF = VEC IF = 75A; VGE = 0V; Tj = 25(125)oC V(TO) Tj = 125oC rT Tj = 125oC IRRM IF = 50A; Tj = 25(125)oC Qrr di/dt = 800A/us Err VGE = V FWD under following conditions: VF = VEC IF = 50A; VGE = 0V; Tj = 25(125)oC V(TO) Tj = 125oC rT Tj = 125oC IRRM IF =50A; Tj = 25oC Qrr di/dt = A/us Err VGE = V Thermal Characteristics Rth(j-c) per IGBT Rth(j-c)D per Inverse Diode Rth(j-c)FD per FWD Rth(c-s) per module Mechanical Data Ms to heatsink M6 Mt to terminals M5 w
res., terminal-chip TC = 25(125)oC under following conditions: VCC = 600V, IC = 75A RGon = RGoff = 22 , Tj = 125oC VGE = 15V
5.5 6.5 0.1 0.3 1.4(1.6) 1.6(1.8) 22(30) 28(38) 2.5(3.1) 3(3.7) 3.3 4.3 0.5 0.6 0.22 0.3 30 0.75(1) 44 56 380 70 8(5) 2(1.8) 18 23(35) 100 100 500 100
2.5 1.2 22
1.85(1.6) 12 27(40)
2.2 1.2 15
0.27 0.6 0.5 0.05 3 2.5 5 5 160


▲Up To Search▲   

 
Price & Availability of SID75N12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X