Part Number Hot Search : 
74004 BC108 TDA4657 DSPIC SF2N5015 CDPH36 20N60C3 P6SMB20
Product Description
Full Text Search
 

To Download SI7900AEDN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI7900AEDN
New Product
Vishay Siliconix
Dual N-Channel 20-V (D-S) MOSFET, Common Drain
FEATURES PRODUCT SUMMARY
VDS (V)
20
rDS(on) (W)
0.026 @ VGS = 4.5 V 0.030 @ VGS = 2.5 V 0.036 @ VGS = 1.8 V
ID (A)
8.5 8 7
D TrenchFETr Power MOSFETS: 1.8-V Rated D New PowerPakr Package - Low-Thermal Resistance, RthJC - Low 1.07-mm Profile D 3000-V ESD Protection
APPLICATIONS
D Protection Switch for 1-2 Li-ion Batteries
PowerPAK 1212-8
D
D
3.30 mm
S1 1 2 G1 3 S2
3.30 mm 2.6 kW G1 G2 2.6 kW
G2 4
D 8 7 D 6 D 5 D
Bottom View Ordering Information: SI7900AEDN-T1
N-Channel
S1
N-Channel
S2
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 85_C TA = 25_C TA = 85_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
10 secs
20 "12 8.5 6.4 30 2.9 3.1 1.6
Steady State
Unit
V
6 4.3 A
1.4 1.5 0.79 - 55 to 150 W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Case Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 72287 S-31418--Rev. A, 07-Jun-03 www.vishay.com t v 10 sec Steady State Steady State
Symbol
RthJA RthJC
Typical
32 65 2.2
Maximum
40 82 2.8
Unit
_C/W C/W
1
SI7900AEDN
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Gate Body Leakage VGS(th) IGSS VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "4.5 V VDS = 0 V, VGS = "12 V VDS = 16 V, VGS = 0 V VDS = 16 V, VGS = 0 V, TJ = 85_C VDS = 5 V, VGS = 4.5 V VGS = 4.5 V, ID = 8.5 A Drain-Source On-State Resistancea rDS(on) VGS = 2.5 V, ID = 8 A VGS = 1.8 V, ID = 7 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = 10 V, ID = 8.5 A IS = 2.9 A, VGS = 0 V 20 0.020 0.022 0.026 25 0.65 1.1 0.026 0.030 0.036 S V W 0.40 0.9 "1 "10 1 20 V mA mA mA A
Symbol
Test Condition
Min
Typ
Max
Unit
Zero Gate Voltage Drain Current On-State Drain Currenta
IDSS ID(on)
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Qg Qgs Qgd td(on) tr td(off) tf VDD = 10 V, RL = 10 W ID ^ 1 A, VGEN = 4.5 V, RG = 6 W VDS = 10 V, VGS = 4.5 V, ID = 6.5 A 10.5 1.9 1.8 0.85 1.3 8.6 4.2 1.25 2.0 13 6.5 ms 16 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10
Gate-Current vs. Gate-Source Voltage
10,000 1,000 I GSS - Gate Current (mA) 100 10 1 0.1 0.01 0 3 6 9 12 15 18 VGS - Gate-to-Source Voltage (V)
Gate Current vs. Gate-Source Voltage
I GSS - Gate Current (mA)
8
6
TJ = 150_C
4
2
TJ = 25_C
0
0
3
6
9
12
15
VGS - Gate-to-Source Voltage (V) Document Number: 72287 S-31418--Rev. A, 07-Jun-03
www.vishay.com
2
SI7900AEDN
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
30 25 VGS = 5 thru 2 V I D - Drain Current (A) I D - Drain Current (A) 20 15 10 5 0 0 1 2 3 4 5 VDS - Drain-to-Source Voltage (V) 20 15 10 5 0 0.0 125_C
Vishay Siliconix
Output Characteristics
30 25
Transfer Characteristics
TC = - 55_C 25_C
1.5 V
0.5
1.0
1.5
2.0
2.5
VGS - Gate-to-Source Voltage (V)
0.06
On-Resistance vs. Drain Current
5 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 6.5 A
Gate Charge
r DS(on) - On-Resistance ( W )
0.05
4
0.04
3
0.03
VGS = 1.8 V
VGS = 2.5 V
2
0.02
VGS = 4.5 V
1
0.01 0 5 10 15 20 25 30 ID - Drain Current (A)
0 0 2 4 6 8 10 12 Qg - Total Gate Charge (nC)
1.6
On-Resistance vs. Junction Temperature
20 VGS = 4.5 V ID = 8.5 A I S - Source Current (A) 10
Source-Drain Diode Forward Voltage
r DS(on) - On-Resistance (W) (Normalized)
1.4
1.2
TJ = 150_C 1
TJ = 25_C
1.0
0.8
0.6 - 50
- 25
0
25
50
75
100
125
150
0.1 0 0.3 0.6 0.9 1.2 1.5 VSD - Source-to-Drain Voltage (V) www.vishay.com
TJ - Junction Temperature (_C) Document Number: 72287 S-31418--Rev. A, 07-Jun-03
3
SI7900AEDN
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.05
On-Resistance vs. Gate-to-Source Voltage
0.4
Threshold Voltage
ID = 250 mA
r DS(on) - On-Resistance ( W )
0.04 V GS(th) Variance (V)
0.2
0.03
ID = 8.5 A
- 0.0
0.02
- 0.2
0.01
- 0.4
0.00 0 1 2 3 4 5 6 VGS - Gate-to-Source Voltage (V)
- 0.6 - 50
- 25
0
25
50
75
100
125
150
TJ - Temperature (_C)
Single Pulse Power, Junction-to-Ambient
200
100 Limited by rDS(on)
Safe Operating Area, Junction-to-Case
160 10 Power (W) 120 I D - Drain Current (A) 1 ms
1
10 ms 100 ms
80
40
0.1
TC = 25_C Single Pulse
1s 10 s dc
0 0.001 0.01 0.1 Time (sec) 1 10
0.01 0.1 1 10 100 VDS - Drain-to-Source Voltage (V)
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5 0.2 0.1 0.1 0.05
Normalized Thermal Transient Impedance, Junction-to-Ambient
Notes: PDM t1
0.02 Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 115_C/W
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
t1 t2
10
100
600
Square Wave Pulse Duration (sec) Document Number: 72287 S-31418--Rev. A, 07-Jun-03
www.vishay.com
4
SI7900AEDN
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1
Vishay Siliconix
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5 0.2 0.1
0.1
0.05
0.02 Single Pulse 0.01 0.00001
0.0001
0.001 0.01 Square Wave Pulse Duration (sec)
0.1
1
Document Number: 72287 S-31418--Rev. A, 07-Jun-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI7900AEDN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X