Part Number Hot Search : 
5602B 104K00 SDR9511Z BF775A K2136 EG2809 MC4120 PAT1220
Product Description
Full Text Search
 

To Download SG6516DZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SG6516 -- PC Power Supply Supervisors
April 2008
SG6516 PC Power Supply Supervisors
Features
Two 12V Sense Input Pins: VS12 and VS12B Over-Voltage Protection (OVP) for 3.3V, 5V, and two 12V Over-Current Protection (OCP) for 3.3V, 5V, and two 12V Under-Voltage Protection (UVP) for 3.3V, 5V, and two 12V Open-Drain Output for PGO and FPO Pins 300ms Power-Good Delay 2.8ms PSON Control to FPO Turn-off Delay 48ms PSON Control Delay No Lock-up During the Fast AC Power On/Off Wide Supply Voltage Range: 4V to 15V
Description
The SG6516 is designed to provide the supply voltage, current supervisor, remote on/off (PSON), power good (PGO) indicator, and fault protection (FPO) functions for switching power systems. For supervisory functions, it provides the over-voltage protection (OVP) for 3.3V, 5V, and two 12V; overcurrent protection (OCP) for 3.3V, 5V, and two 12V; under-voltage protection (UVP) for 3.3V, 5V, and two 12V. When 3.3V, 5V, or 12V voltage decreases to 2.3V, 3.5V, and 9V, respectively, the under-voltage protection function is enabled. FPO is set HIGH to turn off the PWM controller IC. The voltage difference across external current shunt is used for OCP functions. An external resistor can be used to adjust the protection threshold. An additional protection input pin provides the flexibility for designing protection circuits. The power supply is turned on after a 48ms delay when PSON signal is set from HIGH to LOW. To turn off the power supply, the PSON signal is set from LOW to HIGH with a delay of 48ms. The PGI circuitry provides a power-down warning signal for PGO. When PGI input is lower than the internal 1.25V reference voltage, the PGO signal is pulled LOW.
Applications
Switch-Mode Power Supplies with Active PFC Servo System Power Supplies PC-ATX Power Supplies
Ordering Information
Part Number
SG6516DZ SG6516SZ
Operating Temperature Range
-40C to +85C -40C to +85C
Package
16-pin Dual In-Line Package (DIP) 16-pin Small Outline Package (SOP)
Packing Method
Rail Tape & Reel
All packages are lead free per JEDEC: J-STD-020B standard.
(c) 2007 Fairchild Semiconductor Corporation SG6516 * Rev. 1.0.2
www.fairchildsemi.com
SG6516 -- PC Power Supply Supervisors
Application Diagram
Figure 1.
Typical Application
(c) 2007 Fairchild Semiconductor Corporation SG6516 * Rev. 1.0.2
www.fairchildsemi.com 2
SG6516 -- PC Power Supply Supervisors
Block Diagram
Figure 2. Function Block Diagram
(c) 2007 Fairchild Semiconductor Corporation SG6516 * Rev. 1.0.2
www.fairchildsemi.com 3
SG6516 -- PC Power Supply Supervisors
Pin Configuration
Figure 3. Pin Configuration(Top View)
Pin Definitions
Pin #
1 2 3 4 5 6 7 8 9 10 11 12 13 14
Name
PGI GND FPO PSON IS12 RI VS12B IS5 IS33 VS12 VS33 VS5 VDD PGO
Description
Power Good Input. For ATX SMPS, it detects AC line voltage through the main transformer. Ground. Fault Protection Output. Output signal to control the primary PWM IC through an optocoupler. When FPO is low, the PWM IC is enabled. Remote on/off logic input from CPU or main board. The power supply is turned on/off after a 48ms delay. 12V over-current protection sense input. For typical applications, this pin is connected to the positive end of a current shunt through one resistor. When the voltage on IS12 is higher than that of VS12 by 5mV, OCP is enabled. Reference setting. One external resistor, RI, connected between the RI and GND pins, determines a reference current, IREF=1.25/RI, for OCP programming. Second 12V over/under-voltage control sense input. 5V over-current protection sense input. 3.3V over-current protection sense input. 12V over/under-voltage control sense input. 3.3V over/under-voltage control sense input. 5V over/under-voltage control sense input. Supply voltage: 4.2V ~ 15V. For ATX SMPS, it is connected to 5V-standby and 12V through diodes, respectively. Power-Good logic Output, 0 or 1 (open-drain). Power good=1 means that the power supply is good for operation. The power-good delay is 300ms.
(c) 2007 Fairchild Semiconductor Corporation SG6516 * Rev. 1.0.2
www.fairchildsemi.com 4
SG6516 -- PC Power Supply Supervisors
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. All voltage values, except differential voltage, are given with respect to GND pin.
Symbol
VDD VIN VOUT TJ TSTG TL ESD DC Supply Voltage Input Voltage Output Voltage
Parameter
PSON, PGI, VS5, IS5, VS33, IS33 VS12, VS12B, IS12 FPO, PGO
Min.
-0.3 -0.3 -0.3 -40 -55
Max.
16 7.0 15.0 8.0 +125 +150 +260 3.0 200
Unit
V V V V C C C KV V
Operating Junction Temperature Storage Temperature Range Lead Temperature (Soldering) Electrostatic Discharge Capability, Human Body Model Electrostatic Discharge Capability, Machine Model
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
TA
Parameter
Operating Ambient Temperature
Min.
-40
Typ.
Max.
+85
Unit
C
(c) 2007 Fairchild Semiconductor Corporation SG6516 * Rev. 1.0.2
www.fairchildsemi.com 5
SG6516 -- PC Power Supply Supervisors
Electrical Characteristics
VDD=5V, TA=25C, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
4.2
Typ.
Max.
15.0 2.6 1.5 4.2
Units
V mA mA ms V
VDD Section VDD DC Supply Voltage IDD1 Supply Current 1 PSON=LOW IDD2 Supply Current 2 PSON=HIGH tR Supply Voltage Rising Time VST VDD Start Threshold Voltage Over-Voltage (OVP) and Over-Current (OCP) Protections VS33 VOVP Over-Voltage Protection VS5 VS12, VS12B Ratio of Current-Sense Sink Current RI=18.5k ~ 75k IREF to Current-Sense Setting Pin (RI) Source Current VOFFSET OCP Comparator Input Offset Voltage ILKG-FPO Leakage Current (FPO) FPO=5V VOL-FPO Low Level Output Voltage (FPO) ISINK 20mA tOVP OVP Delay Time tOCP OCP Delay Time VRI RI Pin Voltage IRI Output Current RI 0.6V < PGI < 1.25V; tST-OCP Start-up OCP / UVP Protection Time FPO=Low Under-Voltage Protection and PGI, PGO VPGI_1 Input Threshold Voltage PGI 1 VPGI_2 Input Threshold Voltage PGI 2 VS33 VUVP Under-Voltage Protection VS5 VS12, VS12B tOND Under Voltage Turn-on Delay PGI>0.6V tUVP UVP Delay PGI>1.25V ILKG-PGO Leakage Current (PGO) PGO=5V VOL-PGO Low Level Output Voltage (PGO) VDD=12V; ISINK 10mA tPG Timing PG Delay tND1 Noise Deglitch Time PSON=0V PSON Control IPSON Input Pull-up Current VIH High-level Input Voltage VIL Low-level Input Voltage tPSON tPSOFF Timing PSON to On/Off Timing PGO LOW to FPO HIGH
1.7 1.0 1
3.7 5.7 13.2 7.6 -3
3.9 6.1 13.8 8.0
4.1 6.5 14.4 8.4 3 5 0.4 110 27.5 1.01*Typ. 62.5 114 1.02*Typ. 1.03*Typ. 2.5 3.7 9.5 114 4.0 5 0.4 450 210
V
33 12.5 0.98*Typ. 12.5 49 0.98*Typ. 0.96*Typ. 2.1 3.3 8.5 49 2.4
75 20.0 1.25 75 1.25 0.60 2.3 3.5 9.0 75 3.2
mV A V s ms V A ms V V V ms ms A V ms s A V V ms
200 90
300 150 120
2 0.8 PSON LOW to FPO LOW PSON HIGH to PGO LOW 34 34 1.6 48 48 2.8 67 67 4.5
ms
(c) 2007 Fairchild Semiconductor Corporation SG6516 * Rev. 1.0.2
www.fairchildsemi.com 6
SG6516 -- PC Power Supply Supervisors
Functional Description
The SG6516 provides over-current protection for the 3.3V, 5V, and two 12V rails. Whenever an OCP condition occurs at any of the voltage rails, PGO is LOW and FPO is open. The internal OCP comparators have a very small offset voltage ( 3mV). The sink currents of IS33, IS5, and IS12 are eight times the current at the RI pin. The current at the RI pin is VRI/RI. The following example demonstrates how to set the over-current protection. If I1xR1 > IRI x R2, OCP is active. If R1=5m, RI=30K, and the OCP active level is 35A; the R2 resistor is:
R2 = I1 x R 1 = 525 IRI x 8
(1)
Figure 4. OCP Set-up
where C is bypass noise, with a suggested value between 1F ~ 2.2F
(c) 2007 Fairchild Semiconductor Corporation SG6516 * Rev. 1.0.2
www.fairchildsemi.com 7
SG6516 -- PC Power Supply Supervisors
Timing Chart
Figure 5. Timing Diagram
(c) 2007 Fairchild Semiconductor Corporation SG6516 * Rev. 1.0.2
www.fairchildsemi.com 8
SG6516 -- PC Power Supply Supervisors
Typical Performance Characteristics
8.500
1.900
8.300
1.800
IDD1 (mA)
5 20 35 50 Temperature () 65 80 95 110 125
8.100
1.700
IREF
7.900
1.600
7.700
1.500
7.500 -40 -25 -10
1.400 -40 -25 -10
5
20 35 50 Temperature ()
65
80
95 110 125
Figure 6. IREF vs. TA
Figure 7. IDD1 vs. TA
2.000
28.000
1.200
26.000
24.000
VOFFSET (mV)
TOCP (ms)
5 20 35 50 Temperature () 65 80 95 110 125
0.400
22.000
-0.400
20.000
-1.200
18.000
-2.000 -40 -25 -10
16.000 -40 -25 -10
5
20 35 50 Temperature ()
65
80
95 110 125
Figure 8. VOFFSET vs. TA
Figure 9. tOCP vs. TA
1.300
1.300
1.280
1.280
1.260
1.260
1.240
VPGI (V)
-25 -10 5 20 35 50 Temperature () 65 80 95 110 125
VRI (V)
1.240
1.220
1.220
1.200 -40
1.200 -40 -25 -10 5 20 35 50 Temperature () 65 80 95 110 125
Figure 10. VRI vs. TA
Figure 11. VPGI vs. TA
(c) 2007 Fairchild Semiconductor Corporation SG6516 * Rev. 1.0.2
www.fairchildsemi.com 9
SG6516 -- PC Power Supply Supervisors
Physical Dimensions
Figure 12. 14-PDIP
Symbol A A1 A2 b b1 D E E1 e L eB
Millimeter Min. 0.381 3.175 3.302 1.524 0.457 18.669 6.121 2.921 8.509 0 19.177 7.620 6.299 2.540 3.302 9.017 7 3.810 9.525 15 6.477 19.685 3.429 Typ. Max. 5.334
Inch Min. 0.015 0.125 0.130 0.060 0.018 0.735 0.241 0.115 0.335 0 0.755 0.300 0.248 0.100 0.130 0.355 7 0.150 0.375 15 0.255 0.775 0.135 Typ. Max. 0.210
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/
(c) 2007 Fairchild Semiconductor Corporation SG6516 * Rev. 1.0.2
www.fairchildsemi.com 10
SG6516 -- PC Power Supply Supervisors
Physical Dimensions (Continued)
Figure 13. 14-SOIC
Symbol A A1 A2 b c D E e H L F y
Millimeter Min. 1.346 0.101 1.244 0.406 0.203 9.804 3.810 1.270 5.791 0.406 0.381X45 0.101 0 8 6.198 1.270 10.008 3.988 Typ. Max. 1.753 0.254 1.499
Inch Min. 0.053 0.004 0.049 0.016 0.008 0.386 0.150 0.050 0.228 0.016 0.015X45 0.004 0 8 0.244 0.050 0.394 0.157 Typ. Max. 0.069 0.010 0.059
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/
(c) 2007 Fairchild Semiconductor Corporation SG6516 * Rev. 1.0.2
www.fairchildsemi.com 11
SG6516 -- PC Power Supply Supervisors
(c) 2007 Fairchild Semiconductor Corporation SG6516 * Rev. 1.0.2
www.fairchildsemi.com 12


▲Up To Search▲   

 
Price & Availability of SG6516DZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X