Part Number Hot Search : 
VCO3072 RFLA1018 AGM2412C KJ04EXR STK40 WSD520 B4050 28000
Product Description
Full Text Search
 

To Download SF0088BA01993S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 87.5 MHz Filter 30 MHz Bandwidth
Part Number
SF0088BA01993S
Micro Networks, 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.icst.com
TYPICAL PERFORMANCE
Horizontal: 8 MHz/div
Vertical (from top): Magnitude Magnitude Phase Deviation
10 dB/div 1 dB/div 5 deg/div
SPECIFICATION
Parameter Center Frequency (Fc) 1 Insertion Loss2,5 Lower 1 dB Frequency4 Upper 1 dB Frequency4 Passband Ripple6,4 Passband Ripple, extended temperature range3,5 Phase Deviation from Linear 3,5 Lower 40 dB Frequency4 Upper 40 dB Frequency4 Lower 38 dB Frequency5 Upper 38 dB Frequency5 Absolute Delay Operating Temperature Range Extended Operating Temperature Range System Source and Load Impedance
Notes:
Min
102.5
Typ 87.5 16 71.7 103.4 0.6 9 68.9 106.9 69.0 106.7 1.0
Max 18 72.5 1.0 1.5 14 107.5 107.5 1.2 70 85
67.5 67.5
0 -20 50
Units MHz dB MHz MHz dB dB deg MHz MHz MHz MHz s C C
1. Average of lower & upper 3 dB frequencies (3 dB measured from peak). 2. Measured at 87.5 MHz. 3. Evaluated over 87.5 15 MHz. 4. Limit met over operating temperature range. 5. Limit met over extended operating temperature range. 6. Evaluated over 87.5 14.5 MHz
Rev X6 2-Aug-05
Page 1 of 2
87.5 MHz Filter 30 MHz Bandwidth
Part Number
SF0088BA01993S
Micro Networks, 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.icst.com
PACKAGE OUTLINE
Units:
mm
Pin Configuration: Input: 11 Output: 5 Ground: 1,2,3,4,6,7,8,9,10,12
MATCHING CIRCUIT
11
5
Component values in 50 : (Minimum Q = 45)
Lp1 = 91 nH Ls1 = 100 nH
Ls2 = 120 nH Cp2 = 22 pF
Notes * Optimum component values may change depending on board layout. The values shown here are intended as a guide only. * Requires 2% matching components. ISO 9001 Registered Micro Networks
324 Clark Street Worcester, MA 01606. tel: 508-852-5400 fax: 508-852-8456
www.icst.com
Rev X6 2-Aug-05
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SF0088BA01993S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X