Part Number Hot Search : 
2SA1774Q KBU3502G IN9270 EP1C470M ZL6105 ZPD6V8 Y7C10 2SD2248
Product Description
Full Text Search
 

To Download SDR803RTXV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR803 Thru SDR817
Part Number/Ordering Information 1/ SDR __ __
Designer's Data Sheet
Screening 2/ __ = Not Screened TX = TX Level TXV = TXV Level S = S Level Pin Configuration __ = Normal (Cathode to Stud) (See Table 1) R = Reverse (Anode to Stud) Family/Voltage 803 = 50V 808 = 300V 813 = 700V 804 = 100V 809 = 350V 814 = 800V 805 = 150V 810 = 400V 815 = 900V 806 = 200V 811 = 500V 816 = 1000V 807 = 250V 812 = 600V 817 = 1100V
100A, 60nsec, 50-1100 V Ultra Fast Recovery Rectifier
Features:
* * * * * * * * Fast Recovery: 60nsec Maximum Low Forward Voltage Drop Low Reverse Leakage Current Single Chip Construction PIV to 1100 Volts Hermetically Sealed For High Efficiency Applications TX, TXV, and S-Level Screening Available 2/
Maximum Ratings 4/
SDR803 SDR804 SDR805 SDR806 SDR807 SDR808 SDR809 SDR810 SDR811 SDR812 SDR813 SDR814 SDR815 SDR816 SDR817
Symbol
Value
50 100 150 200 250 300 350 400 500 600 700 800 900 1000 1100 100 1000 800 700 600
Units
Peak Repetitive Reverse Voltage and DC Blocking Voltage @ 100A
VRRM VRWM VR
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 C) SDR803 - 806 SDR807 - 809 SDR810 - 814 SDR815 - 817
Io
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 C)
IFSM TOP & TSTG RJC
Amps C C/W
Operating & Storage Temperature Thermal Resistance (Junction to Case)
Notes:
-55 to +175 0.85
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Recovery Conditions: IF = 500 mA, IR = 1 Amp, IRR = 250 mA. 4/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @25C.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0059G
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR803 Thru SDR817
Symbol
SDR803 - 806 SDR807 - 810 SDR811 - 814 SDR815 - 817 SDR803 - 806 SDR807 - 810 SDR811 - 814 SDR815 - 817 TA = 25 C TA = 100 C TA = 25 C VF1
Electrical Characteristics 4/
Maximum Instantaneous Forward Voltage Drop (IF =100Adc, TA = 25 C, 300-500s Pulse) Maximum Instantaneous Forward Voltage Drop (IF =100Adc, TA = -55 C, 300-500s Pulse)
Value
1.00 1.50 1.85 1.90 1.10 1.60 1.95 2.00 100 10 60 700
Units
VDC
VF2 IR1 IR2 tRR CJ
VDC A mA nsec pF
Maximum Reverse Leakage Current (Rated VR, 300s minimum pulse) Maximum Reverse Recovery Time (IF = 500 mA, IR = 1 Amp, IRR = 250 mA) Maximum Junction Capacitance (VR = 10VDC, TA = 25C, f = 1MHz) Notes: 1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Recovery Conditions: IF = 500 mA, IR = 1 Amp, IRR = 250 mA. 4/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @25C.
Table 1- PIN ASSIGNMENT Code Configuration Terminal Stud __ R Normal Reverse Anode Cathode Cathode Anode
DO-5 Outline (Normal Pin Configuration Shown):
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0059G
DOC


▲Up To Search▲   

 
Price & Availability of SDR803RTXV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X