Part Number Hot Search : 
TSOP22 2A0421 CTIP4 2SD12 ER1001AF P1200A07 10001 05006
Product Description
Full Text Search
 

To Download SDR6RTXV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR6W series
6A 5 sec 1400 to 1800 V Standard Recovery Rectifier
Features:
* * * * * * * * Standard Recovery: 5 usec Maximum High Surge Rating: 75 Amps @ 8.3 mS and 500A @ 100 S Low Reverse Leakage Current: 5 A Low Junction Capacitance: 40 pF Low Thermal Resistance: 8 - 12 C/W Single Chip Construction Available in Fast and Ultra Fast Speeds. Consult Factory. TX, TXV, and S Level Screening2/
DESIGNER'S DATA SHEET
Part Number / Ordering Information 1/ SDR6 * __ __ __
Screening2/ __ * = Not Screened S = S Level TX = TX Level TXV = TXV Package __ *= Axial w/ .050" lead diameter A = Axial w/ .040" lead diameter SMS = Surface Mount Square Tab T = 1600 V W = 1800 V
Voltage R = 1400 V
Maximum Ratings
Peak Repetitive Reverse Voltage Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave)
Symbol
SDR6R SDR6T SDR6W TL @ 1/8" = 25 C max TTAB = 55 C max TL @ 1/8" = 25 C max TTAB = 55 C max VRRM Io IFSM TOP & TSTG Axial @ 1/8 " SMS RJL
Axial
Value
1400 1600 1800 6 75 -65 to +175 12 8
Units
Volts Amps Amps C C/W
Peak Surge Current 3/
(8.3 ms Pulse, Half Sine Wave)
Operating & Storage Temperature Maximum Total Thermal Resistance
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screening Based on MIL-PRF-19500. Screening Flow Available on Request.
Surface Mount Square Tab (SMS)
3/ Surge rated at 500A maximum, pulse width = 100 sec.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0094B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR6W series
Symbol
TA = 25C TA = -55C TA = 25C TA = 100C TA = 25C TA = 25C VF1
VF2
Electrical Characteristics
Instantaneous Forward Voltage Drop (IF = 6A, 300 - 500 sec Pulse) Reverse Leakage Current (100% of rated VR, 300 s pulse min.) Reverse Recovery Time (IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25C) Junction Capacitance (VR = 10VDC, TA = 25C, f = 1MHz) *Available Part Numbers: SDR6W SDR6T SDR6R Case Outline: (Axial)
Min
--
Typ
1.10 1.20 1.0 10 1.5 22
Max
1.25 1.40 5.0 50 5 40
Units
VDC A sec pF
IR1 IR2 tRR CJ
-- --
--
SDR6WA SDR6TA SDR6RA
SDR6WSMS SDR6TSMS SDR6RSMS
DIM A B C (std) C (A outline) D MIN -- 0.135" 0.047" 0.037" 1.00" MAX 0.168" 0.156" 0.053" 0.043" --
Case Outline: (SMS)
DIM A B C D
MIN 0.173" 0.180" 0.022" 0.002"
MAX 0.177" 0.210" 0.028" --
Note: Dimensions prior to soldering.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0094B
DOC


▲Up To Search▲   

 
Price & Availability of SDR6RTXV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X