Part Number Hot Search : 
BCM5464R M69P819T ON1862 8HC90 ADG774 R80188B SS431GB MAX153
Product Description
Full Text Search
 

To Download SC10-11EWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
Part Number: SC10-11EWA High Efficiency Red
Features
1.02 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAD2303 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1301000780
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. SC10-11EWA High Efficiency Red (GaAsP/GaP) WHITE DIFFUSED 3000 Typ. 16000 Common Cathode, Rt. Hand Decimal. Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Per Segment Or (DP) Reverse Current Per Segment Or (DP) Device High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red Typ. 627 625 45 15 4.0 (2.0) 5.0 (2.5) 10 (10) Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=10V (VR=5V)
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Per Segment Or (DP) DC Forward Current Per Segment Or (DP) Peak Forward Current [1] Per Segment Or (DP) Reverse Voltage Per Segment Or (DP) Operating / Storage Temperature Lead Solder Temperature[2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
High Efficiency Red 150 (75) 30 (30) 160 (160) 10 (5) -40C To +85C 260C For 3-5 Seconds
Units mW mA mA V
SPEC NO: DSAD2303 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1301000780
High Efficiency Red
SC10-11EWA
SPEC NO: DSAD2303 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1301000780
SPEC NO: DSAD2303 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1301000780
PACKING & LABEL SPECIFICATIONS
SC10-11EWA
SPEC NO: DSAD2303 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1301000780


▲Up To Search▲   

 
Price & Availability of SC10-11EWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X