Part Number Hot Search : 
STK4161 CSPLTVK 5KE10 TDF2912 CSPLTVK H5PS5 4LVCH 2SD0966
Product Description
Full Text Search
 

To Download SBR30200CT08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBR30200CT SBR30200CTFP
30A SBR(R) SUPER BARRIER RECTIFIER
Please click here to visit our online spice models database.
Features
* * * * * Low Forward Voltage Drop Excellent High Temperature Stability Patented Super Barrier Rectifier Technology Soft, Fast Switching Capability Lead Free Finish, RoHS Compliant (Note 2)
Mechanical Data
* * * * * * * Case: TO-220AB, ITO-220AB Case Material: Molded Plastic, UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Matte Tin Finish annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking Information: See Page 2 Ordering Information: See Page 2 Weight: TO-220AB - 2.1 grams (approximate) ITO-220AB - 1.9 grams (approximate)
NEW PRODUCT
TO-220AB
ITO-220AB
Package Pin Out Configuration
Maximum Ratings
@TA = 25C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 150C Non-Repetitive Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load Peak Repetitive Reverse Surge Current (2uS-1Khz)
Symbol VRRM VRWM VRM VR(RMS) IO IFSM IRRM
Value 200 141 30 200 2
Unit V V A A A
Thermal Characteristics
Characteristic Maximum Thermal Resistance (per leg) Package = TO-220AB Package = ITO-220AB Operating and Storage Temperature Range Symbol RJC TJ, TSTG Value 2 4 -65 to +175 Unit C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 1) Forward Voltage Drop Leakage Current (Note 1)
@TA = 25C unless otherwise specified Symbol V(BR)R VF IR Min 200 Typ 0.72 24 20 Max 0.98 0.88 0.1 10 30 ns 25 Unit V V mA Test Condition IR = 0.1mA IF = 15A, TJ = 25C IF = 15A, TJ = 125C VR = 200V, TJ = 25C VR = 200V, TJ = 125C IF = 0.5A, IR = 1A, IRR = 0.25A IF = 1A, VR = 30V, di/dt = 100A/s, TJ = 25C
Reverse Recovery Time
trr
Notes:
1. Short duration pulse test used to minimize self-heating effect. 2. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7.
SBR is a registered trademark of Diodes Incorporated. SBR30200
Document number: DS30994 Rev. 4 - 2
1 of 3 www.diodes.com
April 2008
(c) Diodes Incorporated
SBR30200CT SBR30200CTFP
IF(AVE), AVERAGE FORWARD CURRENT (A) 10
IF, INSTANTANEOUS FORWARD CURRENT (A) 100
10 Tj=175C
5
NEW PRODUCT
1
Tj=125C Tj=75C Tj=25C
0 0 25 50 75 100 125 150 175 TC CASE TEMPERATURE (C)
0.1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1: Current Derating Curve, Per Element
10 IR, INSTANTANEOUS REVERSE CURRENT (mA)
Figure 2: Typical Forward Characteristics, Per Element
Tj=175C
1
Tj=125C
0.1
0.01
Tj=75C
0.001
Tj=25C
0.0001 0 50 100 150 200
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 3: Typical Reverse Characteristics, Per Element
Ordering Information
Part Number SBR30200CT SBR30200CTFP
Notes:
(Note 3) Case TO-220AB ITO-220AB Packaging 50 pieces/tube 50 pieces/tube
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
SBR30200CT YYWW AB
SBR30200CT = Product Type Marking Code AB = Foundry and Assembly Code YYWW = Date Code Marking YY = Last two digits of year, ex: 06 = 2006 WW = Week (01-52)
SBR30200CTFP YYWW AB
SBR30200CTFP = Product Type Marking Code AB = Foundry and Assembly Code YYWW = Date Code Marking YY = Last two digits of year, ex: 06 = 2006 WW = Week (01-52)
SBR is a registered trademark of Diodes Incorporated. SBR30200
Document number: DS30994 Rev. 4 - 2
2 of 3 www.diodes.com
April 2008
(c) Diodes Incorporated
SBR30200CT SBR30200CTFP Package Outline Dimensions
E Q A P H1 A1 SEATING PLANE
D D1 1 2 3 L1 b2 L
e e1
b
c A2
TO-220AB Dim Min Typ Max A 3.56 4.82 A1 0.51 1.39 A2 2.04 2.92 b 0.39 0.81 1.01 c 0.356 0.61 D 14.22 16.51 D1 8.39 9.01 e 2.54 e1 5.08 E 9.66 10.66 H1 5.85 6.85 L 12.70 14.73 L1 6.35 P 3.54 4.08 Q 2.54 3.42 All Dimensions in mm ITO-220AB ALTERNATE (Note 4) DIM. MIN. MAX. A 4.30 4.70 A1 1.3 b 0.50 0.75 b1 1.10 1.35 b2 1.50 1.75 c 0.50 0.75 D 14.80 15.20 E 9.96 10.36 e 2.54 typ F 2.80 3.20 J1 2.50 2.90 L 12.80 13.60 L1 1.70 1.90 L2 1.90 2.10 OP 3.50 typ Q 2.70 typ All Dimensions in mm
E Q
OP
A A1 10 5
D D1 L1 1 3 x b1 2 3
5
5 A2
5
3xb 2xe
L
c
ITO-220AB (Note 4) Dim Min Typ Max A 4.50 4.70 4.90 A1 3.04 3.24 3.44 A2 2.56 2.76 2.96 b 0.50 0.60 0.75 b1 1.10 1.20 1.35 c 0.50 0.60 0.70 D 15.67 15.87 16.07 D1 8.99 9.19 9.39 e 2.54 E 9.91 10.11 10.31 L 9.45 9.75 10.05 L1 15.80 16.00 16.20 P 2.98 3.18 3.38 Q 3.10 3.30 3.50 All Dimensions in mm
NEW PRODUCT
E OP Q +
A F
D
Not Through Holes
1 L1
2
3 L2
b2 A1 J1
b1
L
b e
c
Notes:
4. For product manufactured with Date Code 0733 (week 33, 2007) and newer, please refer to ITO-220AB dimensions. For product manufactured prior to Date Code 0733, please refer to ITO-220AB ALTERNATE dimensions.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
SBR is a registered trademark of Diodes Incorporated. SBR30200
Document number: DS30994 Rev. 4 - 2
3 of 3 www.diodes.com
April 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of SBR30200CT08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X