Part Number Hot Search : 
TDA21310 T4110 SMP04GBC SSD1332 221M10 5KE47C SI2303DS GS152
Product Description
Full Text Search
 

To Download SBL3080PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLGALAXY ELECTRICAL
SCHOTTKY BARRIER RECTIFIER
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop,low switching losses High surge capability For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications The plastic material carries U/L recognition 94V-0
0.245(6.2) 0.225(5.7) 0.840(21.3) 0.820(20.8) 0.160(4.1) 0.140(3.5) 0.795(20.2) 0.775(19.6)
SBL3030PT - - - SBL30100PT
VOLTAGE RANGE: 30 --- 100 V CURRENT: 30 A
TO-247AD(TO-3P)
0.645(16.4) 0.625(15.9) 0.323(8.2) 0.313(7.9) 0.170(4.3) 0.086(2.18)
1 2 3
0.203(5.16) 0.193(4.90) 30a 10a TYP BOTH SIDES 1a REF BOTH SIDES 0.118(3.0) 0.108(2.7) 0.078REF (1.98) 10a
0.076(1.93) 0.142(3.6) 0.138(3.5) 0.127(3.22) 0.117(2.97)
MECHANICAL DATA
0.225(5.7)
0.048(1.22) 0.044(1.12) PIN1
0.030(0.76) 0.020(0.51) PIN2 CASE
Case:JEDEC TO-247AD,molded plastic Terminals: Leads solderable per MIL- STD-750,Method 2026 Polarity: As marked Weight: 0.223 ounce, 6.3 grams Mounting position: Any
0.205(5.2)
PIN3
Dimensions in inches and(millimeters)
inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SBL SBL SBL SBL SBL SBL SBL SBL 3030PT 3035PT 3040PT 3045PT 3050PT 3060PT 3080PT 30100PT
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current TC=100 Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage @ 15 A Maximum reverse current @TC=25
UNITS
V V V A
VRRM VRMS VDC IF(AV)
30 21 30
35 25 35
40 28 40
45 32 45 30
50 35 50
60 42 60
80 56 80
100 70 100
IFSM VF IR RJC TJ TSTG
275
A
0.55 1.0 75 1.5
0.75
0.85
V mA /W
at rated DC blocking voltage @TC=100 Typical thermal resistance (Note1)
Operating junction temperature range Storage temperature range
Note: 1. Thermal resistance junction to case.
-55--- + 125 -55--- + 150
www.galaxycn.com
Document Number 0266072
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES PEAK FORWARD SURGE CURRENT,
SBL3030PT---SBL30100PT
FIG.2 -- FORWARD DERATING CURVE
300 275 240 8.3ms Single Half Sine Wave TJ=125
50
40
AMPERES
30
180
20
120
10
60
0
0 1
0
25
50
75
100
125
10
100
NUMBER OF CYCLES AT 60HZ
CASE TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERES
10 Tc=100 1.0
200 100
SBL3030PT-SBL3045PT
SBL3080PT-SBL30100PT
10
SBL3050PT-SBL3060PT
TC=25 0.1
T J= 2 5 P u ls e w id t h = 3 0 0 1 % D u t y C y c le
s
1
.1
.3
.5
.7
.9
1 .1
1 .3
1 .5
1 .7
1 .9
2 .1
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0266072
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of SBL3080PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X