Part Number Hot Search : 
TFS448 MBTA56 AU9360 SIL3811 AU9360 STA408 CM1896 SCQ076
Product Description
Full Text Search
 

To Download RGP30J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0A Sintered Glass Passivated Fast Recovery Rectifier RGP30A - RGP30M
3.0A Sintered Glass Passivated Fast Recovery Rectifier
Features
* * * * * * Sintered glass passivated (SGP) rectifier chip Capable of meeting environmental standards of MIL-S-19500 For use in high frequence rectifier circuits Fast switching for high efficiency Typical IR less than 0.1uA High temperature soldering guaranteed 260C/10 seconds /.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
DO-201AD
* RoHS Compliance
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: JEDEC DO-201AD molded plastic body Plastic package has UL flammability classification 94V-0 Plated axial leads, solderable per MIL-STD-750, Method 2026 Color band denotes cathode end 0.004 ounces, 1.12 grams
Maximum Ratings and Electrical Characteristics (T A=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current RGP 30A 50 35 50 RGP 30B 100 70 100 RGP 30D 200 140 200 RGP 30G 400 280 400 3.0 RGP 30J 600 420 600 RGP 30K 800 560 800 RGP 30M 1000 700 1000 Unit V V V A Conditions
VRRM VRMS VDC IF(AV)
0.375" (9.5mm) lead length(Fig.1)
8.3ms single half sine-wave superimposed on rated load (JEDEC Method)
IFSM
125
A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-TAITRON (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/DX 2007-06-04 Page 1 of 4
3.0A Sintered Glass Passivated Fast Recovery Rectifier RGP30A - RGP30M
Symbol Description Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Reverse Recovery Time Typical Junction Capacitance Typical Thermal Resistance Operating Temperature range Storage Temperature Range 150 60 20 RGP 30A RGP 30B RGP 30D RGP 30G 1.3 5 50 120 250 500 nS pF C / W A RGP 30J RGP 30K RGP 30M Unit V Conditions IF=3.0A TA=25 C TA=125 C TA=150 C IF=0.5A, IR=1A, Irr=0.25A VR=4V, f=1MHz Note
VF
IR
Trr CJ
RthJA
TJ
-65 to +175 C -65 to +175
TSTG
Note: Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B mounted. Typical Characteristics Curves
(A)
Fig.1-Max. Forward Current Derating Curve Peak Forward Surge Current (A) Fig.2-Max. Non-Repetitive Forward Surge Current
Average Forward Rectified Current
Ambient Temperature Ta (C)
Number of Cycles at 60Hz
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 2 of 4
3.0A Sintered Glass Passivated Fast Recovery Rectifier RGP30A - RGP30M
Fig.3- Typical Forward Characteristics IR, Instantaneous Reverse Current (A) Fig.4-Typical Reverse Characteristics
Instantaneous Forward Current
(A)
Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.5- Typical Junction Capacitance
Junction Capacitance (pF)
Reverse Voltage (V)
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 3 of 4
3.0A Sintered Glass Passivated Fast Recovery Rectifier RGP30A - RGP30M
Dimensions in inches (mm)
DO-201AD
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of RGP30J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X