Part Number Hot Search : 
DSP56 NLAOAC2 FML0540 EN25F051 2SC2123 UTCUR233 ST26C31B 2SA1798T
Product Description
Full Text Search
 

To Download PSC12-11EWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
Part Number: PSC12-11EWA
HIGH EFFICIENCY RED
Features
1.2 INCH CHARACTER HEIGHT . LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. STANDARD:GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAD2406 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/31/2007 DRAWN: Z.Z.YANG
PAGE: 1 OF 5 ERP: 1311000136
Selection Guide
Iv (ucd) [1] @ 10mA Min. PSC12-11EWA HIGH EFFICIENCY RED(GaAsP/GaP) WHITE DIFFUSED 3000 Typ. 12000 Common Cathode, Rt. Hand Decimal.
Part No.
Dice
Lens Type
Description
Note: 1. Luminous Intensity/ Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D[1] 1/2 C VF[2] Forward Voltage Reverse Current Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance c,d,g,h,k,m,n,s,r,t High Efficiency Red a,b,e,f,p,u and DP c,d,g,h,k,m,n,s,r,t High Efficiency Red a,b,e,f,p,u and DP 10 2.0 2.5 10 uA VR = 10V VR = 5V Device High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red Typ. 627 625 45 15 4.0 5.0 V IF=20mA Max. Units nm nm nm pF Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz
IR
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter c,d,g,h,k,m,n,s,r,t Power dissipation a,b,e,f,p,u and DP c,d,g,h,k,m,n,s,r,t DC Forward Current a,b,e,f,p,u and DP Peak Forward Current [1] Reverse Voltage a,b,e,f,p,u and DP Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
High Efficiency Red 150 75 30 30 160 160 10 5 -40C To +85C 260C For 3-5 Seconds
Units mW
mA
c,d,g,h,k,m,n,s,r,t a,b,e,f,p,u and DP c,d,g,h,k,m,n,s,r,t
mA
V
SPEC NO: DSAD2406 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/31/2007 DRAWN: Z.Z.YANG
PAGE: 2 OF 5 ERP: 1311000136
High Efficiency Red
PSC12-11EWA
Note:the curves are on the segment a,b,e,f,p,u and DP.
SPEC NO: DSAD2406 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/31/2007 DRAWN: Z.Z.YANG
PAGE: 3 OF 5 ERP: 1311000136
Note:the curves are on the segment c,d,g,h,k,m,n,s,r and t.
SPEC NO: DSAD2406 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/31/2007 DRAWN: Z.Z.YANG
PAGE: 4 OF 5 ERP: 1311000136
PACKING & LABEL SPECIFICATIONS
PSC12-11EWA
SPEC NO: DSAD2406 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/31/2007 DRAWN: Z.Z.YANG
PAGE: 5 OF 5 ERP: 1311000136


▲Up To Search▲   

 
Price & Availability of PSC12-11EWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X