Part Number Hot Search : 
BZT52C 1N4448W 15KP90A ISL8391 DFC6U5S5 3KP13A IT3012 SPB80N06
Product Description
Full Text Search
 

To Download PDV-P8101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CdS Photoconductive Photocells PDV-P8101
PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm]
.010 [0.25] .169 [4.29] +.015 [0.38] -.010 [0.25] .079 [2.00] EPOXY ON LEADS 3 mm MAX 2X O.016 [0.40]
.134 [3.40]
.010 [0.25] O.200 [5.08]
PLASTIC COATED 2X 1.023 [26.0]
CERAMIC PACKAGE
FEATURES
* Visible light response * Sintered construction * Low cost
DESCRIPTION
APPLICATIONS
The PDV-P8101 are (CdS), Photoconductive * Camera exposure photocells designed to sense light from 400 to 700 * Shutter controls nm. These light dependent resistors are available in * Night light Controls a wide range of resistance values. They're packaged in a two leaded plastic-coated ceramic header. CELL RESISTANCE VS. ILLUMINANCE
1000 Resistance in Kohms
ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL Vpk Pd po/t TO TS PARAMETER Applied Voltage Continuous Power Dissipation Operating and Storage Temperature Soldering Temperature* -30 MIN MAX 150 100 +75 +260 UNITS V mW/C C C
100
10
1 1 10 Illum inance in lux 100
* 0.200 inch from base for 3 seconds with heat sink.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL RD RI S lrange lpeak tr Tf CHARACTERISTIC Dark Resistance Illuminated Resistance TEST CONDITIONS MIN 0.15 4 0.65 400 520 55 20 700 TYP MAX 11 After 10 sec. @ 10 Lux @ 2856 K 10 Lux @ 2856 K LOG(R100)-LOG(R10)** Sensitivity LOG(E100)-LOG(E10)*** Spectral Application Range Flooded Spectral Application Range Flooded Rise Time 10 Lux @ 2856 K Fall Time After 10 Lux @ 2856 K UNITS MW KW W/Lux nm nm ms ms
**R100, R10: cell resistances at 100 Lux and 10 Lux at 2856 K respectively . ***E100, E10: luminances at 100 Lux and 10 Lux 2856 K respectively.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice. REV 3/30/06


▲Up To Search▲   

 
Price & Availability of PDV-P8101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X