Part Number Hot Search : 
G2309 P87LPC 15266 GQZJ20 DT72V CP2016A CDLL4711 UPD780
Product Description
Full Text Search
 

To Download P4C1298-15CC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P4C1298/P4C1298L ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
FEATURES
Full CMOS, 6T Cell High Speed (Equal Access and Cycle Times) - 15/20/25/35 ns (Commercial/Industrial) - 15/20/25/35/45 ns (Military) Low Power Single 5V10% Power Supply Output Enable & Chip Enable control functions Data Retention with 2.0V Supply Three-State Outputs TTL/CMOS Compatible Outputs Fully TTL Compatible Inputs Standard Pinout (JEDEC Approved) - 28-Pin 300 mil DIP, SOJ - 28-Pin 350x550 mil LCC
DESCRIPTION
The P4C1298/L are a 262,144-bit ultra high speed static RAM organized as 64K x 4. The CMOS memory requires no clock or refreshing and has equal access and cycle times. Inputs and outputs are fully TTL-compatible. The RAM operates from a single 5V10% tolerance power supply. With battery backup, data integrity is maintained for supply voltages down to 2.0V. Current drain is typically 10 A from a 2.0V supply. Access times as fast as 15 nanoseconds are available, permitting greatly enhanced system speeds. CMOS is utilized to reduce power consumption. The P4C1298 is available in a 28-pin 300 mil DIP or SOJ, as well as a 28-pin 350x500 mil LCC package, providing excellent board level densities.
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
DIP (P5, C5) SOJ (J5)
LCC (L5)
Document # SRAM135 REV OR Revised April 2007 1
P4C1298/L
MAXIMUM RATINGS(1)
Symbol VCC Parameter Power Supply Pin with Respect to GND Terminal Voltage with Respect to GND (up to 7.0V) Operating Temperature Value -0.5 to +7 -0.5 to VCC +0.5 -55 to +125 Unit V Symbol TBIAS TSTG V C PT IOUT Parameter Temperature Under Bias Storage Temperature Power Dissipation DC Output Current Value -55 to +125 -65 to +150 1.0 50 Unit C C W mA
VTERM TA
RECOMMENDED OPERATING TEMPERATURE AND SUPPLY VOLTAGE
Grade(2) Military Industrial Commercial Ambient Temperature -55C to +125C -40C to +85C 0C to +70C GND 0V 0V 0V VCC 5.0V 10% 5.0V 10% 5.0V 10%
CAPACITANCES(4)
VCC = 5.0V, TA = 25C, f = 1.0MHz Symbol CIN COUT Parameter Input Capacitance Output Capacitance Conditions Typ. Unit VIN = 0V VOUT = 0V 5 7 pF pF
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2) Symbol VIH VIL VHC VLC V CD VOL VOH ILI ILO ISB ISB1 Parameter
Input High Voltage Input Low Voltage CMOS Input High Voltage CMOS Input Low Voltage Input Clamp Diode Voltage Output Low Voltage (TTL Load) Output High Voltage (TTL Load) Input Leakage Current VCC = Min., IIN = 18 mA IOL = +8 mA, VCC = Min. IOH = -4 mA, VCC = Min. VCC = Max. VIN = GND to VCC VCC = Max., CE = VIH VOUT = GND to VCC CE VIH VCC = Max ., f = Max., Outputs Open CE VHC VCC = Max., f = 0, Outputs Open VIN VLC or VIN VHC Mil Ind/Comm Mil Ind/Comm 2.4
Test Conditions
P4C1298 Min Max
2.2 -0.5(3) VCC -0.2 -0.5
(3)
P4C1298L Min Max
2.2 -0.5(3) VCC +0.5 0.8 VCC +0.5 0.2 -1.2 0.4 2.4
Unit
V V V V V V V
VCC +0.5 0.8
VCC +0.5 VCC -0.2 0.2 -1.2 0.4 -0.5
(3)
-5
+5
-10
+10
A
Output Leakage Current Standby Power Supply Current (TTL Input Levels) Standby Power Supply Current (CMOS Input Levels)
-5 ___ ___
+5 40 20 10 10
-10 ___ ___ ___ ___
+10 20 N/A 10 N/A
A mA mA mA mA
___ ___
Notes: 1. Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to MAXIMUM rating conditions for extended periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per minute of air flow. 3. Transient inputs with VIL and IIL not more negative than -3.0V and -100mA, respectively, are permissible for pulse widths up to 20 ns. 4. This parameter is sampled and not 100% tested.
Document # SRAM135 REV OR
Page 2 of 11
P4C1298/L
POWER DISSIPATION CHARACTERISTICS VS. SPEED
Symbol Parameter Temperature Range Commercial Industrial Military -15 160 160 160 -20 125 135 150 -25 115 120 120 -35 110 115 120 Unit mA mA mA
ICC
Dynamic Operating Current*
*VCC = 5.5V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V. CE = VIL
DATA RETENTION CHARACTERISTICS (P4C1298L ONLY)
Symbol VDR ICCDR tCDR tR Parameter VCC for Data Retention Data Retention Current Chip Deselect to Data Retention Time Operation Recovery Time CE VCC -0.2V, VIN VCC -0.2V or VIN 0.2V Test Conditions Min 2.0 10 0 tRC 15 1000 2000 Typ.* VCC = 2.0V 3.0V Max VCC = 2.0V 3.0V Unit V A ns ns
*TA = +25C

tRC = Read Cycle Time This parameter is guaranteed but not tested.
DATA RETENTION WAVEFORM
Document # SRAM135 REV OR
Page 3 of 11
P4C1298/L
AC CHARACTERISTICS--READ CYCLE
(VCC = 5V 10%, All Temperature Ranges)(2)
Sym. tRC tAA tAC tOH tLZ tHZ tOE tOLZ t OHZ tPU t PD
Parameter Read Cycle Time Address Access Time Chip Enable Access Time Output Hold from Address Change Chip Enable to Output in Low Z Chip Disable to Output in High Z Output Enable Low to Data Valid Output Enable Low to Low Z Output Enable High to High Z Chip Enable to Power Up Time Chip Disable to Power Down Time 0 0 3 3 15
-15 Min
-20
-25 Min 25 20 20 25 25 3 3 10 10 15 15 0 9 15 0 20 25 0 0 3 3
-35 Max Min 35 35 35 3 3 15 25 0 20 0 35 Max
-45 Min 45 45 45 Max
Unit ns ns ns ns ns 20 30 20 45 ns ns ns ns ns ns
Max Min Max 20 15 15 3 3 8 8 0 9 0 15
TIMING WAVEFORM OF READ CYCLE NO. 1 (OE CONTROLLED)(5) OE
TIMING WAVEFORM OF READ CYCLE NO. 2 (ADDRESS CONTROLLED)(5,6)
Document # SRAM135 REV OR
Page 4 of 11
P4C1298/L
TIMING WAVEFORM OF READ CYCLE NO. 3 (CE CONTROLLED)(5,6) CE
Notes: 5. CE is LOW and WE is HIGH for READ cycle. 6. WE is HIGH, and address must be valid prior to or coincident with CE transition LOW.
7. Transition is measured 200mV from steady state voltage prior to change with specified loading in Figure 1. This parameter is sampled and not 100% tested. 8. Read Cycle Time is measured from the last valid address to the first transitioning address.
Document # SRAM135 REV OR
Page 5 of 11
P4C1298/L
AC CHARACTERISTICS - WRITE CYCLE
(VCC = 5V 10%, All Temperature Ranges)(2)
-15 Sym tWC tCW t AW t AS t WP t AH tDW t DH t WZ tOW Parameter Write Cycle Time Chip Enable Time to End of Write Address Valid to End of Write Address Set-up Time Write Pulse Width Address Hold Time from End of Write Data Valid to End of Write Data Hold Time Write Enable to Output in High Z Output Active from End of Write 0 Min 15 10 10 0 10 0 9 0 7 0 Max Min 20 15 15 0 15 0 10 0 10 0 -20 Max Min 25 20 20 0 20 0 15 0 15 0 -25 Max Min 35 25 25 0 25 0 20 0 20 0 -35 Max Min 45 30 30 0 30 0 20 0 20 -45 Max
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (WE CONTROLLED) (9) WE
Notes: 9. CE and WE must be LOW for WRITE cycle. 10. OE is LOW for this WRITE cycle. 11. If CE goes HIGH simultaneously with WE HIGH, the output remains in a high impedance state.
12. Write Cycle Time is measured from the last valid address to the first transition address. 13. Transition is measured 200mV from steady state voltage prior to change with specified loading in Figure 1. This parameter is sampled and not 100% tested.
Document # SRAM135 REV OR
Page 6 of 11
P4C1298/L
TIMING WAVEFORM OF WRITE CYCLE NO. 2 (CE CONTROLLED)(9,10) CE
AC TEST CONDITIONS
Input Pulse Levels Input Rise and Fall Times Input Timing Reference Level Output Timing Reference Level Output Load GND to 3.0V 3ns 1.5V 1.5V See Figures 1 and 2
TRUTH TABLE
Mode Standby Read Write CE H L L WE X H L Output High Z DOUT DIN Power Standby Active Active
Figure 1. Output Load
* including scope and test fixture. Note: Because of the ultra-high speed of the P4C1298, care must be taken when testing this device; an inadequate setup can cause a normal functioning part to be rejected as faulty. Long high-inductance leads that cause supply bounce must be avoided by bringing the VCC and ground planes directly up to the contactor fingers. A 0.01 F high
Figure 2. Thevenin Equivalent
frequency capacitor is also required between VCC and ground. To avoid signal reflections, proper termination must be used; for example, a 50 test environment should be terminated into a 50 load with 1.73V (Thevenin Voltage) at the comparator input, and a 116 resistor must be used in series with DOUT to match 166 (Thevenin Resistance).
Document # SRAM135 REV OR
Page 7 of 11
P4C1298/L
ORDERING INFORMATION
SELECTION GUIDE
The P4C1298 is available in the following temperature, speed and package options.
Temperature Range Commercial Industrial Military Temperature Military Processeed* Speed Package Plastic SOJ, 300 mil Plastic SOJ, 300 mil Ceramic DIP, 300 mil 28-Pin Ceramic LCC Ceramic DIP, 300 mil 28-Pin Ceramic LCC 15 -15J3C -15J3I -15CM -15L28M -15CMB -15L28MB 20 -20J3C -20J3I -20CM -20L28M -20CMB -20L28MB 25 -25J3C -25J3I -25CM -25L28M -25CMB -25L28MB 35 -35J3C -35J3I -35CM -25L28M -35CMB -25L28MB
1513 10
Document # SRAM135 REV OR
Page 8 of 11
P4C1298/L
Pkg # # Pins Symbol A A1 b C D e E E1 E2 Q
J5
28 (300 mil) Min Max 0.120 0.148 0.078 0.014 0.020 0.007 0.011 0.700 0.730 0.050 BSC 0.335 BSC 0.292 0.300 0.267 BSC 0.025 -
SOJ SMALL OUTLINE IC PACKAGE
Pkg # # Pins Symbol A A1 b b2 C D E1 E e eB L
P5
28 (300 mil) Min Max 0.210 0.014 0.023 0.045 0.070 0.008 0.014 1.345 1.400 0.270 0.300 0.300 0.380 0.100 BSC 0.430 0.115 0.150 0 15
PLASTIC DUAL IN-LINE PACKAGE
Document # SRAM135 REV OR
Page 9 of 11
P4C1298/L
Pkg # # Pins Symbol A A1 B1 D D1 D2 D3 E E1 E2 E3 e h j L L1 L2 ND NE
L5
28 Min Max 0.060 0.075 0.050 0.065 0.022 0.028 0.342 0.358 0.200 BSC 0.100 BSC 0.358 0.540 0.560 0.400 BSC 0.200 BSC 0.558 0.050 BSC 0.040 REF 0.020 REF 0.045 0.055 0.045 0.055 0.075 0.095 5 9
RECTANGULAR LEADLESS CHIP CARRIER
Pkg # # Pins Symbol A b b2 C D E eA e L Q S1 S2
C5
28 (300 mil) Min Max 0.225 0.014 0.026 0.045 0.065 0.008 0.018 1.485 0.240 0.310 0.300 BSC 0.100 BSC 0.125 0.200 0.015 0.070 0.005 0.005 -
SIDEBRAZED DUAL IN-LINE PACKAGE
Document # SRAM135 REV OR
Page 10 of 11
P4C1298/L
REVISIONS
DOCUMENT NUMBER: DOCUMENT TITLE: REV. OR ISSUE DATE Apr-07 SRAM135
P4C1298/P4C1298L ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
ORIG. OF CHANGE JDB
DESCRIPTION OF CHANGE New Data Sheet
Document # SRAM135 REV OR
Page 11 of 11


▲Up To Search▲   

 
Price & Availability of P4C1298-15CC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X