Part Number Hot Search : 
9162B 4032K130 MV833 TC70EPA SLA7032M MV833 B8224 ICROS
Product Description
Full Text Search
 

To Download NX3225SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Units
NX3225SA
n Features
A small surface-mount type crystal unit, especially suited for small-sizing requirements. lUltra compact and thin. (3.2 x 2.5 x 0.55mm typ.) lExcellent environmental characteristics, including heat and shock resistance. lExcellent electrical performance, ideal for OA (office automation), AV (audiovisual), Bluetooth and Wireless LAN applications. lLead-free. Meets the requirements for re-flow profiling using lead-free solder.
For OA / AV / Short-range Wireless
Pb Free
n Specifications
Item Frequency Range Overtone Order Frequency Tolerance (25 3) Temperature Characteristics (with reference to +25C) Operating Temperature Range Equivalent Series Resistance Drive Level Load Capacitance Model NX3225SA 12 to 54MHz Fundamental 15 x 10-6 15 x 10-6 -10 to +75 Refer to *1 10W(Max:200W) 8pF
The above specifications are standard for this NDK product. Custom-made specifications such as load capacitance and temperature characteristics are also available. Please contact NDK sales with your enquiries.
n How to Specify an Order
When ordering our products, specify them with an "Ordering Code" that consists of the following : Model name - Frequency (Max : 9 digits) M - Number for specifying an order Example NX3225SA-12.000M-STD-CSR-3
If you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/).
n Dimensions
mm
3.2 0.1
*1 Equivalent Series Resistance Frequency (MHz) Equivalent Series (Range) Resistance max.[] 12 to 13 13 to 16 16 to 20 20 to 30
#1 #2
Internal connections(TOP VIEW) #4 #3
120 100 80 70 50
2.5 0.1
30 to 54
0.550.05
*#2 and #4 are connected with a cover. (Please connect with a GND or a power supply.)
Reference land pattern
#1 #2 1 .6
1.6
0.9
#4
1.0 2.2
#3 2.2
1.4
1 .2
cu22_071108_NX3225SA_e1


▲Up To Search▲   

 
Price & Availability of NX3225SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X