Part Number Hot Search : 
S30740 SN431AM AD148IV MV53622 28010 AU6850 AD5201 TAP1213
Product Description
Full Text Search
 

To Download NX3225GA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Units
NX3225GA
n Features
A small surface-mount type crystal unit, especially suited for small-sizing requirements. lUltra compact and thin. (3.2 x 2.5 x 0.75mm typ.) lExcellent environmental characteristics, including heat and shock resistance. lExcellent electrical performance for OA (office automation) and AV (audiovisual) applications. lLead-free. Meets the requirements for re-flow profiling using lead-free solder. lOutstanding cost performance.
For OA / AV
n Specifications
Item Frequency Range Overtone Order Frequency Tolerance (25 3) Temperature Characteristics (with reference to +25C) Operating Temperature Range Equivalent Series Resistance Drive Level Load Capacitance Model NX3225GA 12 to 50MHz Fundamental 20 x 10-6 30 x 10-6 -10 to +70 Refer to *1 10W(Max:200W) 8pF
The above specifications are standard for this NDK product. Custom-made specifications such as load capacitance and temperature characteristics are also available. Please contact NDK sales with your enquiries.
n How to Specify an Order
When ordering our products, specify them with an "Ordering Code" that consists of the following : Model name - Frequency (Max : 9 digits) M - Number for specifying an order Example NX3225GA-12.000M-STD-CRG-1
If you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/).
n Dimensions
mm
3.2 0.1
*1 Equivalent Series Resistance Frequency (MHz) (Range) 12 to 13 13 to 16 16 to 20 20 to 30
#1 #2
Equivalent Series Resistance max.[] 120 100 80 70 50
Internal connections(TOP VIEW) #4 #3
2.5 0.1
30 to 50
0.750.15
*#2 and #4 are not connected.
Reference land pattern
#1 #2 1.6
1.6 0.9
#4
1.0 2.2
#3 2.2
1.4
1.2
cu21_071108_NX3225GA_e1


▲Up To Search▲   

 
Price & Availability of NX3225GA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X