Part Number Hot Search : 
HS420 2SA17 STT6601 PSKT95 SC441 02000 2N753 NR301E
Product Description
Full Text Search
 

To Download MUR460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR420 THRU MUR460
4.0 AMPS. Ultrafast Glass Passivated Rectifiers
Voltage Range 200 to 600 Volts Current 4.0 Amperes
Features
Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes Ultrafast recovery time for high efficiency Excellent high temperature switching Glass passivated junction
DO-201AD
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STD202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Mounting position: Any Weight: 1.2 grams, 0.045oz.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MUR420 Type Number Maximum Recurrent Peak Reverse Voltage V RRM 200 Maximum RMS Voltage V RMS 140 Maximum DC Blocking Voltage V DC 200
Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length (See Fig. 1) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 4.0A Maximum DC Reverse Current @ T C =25 at Rated DC Blocking Voltage @ T C =150 (Note 4) Maximum Reverse Recovery Time ( Note 2 ) Typical Junction Capacitance ( Note 1 ) TJ = 25(Fig. 5) Typical Thermal Resistance (Note 3) Maximum Forward Recovery Time TFR (IF=1.0A, di/dt = 100A/us, Rev. to 1.0V) Operating Temperature Range Storage Temperature Range
MUR440
MUR460
400 280 400 4.0
600 420 600
Units V V V A
I(AV) IFSM VF IR Trr Cj R JA T FR TJ
125 0.89 5.0 150 25 65 28 25
150 1.28 10 250 50
A V uA uA nS pF /W
50 -65 to +175 -65 to +175
nS
TSTG Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4..0 Volts D.C. 2. Reverse Recovery Test Conditions: IF =0.5A, IR =1.0A, IRR =0.25A 3. Thermal Resistance from Junction to Ambient, Lead Length = 1/2" on P.C. Board with 1.5" x 1.5" Copper Surface. 4. Pulse lest: tp = 300 uS, Duty Cycle < 2%.
- 372 -
RATINGS AND CHARACTERISTIC CURVES (MUR420 THRU MUR460)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
6.0
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
150
AVERAGE FORWARD RECTIFIED CURRENT. (A)
L = 1/2"
PEAK FORWARD SURGE CURRENT. (A)
125
4.0
PCB with 1.5" x 1.5" copper pads
100
MU
R4
40-
60
75
2.0
MU
R4
20
50
0 0 50 100
O
25 150 200 1 AMBIENT TEMPERATURE. ( C) 10 NUMBER OF CYCLES AT 60HZ 100
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
FIG.4- TYPICSL REVERSE CHARACTERISTICS
1000
Tj=25 0C 10
INSTANTANEOUS REVERSE LEAKAGE CURRENT ( A)
INSTANTANEOUS FORWARD CURRENT. (A)
100
M
1
U
R
42
0
10 Tj=100 0C
M
4 UR
40
-
60
1
0.1 Tj=25 0C
0.1
0.01
0.01 0 0.4 0.8 1.2 1.6 2.0 INSTANTANEOUS FORWARD VOLTAGE. (V)
0.001 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PERLEG
1000
JUNCTION CAPACITANCE. (PF)
Tj=25 0C f=1.0MHz Vsig=50m Vp-p
100
10 0.1 1 10 REVERSE VOLTAGE. (V) 100
- 373 -


▲Up To Search▲   

 
Price & Availability of MUR460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X