|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Type MMP Polyester Film Capacitors Metallized Oval, Axial Leads Low Profile Circuit Cards Type MMP axial-leaded, metallized polyester capacitors are ideal when height is at a premium. Non-inductive winding and self-healing capabilities provide stability and long life. Specifications Voltage Range: 100 to 630 Vdc (65 to 250 Vac, 60 Hz) Capacitance Range: .01 to 10 F Capacitance Tolerance: 10% (K) standard Operating Temperature Range: -55 C to 125 C* *Full-rated voltage at 85 C-Derate linearly to 50%-rated voltage at 125 C 5% (J) optional Dielectric Strength: 175% (1 minute) Dissipation Factor: 1% Max. (25 C, 1 kHz) Insulation Resistance: 5,000 M x F Life Test: 1,000 Hours at 85 C at 125% Rated Voltage 10,000 M Min. Ratings and Dimensions Cap. (F) Catalog Number Inches T (mm) Inches W (mm) Inches L (mm) Inches d RoHS Compliant dV/dt (mm) V/s 100 Vdc (65 Vac) 0.15 0.22 0.33 0.47 0.68 1.00 1.50 2.20 3.30 4.70 6.80 10.00 MMP1P15K-F MMP1P22K-F MMP1P33K-F MMP1P47K-F MMP1P68K-F MMP1W1K-F MMP1W1P5K-F MMP1W2P2K-F MMP1W3P3K-F MMP1W4P7K-F MMP1W6P8K-F MMP1W10K-F 0.197 0.236 0.236 0.236 0.256 0.276 0.276 0.354 0.433 0.354 0.512 0.630 (5.0) (6.0) (6.0) (6.0) (6.5) (7.0) (7.0) (9.0) (11.0) (9.0) (13.0) (16.0) 0.354 0.394 0.433 0.394 0.433 0.492 0.492 0.630 0.729 0.729 0.906 1.044 (9.0) (10.0) (11.0) (10.0) (11.0) (12.5) (12.5) (16.0) (18.5) (18.5) (23.0) (26.5) 0.670 0.670 0.670 0.906 0.906 0.906 1.063 1.063 1.063 1.378 1.378 1.378 (17.0) (17.0) (17.0) (23.0) (23.0) (23.0) (27.0) (27.0) (27.0) (35.0) (35.0) (35.0) 0.024 0.024 0.024 0.024 0.024 0.032 0.032 0.032 0.032 0.032 0.032 0.032 (0.6) (0.6) (0.6) (0.6) (0.6) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) 20 20 20 12 12 12 8 8 8 6 6 6 250 Vdc (160 Vac) 0.10 0.15 0.22 0.33 0.47 MMP2P1K-F MMP2P15K-F MMP2P22K-F MMP2P33K-F MMP2P47K-F 0.217 0.217 0.197 0.217 0.276 (5.5) (5.5) (5.0) (5.5) (7.0) 0.335 0.374 0.354 0.414 0.433 (8.5) (9.5) (9.0) (10.5) (11.0) 0.670 0.670 0.906 0.906 0.985 (17.0) (17.0) (23.0) (23.0) (25.0) 0.024 0.024 0.024 0.024 0.032 (0.6) (0.6) (0.6) (0.6) (0.8) 28 28 17 17 12 CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02740*Phone: (508)996-8561*Fax: (508)996-3830 www.cde.com Type MMP Polyester Film Capacitors Cap. (F) Catalog Number Inches T (mm) Inches W (mm) Inches L (mm) Inches d RoHS Compliant dV/dt (mm) V/s 250 Vdc (160 Vac) (cont'd) 0.680 1.000 1.500 2.200 3.300 4.700 6.800 10.000 MMP2P68K-F MMP2W1K-F MMP2W1P5K-F MMP2W2P2K-F MMP2W3P3K-F MMP2W4P7K-F MMP2W6P8K-F MMP2W10K-F 0.256 0.295 0.335 0.394 0.492 0.630 0.748 0.630 (6.5) (7.5) (8.5) (10.0) (12.5) (16.0) (19.0) (16.0) 0.492 0.532 0.591 0.709 0.866 0.985 1.063 1.063 (12.5) (13.5) (15.0) (18.0) (22.0) (25.0) (27.0) (27.0) 1.103 1.103 1.260 1.378 1.457 1.694 1.575 1.930 (28.0) (28.0) (32.0) (35.0) (37.0) (43.0) (40.0) (49.0) 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) 10 10 10 8 8 6 8 6 400 Vdc (200 Vac) 0.022 0.033 0.047 0.068 0.100 0.150 0.220 0.330 0.470 0.680 1.000 1.500 2.200 3.300 4.700 MMP4S22K-F MMP4S33K-F MMP4S47K-F MMP4S68K-F MMP4P1K-F MMP4P15K-F MMP4P22K-F MMP4P33K-F MMP4P47K-F MMP4P68K-F MMP4W1K-F MMP4W1P5K-F MMP4W2P2K-F MMP4W3P3K-F MMP4W4P7K-F 0.197 0.236 0.236 0.256 0.256 0.256 0.295 0.315 0.354 0.354 0.414 0.492 0.551 0.670 0.827 (5.0) (6.0) (6.0) (6.5) (6.5) (6.5) (7.5) (8.0) (9.0) (9.0) (10.5) (12.5) (14.0) (17.0) (21.0) 0.354 0.394 0.394 0.394 0.433 0.453 0.532 0.571 0.610 0.630 0.729 0.827 0.906 1.024 1.182 (9.0) (10.0) (10.0) (10.0) (11.0) (11.5) (13.5) (14.5) (15.5) (16.0) (18.5) (21.0) (23.0) (26.0) (30.0) 0.670 0.670 0.670 0.670 0.748 0.866 0.985 1.063 1.063 1.378 1.378 1.378 1.575 1.575 1.575 (17.0) (17.0) (17.0) (17.0) (19.0) (22.0) (25.0) (27.0) (27.0) (35.0) (35.0) (35.0) (40.0) (40.0) (40.0) 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 (0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) 45 45 45 45 27 27 15 15 15 14 14 14 12 12 12 630 Vdc (250 Vac) 0.010 0.015 0.022 0.033 0.047 0.068 0.100 0.150 0.220 0.330 0.470 0.680 1.000 1.500 2.200 MMP6S1K-F MMP6S15K-F MMP6S22K-F MMP6S33K-F MMP6S47K-F MMP6S68K-F MMP6P1K-F MMP6P15K-F MMP6P22K-F MMP6P33K-F MMP6P47K-F MMP6P68K-F MMP6W1K-F MMP6W1P5K-F MMP6W2P2K-F 0.197 0.236 0.236 0.236 0.236 0.276 0.315 0.394 0.354 0.394 0.473 0.433 0.512 0.670 0.748 (5.0) (6.0) (6.0) (6.0) (6.0) (7.0) (8.0) (10.0) (9.0) (10.0) (12.0) (11.0) (13.0) (17.0) (19.0) 0.354 0.394 0.394 0.394 0.394 0.433 0.512 0.591 0.591 0.670 0.689 0.748 0.866 1.063 1.103 (9.0) (10.0) (10.0) (10.0) (10.0) (11.0) (13.0) (15.0) (15.0) (17.0) (17.5) (19.0) (22.0) (27.0) (28.0) 0.670 0.670 0.670 0.670 0.906 0.906 0.906 0.906 1.063 1.063 1.378 1.378 1.536 1.536 1.930 (17.0) (17.0) (17.0) (17.0) (23.0) (23.0) (23.0) (23.0) (27.0) (27.0) (35.0) (35.0) (39.0) (39.0) (49.0) 0.024 0.024 0.024 0.024 0.024 0.024 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 (0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) 72 72 72 72 43 43 43 43 28 28 21 21 21 21 12 CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02740*Phone: (508)996-8561*Fax: (508)996-3830 www.cde.com |
Price & Availability of MMP4W4P7K-F |