Part Number Hot Search : 
9L05A BAS28 200AB PIC16F7 303CNQ CD4025 34286G2 SK4107
Product Description
Full Text Search
 

To Download MALREKS20KK422D00K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EKSU
Vishay Roederstein
Aluminum Capacitors Radial Style Non-Polar
FEATURES
* Non-polarized (bi-polar) aluminum electrolytic
capacitor * Small size * High temperature range
RoHS
COMPLIANT
APPLICATIONS
* Circuits with changing or unknown polarity
Component outlines
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (O D x L) Rated capacitance range CR Capacitance tolerance Rated voltage range Category temperature range Load life Based on sectional specification Climatic category IEC 60 068 UNIT mm F % V C h VALUE 5 x 11 to 18 x 40 0.1 to 4700 20 6.3 to 100 - 40 to + 105 1000 IEC 60384-4 40/105/56
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 RATED VOLTAGE (V) 6.3 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 10 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 16 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 25 6.3 x 11 8 x 11.5 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 35 5 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 50 6.3 x 11 8 x 11.5 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 63 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 100 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 10 x 12.5 10 x 12.5 10 x 16 -
www.vishay.com 332
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25011 Revision: 24-Jun-08
EKSU
Aluminum Capacitors Radial Style Non-Polar
RADIAL STYLE: DIMENSIONS in millimeters
O d 0.05 tinned copper-ply steel O D + max. + S 0.5 L + max. 15 min. 4 min.
Vishay Roederstein
OD S Od
5 2.0 0.5
6.3 2.5 0.5 1.5
8 3.5 0.6
10 5.0 0.6
12.5 5.0 0.6
16 7.5 0.8 2.0
18 7.5 0.8
22 10.0 1.0
25 12.5 1.0
0.5
1.0
DIMENSIONS in millimeters AND AVAILABLE FORMS
Casing Insulation Dmax. Od
Dmax.
S 0.5
Lmax.
15 min.
4 min.
Lmax.
4.5 0.5
O D 18 long leads MALREKS20...
O D 18 shortened leads MALREKS25... (S = 2/2.5/3.5/5/7.5 mm)
S 0.5
5 0.5
S 0.5
2 max. 4.5 0.5 1.1 0.1 1.10 0.1
2 0.2 4.5 0.5
2 max.
O D 8 leads shortened and formed MALREKS29... (S = 2.0/2.5/3.5 mm)
10 O D 18 leads shortened and formed MALREKS26... (S = 5/7.5 mm)
GENERAL NOTE
* For Standard Packaging Quantity (SPQ) and Minimum Order Quantity (MOQ) please refer to our price list or contact customer service * For other packaging forms please refer to Vishay Roederstein General Information
Document Number: 25011 Revision: 24-Jun-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 333
EKSU
Vishay Roederstein
Aluminum Capacitors Radial Style Non-Polar
ORDERING EXAMPLE
DESCRIPTION rated voltage rated capacitance at 120 Hz max. dissipation factor at 120 Hz max. equivalent series resistance at 120 Hz rated alternating current (rms) at 120 Hz and upper category temperature
ELECTRICAL DATA
SYMBOL UR CR tan RESR IR Note Unless otherwise specified, all electrical values at Ta = 20 C, P = 80 to 120 kPa, RH = 45 to 75 %.
EKSU 470 F/25 V, 20 %, size: 16 x 25 mm Leads: Long Ordering code: MALREKS20JG347E00K Leads: Short Ordering code: MALREKS25... For 5 O D 8 mm Leads: Bent open, shortened and formed Ordering code: MALREKS29... For 10 O D 18 mm Leads: Shortened and formed Ordering code: MALREKS26 ...
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 33 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 22 33 47 68 100 150 220 470 680 1000 1500 2200 3300 15 22 47 68 100 150 330 470 680 1000 1500 2200 DIMENSIONS ODxL (mm) 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 tan 120 Hz 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.26 0.28 0.30 0.32 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.22 0.24 0.26 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.18 0.20 RESR 120 Hz () 9.65 4.68 3.18 2.12 1.45 0.965 0.677 0.468 0.318 0.230 0.169 0.121 0.090 12.1 8.04 5.64 3.90 2.65 1.77 1.21 0.564 0.390 0.265 0.195 0.145 0.104 14.1 9.65 4.52 3.12 2.12 1.41 0.643 0.452 0.312 0.212 0.159 0.121 IR 120 Hz/105 C (mA) 46 76 109 155 188 252 328 464 613 800 1072 1361 1650 41 58 69 98 139 186 246 422 554 745 999 1242 1534 38 53 92 128 170 227 396 515 687 956 1184 1428 WEIGHT (g) 0.45 0.46 1.10 1.90 1.90 2.20 3.10 4.00 4.40 6.80 11.0 12.3 12.6 0.45 0.46 0.46 1.10 1.90 2.20 3.10 4.00 4.40 6.80 11.0 12.3 12.6 0.45 0.46 1.10 1.90 2.20 3.10 4.00 4.40 6.80 11.0 12.3 12.6 CATALOG NUMBER (Long Leads) MALREKS20AA233B00K MALREKS20BA268B00K MALREKS20PB310B00K MALREKS20DC315B00K MALREKS20DC322B00K MALREKS20DD333B00K MALREKS20DE347B00K MALREKS20FE368B00K MALREKS20FG410B00K MALREKS20JG415B00K MALREKS20JL422B00K MALREKS20KL433B00K MALREKS20KK447B00K MALREKS20AA222C00K MALREKS20BA233C00K MALREKS20BA247C00K MALREKS20PB268C00K MALREKS20DC310C00K MALREKS20DD315C00K MALREKS20DE322C00K MALREKS20FE347C00K MALREKS20FG368C00K MALREKS20JG410C00K MALREKS20JL415C00K MALREKS20KL422C00K MALREKS20KK433C00K MALREKS20AA215D00K MALREKS20BA222D00K MALREKS20PB247D00K MALREKS20DC268D00K MALREKS20DD310D00K MALREKS20DE315D00K MALREKS20FE333D00K MALREKS20FG347D00K MALREKS20JG368D00K MALREKS20JL410D00K MALREKS20KL415D00K MALREKS20KK422D00K Document Number: 25011 Revision: 24-Jun-08
6.3
10
16
www.vishay.com 334
For technical questions, contact: aluminumcaps1@vishay.com
EKSU
Aluminum Capacitors Radial Style Non-Polar
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 15 33 68 220 330 470 680 1000 1500 6.8 22 33 47 100 150 220 330 470 680 1000 10 15 68 100 150 220 330 470 680 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 DIMENSIONS ODxL (mm) 6.3 x 11 8 x 11.5 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 5 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 6.3 x 11 8 x 11.5 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 18 x 40 tan 120 Hz 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.18 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 RESR 120 Hz () 14.1 6.43 3.12 0.965 0.643 0.452 0.312 0.212 0.159 27.3 8.44 5.63 3.95 1.86 1.24 0.844 0.563 0.395 0.273 0.186 15.9 10.6 2.34 1.59 1.06 0.723 0.482 0.339 0.234 1592 1061 723.5 482.3 338.6 234.1 159.2 106.1 72.3 48.2 33.9 23.4 15.9 10.6 7.23 4.82 3.39 2.34 1.59 1.06 0.723 0.482 0.339 IR 120 Hz/105 C (mA) 44 77 140 323 431 571 788 1026 1243 27 67 95 125 198 285 376 511 701 904 1151 41 60 177 251 336 451 634 812 1025 3.9 4.8 5.8 7.2 8.5 10 12 15 18 23 31 37 53 76 101 124 161 227 300 408 567 745 933 WEIGHT (g) 0.46 1.10 2.20 4.00 4.40 6.80 11.0 12.3 12.6 0.45 1.10 1.90 2.20 3.10 4.00 4.40 6.80 11.0 12.3 12.6 0.46 1.10 3.10 4.00 4.40 6.80 11.0 12.3 12.6 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.46 0.46 1.10 1.90 2.20 2.20 3.10 4.00 4.40 6.80 11.0 12.3 12.6 CATALOG NUMBER (Long Leads) MALREKS20BA215E00K MALREKS20PB233E00K MALREKS20DD268E00K MALREKS20FE322E00K MALREKS20FG333E00K MALREKS20JG347E00K MALREKS20JL368E00K MALREKS20KL410E00K MALREKS20KK415E00K MALREKS20AA168F00K MALREKS20PB222F00K MALREKS20DC233F00K MALREKS20DD247F00K MALREKS20DE310F00K MALREKS20FE315F00K MALREKS20FG322F00K MALREKS20JG333F00K MALREKS20JL347F00K MALREKS20KL368F00K MALREKS20KK410F00K MALREKS20BA210H00K MALREKS20PB215H00K MALREKS20DE268H00K MALREKS20FE310H00K MALREKS20FG315H00K MALREKS20JG322H00K MALREKS20JL333H00K MALREKS20KL347H00K MALREKS20KK368H00K MALREKS20AA010J00K MALREKS20AA015J00K MALREKS20AA022J00K MALREKS20AA033J00K MALREKS20AA047J00K MALREKS20AA068J00K MALREKS20AA110J00K MALREKS20AA115J00K MALREKS20AA122J00K MALREKS20AA133J00K MALREKS20BA147J00K MALREKS20BA168J00K MALREKS20PB210J00K MALREKS20DC215J00K MALREKS20DD222J00K MALREKS20DD233J00K MALREKS20DE247J00K MALREKS20FE268J00K MALREKS20FG310J00K MALREKS20JG315J00K MALREKS20JL322J00K MALREKS20KL333J00K MALREKS20KK347J00K
Vishay Roederstein
25
35
50
63
Document Number: 25011 Revision: 24-Jun-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 335
EKSU
Vishay Roederstein
Aluminum Capacitors Radial Style Non-Polar
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 3.3 6.8 10 15 DIMENSIONS ODxL (mm) 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 10 x 12.5 10 x 12.5 10 x 16 tan 120 Hz 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 RESR 120 Hz () 1592 1061 723.5 482.3 338.6 234.1 159.2 106.1 48.2 23.4 15.9 10.6 IR 120 Hz/105 C (mA) 4.2 5.1 6.2 7.5 9.2 11 13 16 27 54 65 88 WEIGHT (g) 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.46 1.90 1.90 2.20 CATALOG NUMBER (Long Leads) MALREKS20AA010L00K MALREKS20AA015L00K MALREKS20AA022L00K MALREKS20AA033L00K MALREKS20AA047L00K MALREKS20AA068L00K MALREKS20AA110L00K MALREKS20AA115L00K MALREKS20BA133L00K MALREKS20DC168L00K MALREKS20DC210L00K MALREKS20DD215L00K
100
LOW TEMPERATURE BEHAVIOUR (at 120 Hz)
IMPEDANCE RATIO Z (T2)/Z (T1) T2/T1 - 25 C/+ 20 C - 40 C/+ 20 C 6.3 4 8 10 3 6 RATED VOLTAGE (V) 16 2 4 25 ~ 100 2 3
ADDITIONAL ELECTRICAL DATA
PARAMETER Current Leakage current (Test conditions: UR, 20 C) Resistance Equivalent series resistance (ESR) Calculated from tan max. ESR = tan /2 f CR After 5 minutes at UR IL5 0.03 x CR x UR or 3 A (whichever is greater) CONDITIONS VALUE
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 120 300 1000 10 000 CR 47 F 0.75 1.00 1.35 1.55 2.00 IR MULTIPLIER FOR UR 100 V CR = 68 to 680 F 0.80 1.00 1.25 1.34 1.50 CR 1000 F 0.85 1.00 1.10 1.13 1.15
TEST PROCEDURES AND REQUIREMENTS
TEST PROCEDURE (quick reference) Tamb = 105 C UR and IR applied After 1000 hours Polarity reverse each 250 hours No voltage applied After 1000 hours After test: UR to be applied for 30 minutes 24 to 48 hours before measurement REQUIREMENTS C/C: 20 % of initial value IL spec. limit tan 2 x spec. limit C/C: 20 % of initial value IL spec.limit tan 2 x spec. limit
Load life
Shelf life
www.vishay.com 336
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25011 Revision: 24-Jun-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MALREKS20KK422D00K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X