Part Number Hot Search : 
AD7687 PIC16F P4KE11 ESD9B5VD D5SB60 015L00 E213I C740004
Product Description
Full Text Search
 

To Download MAL219726221E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 197 PGP-SI
Vishay BCcomponents
Aluminum Capacitors Power General Purpose Snap-In
FEATURES
* Polarized aluminum non-solid electrolyte electrolytic capacitors,
* Large types, very small dimensions, cylindrical aluminum case insulated with a blue sleeve * Useful life: 3000 hours at 85 C
Fig.1 Component outline
199 LONGER LIFE 159 SMALLER DIMENSIONS 059
RoHS
COMPLIANT
APPLICATIONS
* Consumer and industrial electronics * Whitegood motor control * Electronic drives * Smps/ups
105 C
105 C
105 C
197
LONGER LIFE
157
SMALLER DIMENSIONS
057
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code * Name of manufacturer * `-' sign to identify the negative terminal, visible from the top and side of the capacitor * Code number (last 8 digits) * Maximum operating temperature
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (O D x L in mm) Rated capacitance range (E6/E12 series), CR Tolerance on CR Rated voltage range, UR Category temperature range Useful life at 85 C Useful life at 40 C and 1.4 x IR applied Shelf life at 0 V, 85 C Based on sectional specification VALUE 22 x 25 to 35 x 50 56 F to 2200 F 20 % 160 V; 200 V; 250 V; 400 V; 450 V - 25 C to + 85 C 3000 hours 90 000 hours 1000 hours IEC 60384-4/EN130300/W of JISC5141
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 56 68 82 100 120 160 22 x 25 22 x 25 22 x 25 200 22 x 25 22 x 25 22 x 25 UR (V) 250 22 x 25 22 x 25 22 x 30 25 x 25 400 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 35 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 30 x 25 25 x 40 30 x 30 450 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 25 x 35 30 x 30 25 x 40 30 x 30 35 x 30 30 x 35 35 x 30 www.vishay.com 65
150
180
220
Document Number: 28343 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
197 PGP-SI
Vishay BCcomponents
Aluminum Capacitors Power General Purpose Snap-In
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 270 160 22 x 25 22 x 25 22 x 30 22 x 30 25 x 25 25 x 25 30 x 25 25 x 30 30 x 25 25 x 35 25 x 40 30 x 30 30 x 35 35 x 30 35 x 35 30 x 50 35 x 40 35 x 50 200 22 x 25 22 x 30 25 x 25 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 30 x 25 25 x 40 30 x 30 30 x 35 35 x 30 30 x 40 35 x 35 30 x 45 35 x 35 35 x 50 35 x 50 UR (V) 250 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 30 x 25 25 x 40 30 x 30 25 x 40 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 50 35 x 50 400 30 x 35 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 450 30 x 40 35 x 35 30 x 50 35 x 40 30 x 50 35 x 50 35 x 50 -
330
390
470
560
680
820 1000 1200 1500 1800 2200
DIMENSIONS in millimeters AND AVAILABLE FORMS
OD
+ TERMINAL
L
L + 2 max.
10 0.1
- TERMINAL
Bottom view
The minus terminal can be marked with an imprinted sign
6.3 - 1 mm
+1
O 2 0.1 (2 x)
Fig.2 Two terminal snap-in Table 1
Fig.3 Mounting hole diagram
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 22 x 25 22 x 30 22 x 35 22 x 40 22 x 45 22 x 50 25 x 25 25 x 30 25 x 35 www.vishay.com 66 O Dmax. 22.5 22.5 22.5 22.5 22.5 22.5 25.5 25.5 25.5 Lmax. 25.5 30.5 35.5 40.5 45.5 50.5 25.5 32.0 35.5 MASS (g) 12 16 20 23 26 29 20 22 24 PACKAGING QUANTITIES 216 216 144 144 144 72 216 216 144 CARDBOARD BOX DIMENSIONS LxWxH 280 x 240 x 140 280 x 240 x 140 280 x 240 x 105 280 x 240 x 105 280 x 240 x 140 280 x 240 x 105 280 x 240 x 140 280 x 240 x 140 280 x 240 x 105 Document Number: 28343 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
197 PGP-SI
Aluminum Capacitors Power General Purpose Snap-In
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 25 x 40 25 x 45 25 x 50 30 x 25 30 x 30 30 x 35 30 x 40 30 x 45 30 x 50 35 x 25 35 x 30 35 x 35 35 x 40 35 x 45 35 x 50 O Dmax. 25.5 25.5 25.5 30.5 30.5 30.5 30.5 30.5 30.5 35.5 35.5 35.5 35.5 35.5 35.5 Lmax. 40.5 45.5 50.5 27.5 32.5 37.5 41.5 46.5 51.5 25.5 32.5 35.5 41.5 46.5 51.5 MASS (g) 27 32 38 25 30 35 40 45 50 33 40 48 55 63 72 PACKAGING QUANTITIES 144 144 144 168 168 112 112 112 112 126 126 84 84 84 84 CARDBOARD BOX DIMENSIONS LxWxH 280 x 240 x 105 280 x 240 x 140 280 x 240 x 140 280 x 240 x 140 280 x 240 x 140 280 x 240 x 105 280 x 240 x 105 280 x 240 x 140 280 x 240 x 140 280 x 240 x 140 280 x 240 x 140 280 x 240 x 105 280 x 240 x 105 280 x 240 x 140 280 x 240 x 140
Vishay BCcomponents
ELECTRICAL DATA
SYMBOL CR IR IL5 ESR DESCRIPTION rated capacitance at 120 Hz rated RMS ripple current at 120 Hz, 85 C max. leakage current after 5 minutes at UR max. equivalent series resistance at 120 Hz (1)
ORDERING EXAMPLE
Electrolytic capacitor 197 series 1000 F/200 V; 20 % Nominal case size: O 30 x 40 mm 2-terminal snap-in: Ordering code: MAL2 197 22102 E3 Former 12NC: 2222 197 22102
Notes (1) ESR at 100 Hz is approximately 1.05 x ESR 120 Hz * Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 % Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 150 180 220 270 330 390 470 470 560 680 160 680 820 1000 1000 1200 1200 1500 1500 1800 1800 2200 Document Number: 28343 Revision: 18-Aug-08 NOMINAL CASE SIZE O D x L (mm) 22 x 25 22 x 25 22 x 25 22 x 25 22 x 25 22 x 30 22 x 30 25 x 25 30 x 25 25 x 30 30 x 25 25 x 35 30 x 30 35 x 30 30 x 35 35 x 30 35 x 35 35 x 40 30 x 50 35 x 40 35 x 50 IR 120 Hz 85 C (A) 0.92 0.99 1.08 1.16 1.24 1.45 1.53 1.45 1.67 1.82 1.70 2.04 2.07 2.24 2.28 2.22 2.42 2.72 3.08 2.66 3.25 IL5 5 min (mA) 0.48 0.58 0.70 0.86 1.06 1.25 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 MAX. ESR 120 (1) () 1.11 0.92 0.75 0.61 0.50 0.43 0.35 0.35 0.30 0.24 0.24 0.20 0.17 0.17 0.17 0.17 0.15 0.13 0.11 0.13 0.10 ORDERING CODE MAL2197....... 11151E3 11181E3 11221E3 11271E3 11331E3 11391E3 11471E3 21471E3 31561E3 21681E3 31681E3 21821E3 31102E3 41102E3 21122E3 31122E3 21152E3 31152E3 11182E3 21182E3 41222E3 www.vishay.com 67
For technical questions, contact: aluminumcaps2@vishay.com
197 PGP-SI
Vishay BCcomponents
Aluminum Capacitors Power General Purpose Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 150 180 220 270 330 330 390 470 470 470 200 560 560 680 680 820 820 1000 1000 1200 1200 1500 2200 150 180 220 220 270 270 330 330 330 390 390 390 250 470 470 560 560 680 680 680 820 820 1000 1000 1200 1500 www.vishay.com 68 NOMINAL CASE SIZE O D x L (mm) 22 x 25 22 x 25 22 x 25 22 x 25 22 x 30 25 x 25 25 x 25 22 x 35 25 x 30 30 x 25 25 x 35 30 x 25 25 x 40 30 x 30 30 x 35 35 x 30 30 x 40 35 x 35 30 x 45 35 x 35 35 x 50 35 x 50 22 x 25 22 x 25 22 x 30 25 x 25 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 30 x 25 25 x 40 30 x 30 25 x 40 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 50 35 x 50 IR 120 Hz 85 C (A) 1.06 1.15 1.24 1.34 1.58 1.53 1.59 1.92 1.92 1.86 2.16 1.90 2.44 2.28 2.55 2.52 2.84 2.79 3.16 2.77 3.72 3.70 1.07 1.16 1.36 1.34 1.47 1.42 1.70 1.71 1.68 1.92 1.92 1.74 2.17 2.07 2.28 2.32 2.73 2.60 2.36 2.90 2.61 3.21 2.89 3.49 3.56 IL5 5 min (mA) 0.60 0.72 0.88 1.08 1.32 1.32 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 0.75 0.90 1.10 1.10 1.35 1.35 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 MAX. ESR 120 (1) () 1.11 0.92 0.75 0.61 0.50 0.50 0.45 0.35 0.35 0.38 0.30 0.34 0.24 0.27 0.24 0.26 0.20 0.22 0.17 0.21 0.15 0.11 1.11 0.92 0.75 0.75 0.61 0.61 0.50 0.50 0.50 0.43 0.43 0.43 0.35 0.35 0.27 0.30 0.24 0.24 0.27 0.20 0.24 0.17 0.21 0.19 0.19 ORDERING CODE MAL2197....... 12151E3 12181E3 12221E3 12271E3 12331E3 22331E3 22391E3 12471E3 22471E3 32471E3 22561E3 32561E3 22681E3 32681E3 32821E3 42821E3 22102E3 32102E3 12122E3 22122E3 22152E3 12222E3 13151E3 13181E3 13221E3 23221E3 13271E3 23271E3 13331E3 23331E3 33331E3 13391E3 23391E3 33391E3 23471E3 33471E3 53561E3 33561E3 13681E3 23681E3 33681E3 13821E3 23821E3 13102E3 23102E3 13122E3 13152E3 Document Number: 28343 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
197 PGP-SI
Aluminum Capacitors Power General Purpose Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 68 82 100 100 120 120 150 150 150 180 180 400 220 220 270 270 330 330 390 390 470 470 560 680 56 68 82 82 100 100 120 120 120 150 450 150 180 180 180 220 220 270 330 330 390 470 NOMINAL CASE SIZE O D x L (mm) 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 35 22 x 35 25 x 30 30 x 25 25 x 35 30 x 25 25 x 40 30 x 30 30 x 35 35 x 30 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 25 x 35 30 x 30 25 x 40 30 x 30 35 x 30 30 x 35 35 x 30 30 x 40 30 x 50 35 x 40 35 x 50 35 x 50 IR 120 Hz 85 C (A) 0.57 0.62 0.73 0.73 0.84 0.89 0.93 0.94 0.96 1.07 1.03 1.23 1.21 1.38 1.41 1.57 1.49 1.75 1.67 1.96 1.87 2.08 2.31 0.53 0.58 0.68 0.68 0.78 0.80 0.89 0.86 0.89 1.00 1.05 1.14 1.13 1.22 1.29 1.32 1.47 1.74 1.69 1.97 2.10 IL5 5 min (mA) 0.55 0.66 0.80 0.80 0.96 0.96 1.20 1.20 1.20 1.44 1.44 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 0.28 0.34 0.41 0.41 0.50 0.50 0.60 0.60 0.60 0.75 0.75 0.90 0.90 0.90 1.10 1.10 1.35 1.50 1.50 1.50 1.50 MAX. ESR 120 (1) () 3.66 3.03 2.49 2.49 2.07 2.07 1.66 1.66 1.66 1.38 1.38 1.13 1.13 0.92 0.92 0.75 0.78 0.64 0.66 0.53 0.56 0.47 0.39 4.44 3.66 3.03 3.03 2.49 2.49 2.07 2.07 2.07 1.66 1.66 1.38 1.38 1.38 1.13 1.13 0.92 0.75 0.75 0.64 0.53 ORDERING CODE MAL2197....... 16689E3 16829E3 16101E3 26101E3 16121E3 26121E3 16151E3 26151E3 36151E3 26181E3 36181E3 26221E3 36221E3 26271E3 36271E3 26331E3 36331E3 16391E3 26391E3 16471E3 26471E3 16561E3 16681E3 17569E3 17689E3 17829E3 27829E3 17101E3 27101E3 17121E3 27121E3 37121E3 27151E3 37151E3 27181E3 37181E3 47181E3 27221E3 37221E3 17271E3 17331E3 27331E3 27391E3 17471E3
Vishay BCcomponents
Note (1) ESR at 100 Hz is approximately 1.05 x ESR 120 Hz
Document Number: 28343 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 69
197 PGP-SI
Vishay BCcomponents
Aluminum Capacitors Power General Purpose Snap-In
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Table 3 After 5 minutes at UR IL5 0.02 CR x UR or 1.5 mA, whichever is smaller 400 V versions 250 V versions 1V Us = 1.1 x UR Us = 1.15 x UR CONDITIONS VALUE
LOW TEMPERATURE CHARACTERISTIC (at 120 Hz)
DESCRIPTION Impedance ratio Z(- 25 C)/Z(+ 20 C) UR (V) (1) 160 4 200 4 250 4 400 4 450 4
Note (1) Impedance ratio shall not exceed the given values Table 4
DISSIPATION FACTOR (tan at 120 Hz, 20 C)
DESCRIPTION tan (max.) Note (1) 0.15 for O D = 35 mm UR (V) 160 0.10 (1) 200 0.10 (1) 250 0.10 (1) 400 0.15 450 0.15
RIPPLE CURRENT AND USEFUL LIFE
2.4 MGA453
2.3 IA IR 2.2
2.1
2.0 1.9 1.8 1.7 1.6
1.
life multiplier
1 1. 2
1.5 1.4
4 3
5 2 2. 5
1.3
8
5
1.2
15
10
1.1
20
IA = actual ripple current at 120 Hz IR = rated ripple current at 120 Hz and 85 C (1) Useful life at 85 C and I applied: 3000 hours R
1.0 0.8 0.5 0.0 40
45 60
(1)
Fig.4 Multiplier of useful life as a function of ambient temperature and ripple current load www.vishay.com 70 For technical questions, contact: aluminumcaps2@vishay.com Document Number: 28343 Revision: 18-Aug-08
30
50
60
70
80 Tamb (C)
90
197 PGP-SI
Aluminum Capacitors Power General Purpose Snap-In
Table 5
Vishay BCcomponents
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 60 100 120 500 1000 10 000 IR MULTIPLIER 160 to 250 V 0.81 0.97 1.00 1.32 1.45 1.50 400 and 450 V 0.90 0.95 1.00 1.20 1.30 1.40
Table 6
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Useful life REFERENCE CECC 30301 subclause 1.8.1 PROCEDURE (quick reference) Tamb = 85 C; UR and IR applied: 3000 hours REQUIREMENTS C/C: 30 % ESR 3 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage: 3 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 85 C; no voltage applied; 1000 hours After test: UR to be applied for 30 minutes, 24 hours to 48 hours before measurement C/C: 20 % ESR 2 x spec. limit IL5 1 x spec. limit
Document Number: 28343 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 71
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL219726221E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X