Part Number Hot Search : 
60204 N10N65 TB656 LX100 GBJ10005 AN0140NB TDA6402 01002
Product Description
Full Text Search
 

To Download MAL215095501E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 150 CLZ
Vishay BCcomponents
Aluminum Capacitors SMD (Chip), Very Low Z
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte, self healing * SMD-version with base plate, reflow solderable * Very low impedance, very high ripple current * Very long useful life: 3000 hours at 105 C * Charge and discharge proof, no peak current limitation * Lead (Pb)-free * ATTENTION: for maximum safe soldering conditions refer to fig.4
Fig.1 Component outline
140 CLH 125 C 175 C 175 TMP solid SMD
high temperature 153 CRV Lead (Pb)-free 153 CLV low Z 150 CLZ
APPLICATIONS
* * * * SMD technology, for high mounting density Industrial and professional applications Automotive, general industrial Smoothing, filtering, buffering.
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (L x W x H in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C: Useful life at 105 C: case size 10 x 10 x 10 case size 10 x 10 x 14 Useful life at 40 C; 1.8 x lR applied: case size 10 x 10 x 10 case size 10 x 10 x 14 Shelf life at 0 V, 105 C Based on sectional specification Climatic category IEC 60068 VALUE 8 x 8 x 10 to 10 x 10 x 14 33 to 1000 F 20 % 6.3 to 63 V - 55 to + 105 C 2000 hours 2500 hours 3000 hours
MARKING
* * * * Rated capacitance (in F) Rated voltage (in V) Date code, in accordance with IEC 60062 Black mark or `-' sign indicating the cathode (the anode is identified by bevelled edges) * Code indicating group number (Z)
PACKAGING
125 000 hours 150 000 hours 1000 hours IEC 60384-18/CECC32300 55/105/56
* Supplied in blister tape on reel
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR (mF) 33 47 68 100 150 220 330 470 680 1000 UR (V) 6.3 8 x 8 x 10 10 x 10 x 10 10 8 x 8 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 16 8 x 8 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 25 8 x 8 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 35 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 50 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 63 8 x 8 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 10 10 x 10 x 14 -
Document Number: 28304 Revision: 03-Jul-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 1
150 CLZ
Vishay BCcomponents
Table 1
Aluminum Capacitors SMD (Chip), Very Low Z
DIMENSIONS in millimeters AND MASS
NOMINAL CASE SIZE LxWxH 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 CASE CODE 0810 1010 1014 Lmax. 8.5 10.5 10.5
0.4 0.2
Wmax. 8.5 10.5 10.5
L
Hmax. 10.5 10.5 14.3
OD 8.0 10.0 10.0
Bmax. 1.0 1.0 1.0
S 3.1 4.5 4.5
L1 max. 9.9 11.8 11.8
MASS (g) 1.0 1.3 1.5
WB
C
S
C
0.3 max.
Fig.2 Dimensional outline
Table 2
TAPE AND REEL DIMENSIONS in millimeters, PACKAGING QUANTITIES
NOMINAL CASE SIZE LxWxH CASE CODE PITCH P1 TAPE WIDTH W 24 24 24 TAPE THICKNESS T2 11.3 11.3 14.8 REEL DIA. 380 380 330 PACKAGING QUANTITY PER REEL 500 500 250
8 x 8 x 10 0810 16 10 x 10 x 10 1010 16 10 x 10 x 14 1014 16 Note 1. Detailed tape dimensions see section "PACKAGING".
MOUNTING
The capacitors are designed for automatic placement on to printed-circuit boards. Optimum dimensions of soldering pads depend amongst others on soldering method, mounting accuracy, print layout and/or adjacent components. For recommended soldering pad dimensions, refer to Fig.3 and Table 3.
Fig.3 Recommended solder pad dimensions
SOLDERING
Soldering conditions are defined by the curve, temperature versus time, where the temperature is that measured on the soldering pad during processing. For maximum conditions refer to Fig.4. Any temperature versus time curve which does not exceed the specified maximum curves may be applied.
Table 3
AS A GENERAL PRINCIPLE, TEMPERATURE AND DURATION SHALL BE THE MINIMUM NECESSARY REQUIRED TO ENSURE GOOD SOLDERING CONNECTIONS. HOWEVER, THE SPECIFIED MAXIMUM CURVES SHOULD NEVER BE EXCEEDED.
T PAD 280 (C) 260 240 220 200 180 160
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters
CASE CODE 0810 1010 1014 a 3.5 4.3 4.3 b 2.5 2.5 2.5 c 3.0 4.0 4.0
140 120 100 80 0 50 100 150 200 t (s) 250 Fig.4 Maximum temperature load during infrared reflow soldering measured on the soldering pad
www.vishay.com 2
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28304 Revision: 03-Jul-08
150 CLZ
Aluminum Capacitors SMD (Chip), Very Low Z
ELECTRICAL DATA
SYMBOL CR IR Il2 Tan Z Note Unless otherwise specified, all electrical values in Table 4 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 4 DESCRIPTION rated capacitance at 100 Hz, tolerance 20 % rated RMS ripple current at 100 kHz, 105 C max. leakage current after 2 minutes at UR max. dissipation factor at 100 Hz max. impedance at 100 kHz
Vishay BCcomponents
ORDERING EXAMPLE
Electrolytic capacitor 150 CLZ series 220 F/50 V; 20 % Nominal case size: 10 x 10 x 14 mm; taped on reel Ordering code: MAL215095102E3 Former 12NC: 2222 150 95102
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR (MF) 470 1000 330 470 680 1000 220 330 470 680 150 220 330 470 100 220 330 68 100 220 33 47 47 68 100 NOMINAL CASE SIZE LxWxH (mm) 8 x 8 x 10 10 x 10 x 10 8 x 8 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 8 x 8 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 8 x 8 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 8 x 8 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 10 10 x 10 x 14 IR 105 C 100 kHz (mA) 435 670 435 435 670 850 435 435 670 850 420 420 640 820 405 630 790 333 490 620 270 270 390 390 507 IL2 2 min (mA) 30 63 33 47 68 100 35 53 75 109 38 55 83 118 35 77 116 34 50 110 21 30 30 43 63 Tan 100 Hz 0.24 0.24 0.20 0.20 0.20 0.20 0.16 0.16 0.16 0.16 0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.10 0.10 0.10 0.10 0.10 Z 100 kHz () 0.25 0.13 0.25 0.25 0.13 0.10 0.25 0.25 0.13 0.10 0.28 0.28 0.14 0.11 0.30 0.15 0.12 0.48 0.24 0.19 0.65 0.65 0.38 0.38 0.29 ORDERING CODE MAL2150....... 95311E3 95301E3 95411E3 95412E3 95401E3 95402E3 95511E3 95512E3 95501E3 95502E3 95611E3 95612E3 95601E3 95602E3 95011E3 95001E3 95002E3 95111E3 95101E3 95102E3 95812E3 95811E3 95801E3 95802E3 95803E3
6.3
10
16
25
35
50
63
ADDITIONAL ELECTRICAL DATA
PARAMETER VOLTAGE Surge voltage for short periods Reverse voltage for short periods CURRENT Leakage current INDUCTANCE Equivalent series inductance (ESL) RESISTANCE Equivalent series resistance (ESR) at 100 Hz CONDITIONS IEC 60384-18, subclause 4.14 IEC 60384-18, subclause 4.16 after 2 minutes at UR VALUE Us 1.15 x UR Urev 1 V IL2 0.01 x CR x UR typ. 16 nH calculated from tan max and CR (see Table 4) ESR = tan /2 f CR www.vishay.com 3
Document Number: 28304 Revision: 03-Jul-08
For technical questions, contact: aluminumcaps1@vishay.com
150 CLZ
Vishay BCcomponents
Aluminum Capacitors SMD (Chip), Very Low Z
DISSIPATION FACTOR (tan )
100 tan tan 10 Curve 1: 10 V Curve 2: 63 V
CAPACITANCE (C)
1.2 C C0 1.0 2
1
1.0
2 0.9 Curve 1: 10 V Curve 2: 63 V
1
1 0.8 - 60 - 40 - 20 0 20 40 60
0.1
80 100 120
- 60
- 40
- 20
0
20
40
60
80
100
120
C0 = capacitance at 20 C, 100 Hz
Tamb (C)
tan 0 = typical tan at 20 C, 100 Hz
Tamb (C)
Fig.5 Typical multiplier of capacitance as a function of ambient temperatures
Fig.6 Typical multiplier of dissipation factor (tan ) as a function of ambient temperatures
EQUIVALENT SERIES RESISTANCE (ESR)
10 ESR ESR0 2 1 Curve 1: 10 V Curve 2: 63 V
IMPEDANCE (Z)
100 Z () UR = 10 V Curve 1: case code 0810, 470 F Curve 2: case code 1010, 680 F Curve 3: case code 1014, 1000 F
10
1 1 2 1
1 2 3
0.1 10 1 10 2 10 3 10 4 f (Hz) 10 5
0.1 10 1 10 2 10 3 10 4 f (Hz) 10 5
ESR0 = typical at 20 C, 100 Hz
Tamb = 20 C
Fig.7 Typical multiplier of ESR as a function of frequency
102 Z () 10 102 Z () 10
Fig.8 Typical impedance as a function of frequency
1
1
0.1
UR = 35 V Curve 1: case code 0810, 100 F Curve 2: case code 1010, 220 F Curve 3: case code 1014, 330 F 10 1 10 2 10 3 10 4
1 2 3
0.1
UR = 63 V Curve 1: case code 0810, 47 F Curve 2: case code 1010, 68 F Curve 3: case code 1014, 100 F 10 1 10 2 10 3 10 4 10 5
0.01 f (Hz) 10 5
0.01 f (Hz)
Tamb (20 C)
Tamb (20 C)
Fig.9 Typical impedance as a function of frequency
Fig.10 Typical impedance as a function of frequency
www.vishay.com 4
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28304 Revision: 03-Jul-08
150 CLZ
Aluminum Capacitors SMD (Chip), Very Low Z
RIPPLE CURRENT AND USEFUL LIFE
3.8 IA 3.7 IR 3.6 3.5 3.4 3.3 3.2 3.1 3.0 2.8 lifetime multiplier 2.6
1.
MEA240
Vishay BCcomponents
2.4
1.
0 5
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.5 0.0
20 30
2. 0 0 3. 0 4. 0 6. 0 8. 12
IA = actual ripple current at 100 kHz IR = rated ripple current at 100 kHz, 105 C (1) = useful life at 105 C and IR applied: case code 1010 : 2500 h case code = 1014 : 3000 h
40
Fig.11 Multiplier of useful life as a function of ambient temperature and ripple current load
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 100 300 1000 3000 10 000 30 000 100 000 IR MULTIPLIER UR = 6.3 to 25 V 0.70 0.80 0.85 0.93 0.95 0.97 1.00 UR = 35 V 0.65 0.80 0.85 0.93 0.95 0.97 1.00 UR = 50 to 63 V 0.60 0.75 0.85 0.93 0.95 0.97 1.00
60 0 10 0 15 00 2
1)
50
60
70
80
90
100 110 Tamb (C)
Document Number: 28304 Revision: 03-Jul-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 5
150 CLZ
Vishay BCcomponents
Aluminum Capacitors SMD (Chip), Very Low Z
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Mounting REFERENCE IEC 60384-18, subclause 4.3 PROCEDURE (quick reference) shall be performed prior to tests mentioned below; reflow soldering; for maximum temperature load refer to chapter "Mounting" Endurance IEC 60384-18/ CECC32300, subclause 4.15 Tamb = 105 C; UR applied; 2000 hours IL2 spec. limit UR = 6.3 V; C/C: 25 % UR 10 V; C/C: 20 % tan 2 x spec. limit IL2 spec. limit Useful life CECC 30301, subclause 1.8.1 Tamb = 105 C; UR and IR applied; case size 10 x 10 x 10: 2500 hours case size = 10 x 10 x 14: 3000 hours, IL2 spec. limit no short or open circuit total failure percentage: 1 % Shelf life (storage at high temperature) IEC 60384-18/ CECC32300, subclause 4.17 Tamb = 105 C; no voltage applied; 1000 hours after test: UR to be applied for 30 minutes, 24 to 48 hours before measurement for requirements see `Endurance test' above C/C: 50 % tan 3 x spec. limit REQUIREMENTS C/C: 5 % tan spec. limit
www.vishay.com 6
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28304 Revision: 03-Jul-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL215095501E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X