Part Number Hot Search : 
SB1630C 1H330 CGL3K 1344A MCSO1V HA16103 180N75 CGL3K
Product Description
Full Text Search
 

To Download MAL214095501E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 CLH
Vishay BCcomponents
Aluminum Capacitors SMD (Chip), High Temperature
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte, self healing * SMD-version with base plate, reflow solderable * High temperature, 1500 hours at 125 C * High capacitance values
Fig.1 Component outline
* Charge and discharge proof, no peak current limitation * Lead (Pb)-free * ATTENTION: for maximum safe soldering conditions refer to fig.4
140 CLH
APPLICATIONS
153 CRV lead (Pb)-free 153 CLV 150 CLZ
* SMD technology, for high mounting density * Industrial and professional applications * Automotive, general industrial * Smoothing, filtering, buffering
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (L x W x H in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 125 C Useful life at 125 C Useful life at 40 C; 1.8 x lR applied Shelf life at 0 V, 125 C Based on sectional specification Climatic category IEC 60068 VALUE 8 x 8 x 10 to 10 x 10 x 14 10 to 680 F 20 % 6.3 to 63 V - 55 to + 125 C 1000 hours 1500 hours 150 000 hours 1000 hours IEC 60384-18/CECC 32300 55/125/56
MARKING
* Rated capacitance (in F) * Rated voltage (in V) * Date code, in accordance with IEC 60062 * Black mark or `-' sign indicating the cathode (the anode is identified by bevelled edges) * Code indicating group number (H)
PACKAGING
* Supplied in blister tape on reel
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR (F) 10 22 33 47 68 100 150 220 330 470 680 UR (V) 6.3 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 16 8 x 8 x 10 10 x 10 x 14 25 8 x 8 x 10 10 x 10 x 10 35 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 50 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 63 8 x 8 x 10 8 x 8 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 -
Document Number: 28303 Revision: 29-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 1
140 CLH
Vishay BCcomponents
Table 1
Aluminum Capacitors SMD (Chip), High Temperature
DIMENSIONS in millimeters AND MASS
NOMINAL CASE SIZE LxWxH 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 CASE CODE 0810 1010 1014 Lmax. 8.5 10.5 10.5
0.4 0.2
Wmax. 8.5 10.5 10.5
L
Hmax. 10.5 10.5 14.3
OD 8.0 10.0 10.0
Bmax. 1.0 1.0 1.0
D
S 3.1 4.5 4.5
L1 max. 9.9 11.8 11.8
MASS (g) 1.0 1.3 1.5
WB
H
C
S
C
0.3 max.
Fig.2 Dimensional outline
Table 2
TAPE AND REEL DIMENSIONS in millimeters, PACKAGING QUANTITIES
NOMINAL CASE SIZE LxWxH CASE CODE PITCH P1 TAPE WIDTH W 24 24 24 TAPE THICKNESS T2 11.3 11.3 14.8 REEL DIA. 380 380 330 PACKAGING QUANTITY PER REEL 500 500 250
8 x 8 x 10 0810 16 10 x 10 x 10 1010 16 10 x 10 x 14 1014 16 Note 1. Detailed tape dimensions see section "PACKAGING".
MOUNTING
The capacitors are designed for automatic placement on to printed-circuit boards. Optimum dimensions of soldering pads depend amongst others on soldering method, mounting accuracy, print lay-out and/or adjacent components. For recommended soldering pad dimensions, refer to Fig.3 and Table 3.
b
a
c
a
Fig. 3 Recommended solder pad dimensions
SOLDERING
Soldering conditions are defined by the curve, temperature versus time, where the temperature is that measured on the soldering pad during processing. For maximum conditions refer to Fig.4. Any temperature versus time curve which does not exceed the specified maximum curves may be applied.
Table 3
AS A GENERAL PRINCIPLE, TEMPERATURE AND DURATION SHALL BE THE MINIMUM NECESSARY REQUIRED TO ENSURE GOOD SOLDERING CONNECTIONS. HOWEVER, THE SPECIFIED MAXIMUM CURVES SHOULD NEVER BE EXCEEDED.
TPad 280 (C) 260
240 220 200 180 160 140 120
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters
CASE CODE 0810 1010 1014 a 3.5 4.3 4.3 b 2.5 2.5 2.5 c 3.0 4.0 4.0
100 80 0 50 100 150 200
t (s)
250
Fig. 4 Maximum temperature load during infrared reflow soldering measured on the soldering pad
www.vishay.com 2
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28303 Revision: 29-May-08
140 CLH
Aluminum Capacitors SMD (Chip), High Temperature
ELECTRICAL DATA
SYMBOL CR IR IL2 tan Z Note Unless otherwise specified, all electrical values in Table 4 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 4 DESCRIPTION rated capacitance at 100 Hz, tolerance 20 % rated RMS ripple current at 100 kHz, 125 C max. leakage current after 2 minutes at UR max. dissipation factor at 100 Hz max. impedance at 100 kHz
Vishay BCcomponents
ORDERING EXAMPLE
Electrolytic capacitor 140 CLH series 100 F/50 V; 20 % Nominal case size: 10 x 10 x 14 mm; taped on reel Ordering code: MAL214095102E3 Former 12NC: 2222 140 95102
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR (F) 330 470 680 220 330 470 150 330 100 220 68 100 150 47 68 100 10 22 33 47 68 NOMINAL CASE SIZE LxWxH (mm) 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 8 x 8 x 10 10 x 10 x 14 8 x 8 x 10 10 x 10 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 8 x 8 x 10 8 x 8 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 IR 100 kHz 125 C (mA) 180 300 430 180 300 430 180 430 180 300 180 255 317 145 205 255 145 145 145 205 255 IL2 2 min (A) 21 30 43 22 33 47 24 53 25 55 24 35 53 24 34 50 6.3 14 21 30 43 tan 0.30 0.30 0.30 0.26 0.26 0.26 0.22 0.22 0.18 0.18 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 Z 100 kHz + 20 C () 0.65 0.17 0.12 0.65 0.17 0.12 0.65 0.12 0.65 0.19 0.65 0.40 0.30 1.00 0.56 0.42 1.00 1.00 1.00 0.56 0.42 ORDERING CODE MAL2140....... 95303E3 95301E3 95302E3 95403E3 95401E3 95402E3 95502E3 95501E3 95602E3 95601E3 95003E3 95001E3 95002E3 95103E3 95101E3 95102E3 95805E3 95803E3 95804E3 95801E3 95802E3
6.3
10 16 25 35
50
63
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage for short periods Reverse voltage for short periods Current Leakage current Inductance Equivalent series inductance (ESL) Resistance Equivalent series resistance (ESR) at 100 Hz calculated from tan max. and CR (see Table 4) ESR = tan /2 f CR typ. 16 nH after 2 minutes at UR IL2 0.01 x CR x UR IEC 60384-18, subclause 4.14 IEC 60384-18, subclause 4.16 Us 1.15 x UR Urev 0.5 V CONDITIONS VALUE
Document Number: 28303 Revision: 29-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 3
140 CLH
Vishay BCcomponents
CAPACITANCE (C)
1.2 C C0 1.1 1
Aluminum Capacitors SMD (Chip), High Temperature
DISSIPATION FACTOR (tan )
10 Tan Tan
2
1.0 2 0.9 1 Curve 1: 6.3 V Curve 2: 63 V 0.8 - 60 - 40 - 20 0 20 40 60 80 100 120 Tamb (C) 140
1
0.1 - 60 - 40 - 20 0 20 40 60 80 100 120 140
C0 = capacitance at 20 C, 100 Hz
Tan 0 = typical tan at 20 C, 100 Hz
Tamb (C)
Fig.5 Typical multiplier of capacitance as a function of frequency of ambient temperature
Fig.6 Typical multiplier of dissipation factor (Tan ) as a function of ambient temperature
EQUIVALENT SERIES RESISTANCE (ESR)
10 ESR ESR 0 Curve 1: 6.3 V Curve 2: 35 V Curve 3: 63 V
IMPEDANCE (Z)
103 Z () 102 4 3 2 1 Case code 0810 Curve 1: 10 V Curve 2: 25 V Curve 3: 50 V Curve 4: 63 V
3 2 1
1 1 2 3
10
1
0.1 10 10 2 10 3 10 4 f (Hz) 10 5
10-1 10 10 2 10 3 10 4 f (Hz) 10 5
ESR0 = typical at 20 C, 100 Hz
Tamb (20 C)
Tamb (20 C)
Fig.7 Typical multiplier of ESR as a function of frequency
10 2 Z ( ) 10 4 3 2 1 1 1 Case code 1010 Curve 1: 10 V Curve 2: 25 V Curve 3: 50 V Curve 4: 63 V 10 10 3 10 4 10 5 10 2 Z ( ) 10
Fig.8 Typical multiplier of ESR as a function of frequency
4 3 2 1
0.1
0.1
Case code 1014 Curve 1: 10 V Curve 2: 25 V Curve 3: 50 V Curve 4: 63 V
0.01 10 f (Hz)
0.01 10 10 10 3 10 4 f (Hz) 10 5
Tamb (20 C)
Tamb (20 C)
Fig.9 Typical impedance as a function of frequency
Fig.10 Typical impedance as a function of frequency
www.vishay.com 4
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28303 Revision: 29-May-08
140 CLH
Aluminum Capacitors SMD (Chip), High Temperature
RIPPLE CURRENT AND USEFUL LIFE
Vishay BCcomponents
IA 4.3 IR 4.2 4.1 4.0 3.9 3.8 3.7 3.6 3.5 3.4 3.3 3.2 3.1 3.0 2.8 lifetime multiplier
1. 0 1.
2.6
5 2. 0 3.
2.4
0 4. 0
2.2
6. 0 0 8.
2.0
12 20
1.8
30
IA = actual ripple current at 100 kHz IR = rated ripple current at 100 kHz, 125 C
(1)
Useful life at 125 C and IR applied:
1500 hours
1.6 1.4 1.2 1.0 0.8 0.5 0.0 40
60 10 0
(1)
20 0
50
Fig.11 Multiplier of useful life as a function of ambient temperature and ripple current load.
40 0
60
70
80
90
100
110
120
130 Tamb (C)
Table 5
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 300 1000 3000 10 000 30 000 100 000 IR MULTIPLIER UR = 6.3 to 25 V 0.60 0.70 0.80 0.85 0.90 0.95 0.97 1.00 UR = 35 and 50 V 0.45 0.60 0.75 0.85 0.90 0.95 0.97 1.00 UR = 63 V 0.40 0.55 0.70 0.85 0.90 0.95 0.97 1.00
Document Number: 28303 Revision: 29-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 5
140 CLH
Vishay BCcomponents
Table 6
Aluminum Capacitors SMD (Chip), High Temperature
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Mounting REFERENCE IEC 60384-18, subclause 4.3 PROCEDURE (quick reference) shall be performed prior to tests mentioned below; reflow soldering; for maximum temperature load refer to chapter "Mounting" Endurance IEC 60384-18/ CECC 32 300, subclause 4.15 Tamb = 125 C; UR applied; 1000 hours REQUIREMENTS C/C: 5 % tan spec. limit IL2 spec. limit UR = 6.3 V; C/C: 25 % UR 10 V; C/C: 20 % tan 2 x spec. limit IL2 spec. limit Useful life CECC 30301, subclause 1.8.1 Tamb = 125 C; UR and IR applied; 1500 hours C/C: 50 % tan 3 x spec. limit IL2 spec. limit no short or open circuit total failure percentage: 1 % Shelf life (storage at high temperature) IEC 60384-18/ CECC 32 300, subclause 4.17 Tamb = 125 C; no voltage applied; 1000 hours after test: UR to be applied for 30 minutes, 24 to 48 hours before measurement Reverse voltage IEC 60384-18/ CECC 32 300, subclause 4.16 Tamb = 125 C: 125 hours at U = - 0.5 V, followed by 125 hours at UR C/C: 15 % tan 1.5 x spec. limit IL2 spec. limit for requirements see `Endurance test' above
www.vishay.com 6
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28303 Revision: 29-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL214095501E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X