Part Number Hot Search : 
KBPC1001 BC160 47101SC MJE210 60TCL CL1117 MT6L57AT LCX244F
Product Description
Full Text Search
 

To Download MAL213965479E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 139 CLL
Vishay BCcomponents
Aluminum Capacitors SMD (Chip) Long Life
FEATURES
* Polarized aluminum electrolytic non-solid electrolyte, self healing * SMD-version, fully moulded, insulated
Fig.1 Component outlines
capacitors,
* Compact, rectangular shape * Charge and discharge proof, no peak current limitation
085 CS
85 C
139 CLL
* Supplied in blister tape on reel
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (L x W x H in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C Useful life at 105 C Useful life at 40 C ; 1.3 x lR applied Shelf life at 0 V, 105 C Resistance to soldering heat test Based on sectional specification Climatic category IEC 60068 VALUE 14.3 x 6.2 x 6.9 and 14.3 x 7.6 x 8.2 1.0 to 220 F 20 % 6.3 to 100 V - 55 to + 105 C 1000 hours 2000 hours
APPLICATIONS
* Industrial and professional applications * Coupling, decoupling, smoothing, filtering, buffering, timing
200 000 hours 500 hours
E
N
immersion in solder: 10 s at 260 Cor 40 s at 215 C IEC 60384-18/CECC 32300
R
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
FO
55/105/56
T
CR (F) 1.0 2.2 3.3 4.7 10 15 22
6.3 -
10 -
16 -
W
MARKING
* Rated capacitance (in F) * Rated voltage (in V) * Date code in accordance with IEC 60062 * Name of manufacturer * `-' sign indicating the cathode. The anode is identified by bevelled edgeds * Series number (139)
UR (V) 25 14.3 x 6.2 x 6.9 14.3 x 6.2 x 6.9 40 14.3 x 6.2 x 6.9 50 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 14.3 x 7.6 x 8.2 63 14.3 x 6.2 x 6.9 14.3 x 6.2 x 6.9 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 100 14.3 x 6.2 x 6.9 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 14.3 x 7.6 x 8.2 -
N
O
D
* Telecommunications, automotive, EDP general industrial
E
* SMD technology
S
www.vishay.com 1
Document Number: 28301 Revision: 28-May-08
For technical questions, contact: aluminumcaps1@vishay.com
IG
N
* Flexible terminals, reflow and wave solderable
S
* Extended voltage and capacitance range
139 CLL
Vishay
Aluminum Capacitors SMD (Chip) Long Life
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR (F) 33 47 68 100 150 220 UR (V) 6.3 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 10 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 16 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 25 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 40 14.3 x 7.6 x 8.2 50 63 100 -
N
-
-
S
700 700
-
-
H
E N
W
0.05
+ 0.05 - 0.1 0
2
+ 0.5 0
0.07
+ 0.05 0
D
2-
0.3
O
R G L
E
S 0.3 W
DIMENSIONS in millimeters
FO
R
Fig.2 Dimensional outline
Table 1
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
T
S
S Gmax. Rmin. 7.5 4.7 7.5 4.7
IG
1.3
O
NOMINAL CASE SIZE Lx W xH
CASE CODE 2
Lmax.
Wmax.
Hmax.
Omax.
MASS (g) 0.95
PACKAGING QUANTITIES PER REEL
N
14.3 x 6.2 x 6.9
14.5
6.3
7.05
13.0
2.15
14.3 x 7.6 x 8.2 Note
3
14.5
7.7
8.35
13.0
2.85
1. Detailed tape dimensions see section `PACKAGING'.
www.vishay.com 2
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28301 Revision: 28-May-08
139 CLL
Aluminum Capacitors SMD (Chip) Long Life
Table 2
Vishay
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters (placement accuracy 0.25 mm)
NOMINAL CASE SIZE LxWxH 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 FOR REFLOW SOLDERING A 15.8 15.8 B 8.8 8.8 C 3.5 3.5 D 2.8 2.8 E 8.0 8.0 F 16.2 16.2 G 7.7 9.1 A 18.6 18.6 B 10.0 10.0 FOR WAVE SOLDERING C 4.3 4.3 D 5.0 6.0 E 8.8 8.8 F 20.5 21.5 G 11.5 13.0
MOUNTING
The capacitors are designed for automatic placement on to printed-circuit boards or hybrid circuits.
Optimum dimensions of soldering pads depend amongst others on soldering method, mounting accuracy, print lay-out and/or adjacent components. For recommended soldering pad dimensions, refer to Fig.3 and Table 2.
E
D
DG
E
E
W
S
D G C B A F wave soldering occupied area tracks or dummy tracks
C
B A F
reflow soldering
FO
solder land/ solder paste pattern
R
Fig.3 Recommended pad dimensions for reflow and wave soldering
SOLDERING
O
Soldering conditions are defined by the curve, temperature versus time, where the temperature is that measured on the soldering pad during processing.
T
N
E
solder resist pattern
Table 3
CURING CONDITIONS FOR SMD-GLUE
MAX. Tamb (C) 125 140 150 160 160 MAX. EXPOSURE TIME (minutes) 30 10 5 2 2
N
For maximum conditions of different soldering methods see Figs 4, 5 and 6. Any temperature versus time curve which does not exceed the specified maximum curves may be applied. AS A GENERAL PRINCIPLE, TEMPERATURE AND DURATION SHALL BE THE MINIMUM NECESSARY REQUIRED TO ENSURE GOOD SOLDERING CONNECTIONS. HOWEVER, THE SPECIFIED MAXIMUM CURVES SHOULD NEVER BE EXCEEDED.
IG
N
Document Number: 28301 Revision: 28-May-08
For technical questions, contact: aluminumcaps1@vishay.com
S
www.vishay.com 3
139 CLL
Vishay
Aluminum Capacitors SMD (Chip) Long Life
280 TPad (C) 260 240 220 200 180 160 140 120 100 80 0 50 100 150 200 f(s) 250
280 TPad (C) 260 240 220 200 180 160 140 120 100 80 0 50
S
100 f(s) 250
IG
150 200 f(s) 250 150
240 220 200 180 160 140 120
FO
R
100 80
0
N
50
E
W
280 TPad (C) 260
100
Fig.7 Maximum temperature load during (double-) wave soldering
T
ELECTRICAL DATA
ORDERING EXAMPLE
DESCRIPTION
O
SYMBOL CR IR
rated capacitance at 100 Hz , tolerance 20 % rated RMS ripple current at 100 Hz,105 C max. leakage current after 5 minutes at UR
Electrolytic capacitor 139 series 100 F/16 V; 20 % Nominal case size: 14.3 x 7.6 x 8.2 mm; taped on reel Ordering code: MAL213965101E3 Former 12NC: 2222 139 65101
N
IL5
Tan Z Note
max. dissipation factor at 100 Hz max. impedance at 10 kHz
Unless otherwise specified, all electrical values in Table 4 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %.
D
200
E
Fig.4 Maximum temperature load during infrared reflow soldering Fig.5 Maximum temperature load during vapor phase reflow soldering
www.vishay.com 4
For technical questions, contact: aluminumcaps1@vishay.com
N
Document Number: 28301 Revision: 28-May-08
S
139 CLL
Aluminum Capacitors SMD (Chip) Long Life
Table 4
Vishay
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 100 220 68 150 47 100 10 25 22 33 47 40 15 33 10 50 15 22 2.2 63 3.3 4.7 10 1.0 100 2.2 3.3 4.7 NOMINAL CASE SIZE LxWxH (mm) 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 14.3 x 6.2 x 6.9 14.3 x 6.2 x 6.9 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 14.3 x 7.6 x 8.2 14.3 x 6.2 x 6.9 14.3 x 6.2 x 6.9 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 14.3 x 6.2 x 6.9 14.3 x 6.2 x 6.9 14.3 x 7.6 x 8.2 14.3 x 7.6 x 8.2 IR 100 Hz 105 C (mA) 79 120 71 110 66 100 40 48 59 79 45 75 40 56 67 19 23 28 12 19 27 33 48 IL5 5 min (A) 4.3 5.8 4.4 6.0 4.5 6.2 3.5 4.1 4.7 5.4 4.2 5.6 4.0 5.2 3.3 3.4 Tan 100 Hz 0.24 0.24 0.20 0.20 0.16 0.16 0.09 0.14 0.14 0.14 0.11 0.09 0.09 0.09 0.09 0.09 0.09 0.08 0.09 0.09 0.08 0.08 Z 10 kHz () 3.0 1.4 2.9 1.3 3.4 1.6 5.5 3.7 2.6 6 2.7 7 4.7 3.2 25 21 17 8 55 29 17 11 ORDERING CODE MAL2139.......
6.3 10 16
N
IG
12 Us 1.15 x UR Urev 1 V IL1 0.02 CR x UR + 3 typ. 18 nH typ. 28 nH ESR = tan /2 fCR
S
E
0.11
D
4.5
W
E
3.6 4.3 3.2 3.4 3.7 3.9
N
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Reverse voltage Current CONDITIONS VALUE
Surge voltage for short periods
O
Leakage current Inductance
T
FO
R
after 1 minute at UR after 5 minute at UR nominal case size 14.3 x 6.2 x 6.9 mm nominal case size 14.3 x 7.6 x 8.2 mm calculated from tan max. and CR (see Table 4)
IL5 0.002 CR x UR + 3 A
N
Equivalent series inductance (ESL) Resistance Equivalent series resistance (ESR)
Document Number: 28301 Revision: 28-May-08
For technical questions, contact: aluminumcaps1@vishay.com
S
63101E3 64689E3 64151E3 65479E3 65101E3 66109E3 66229E3 66339E3 66479E3 67159E3 67339E3 61109E3 61159E3 61229E3 68228E3 68338E3 68478E3 68109E3 69108E3 69228E3 69338E3 69478E3
63221E3
www.vishay.com 5
139 CLL
Vishay
CAPACITANCE
1.2 C C0 1.1 1 2 3,4,5 1.0 0.9 5 0.8 0.7 1,2 - 60 - 40 - 20 0 20 4 3 Curve 1: 6.3 V Curve 2: 10 V Curve 3: 16 V Curve 4: 25 V Curve 5: 40 V to 100 V 40 60 80 Tamb (20 C) 0.7 0.8 Curve 1: 6.3 V Curve 2: 10 V Curve 3: 16 V Curve 4: 25 V Curve 5: 40 V to 100 V 10 10 2 1.0
Aluminum Capacitors SMD (Chip) Long Life
S N IG
10 3 f (Hz) lifetime multiplier
0 1. 5 1.
(1)
C C0 0.9
5 4 3 2
1
0.6
S
0 2.
C0 = capacitance at 20 C, 100 Hz
C0 = capacitance at 20 C, 100 Hz
RIPPLE CURRENT AND USEFUL LIFE
W
D
Fig.7 Typical multiplier of capacitance as a function of ambient temperature
Fig.8 Typical multiplier of capacitance as a function of frequency
E
10 4
CCC206
R FO T O
N N
IA = actual ripple current at 100 Hz IR = actual ripple current at 100 Hz, 105 C (1) useful life at 105 C and IR applied: 2000 h
E
3.7 IA IR 3.6 3.5 3.4 3.3 3.2 3.1 3.0 2.8 2.6 2.4 2.2
0 3. 0 4.
3.8
2.0
0 6.
1.8 1.6
20
0 8. 12
1.4 1.2 1.0 0.8 0.5 0.0
30 60 0 10 0 15 0 20
40
50
60
70
80
90
100
110
Fig.9 Multiplier of useful life as a function of ambient temperature and ripple currrent load
Tamb (C)
www.vishay.com 6
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28301 Revision: 28-May-08
139 CLL
Aluminum Capacitors SMD (Chip) Long Life
Vishay
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 300 1000 3000 10 000 IR MULTIPLIER UR = 6.3 to 16 V 0.95 1.00 1.07 1.12 1.15 1.20 UR = 25 to 50 V 0.90 1.00 1.12 1.20 1.25 1.30 UR = 63 to 100 V 0.85
IG
C/C: 5 % tan spec. limit IL5 spec. limit UR 10 V C/C: 15 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit UR 10 V C/C: 45 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit for requirements
Table 5
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Mounting REFERENCE IEC 60384-18, subclause 4.3 PROCEDURE (quick reference)
D
E
REQUIREMENTS UR 6.3 V C/C: +15 /- 30 % UR 6.3 V C/C: + 45 /- 50 % total failure percentage: 1 % see `Endurance test' above www.vishay.com 7
shall be performed prior to tests mentioned for maximum temperature load refer to chapter "Mounting"
CECC 32300, subclause 4.15
1000 hours
subclause 1.8.1
FO
T
Shelf life
IEC 60384-18/ CECC 32300, subclause 4.17
(storage at high
O
temperature)
N
Document Number: 28301 Revision: 28-May-08
R
Useful life
CECC 30301,
For technical questions, contact: aluminumcaps1@vishay.com
N
Tamb = 105 C; UR and IR applied;
2000 hours
Tamb = 105 C; no voltage applied; 500 hours after test: UR to be applied for 30 minutes, 24 to 48 hours before measurement
E
Endurance
IEC 60384-18/
Tamb = 105 C; UR applied;
W
below; reflow or (double-) wave soldering;
S
N
S
1.20 1.30 1.35 1.40
1.00
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL213965479E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X