Part Number Hot Search : 
CZT751 S2001 CZT751 NJU7775F IC16C773 DM562P P0720SL 2SD1646
Product Description
Full Text Search
 

To Download MAL212837227E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 128 SAL-RPM
Vishay BCcomponents
Aluminum Capacitors Solid Al, Radial Pearl Miniature
FEATURES
* Polarized aluminum electrolytic capacitors, solid electrolyte MnO2 * Radial leads, max. height 10 mm, resin dipped, orange colored * Extremely long useful life, 20 000 hours/125 C * Extended high temperature range up to 175 C * Excellent low temperature, impedance and ESR behaviour * Charge and discharge proof, application with 0
Fig.1 Component outlines
RoHS
COMPLIANT
resistance allowed * Reverse DC voltage up to 0.3 x UR allowed * AC voltage up to 0.8 x UR allowed
123 SAL-A
axial version
128 SAL-RPM 175 C solid SMD
APPLICATIONS
* Audio-video, automotive, industrial high temperature and telecommunication * Smoothing, filtering and buffering * For small power supplies, DC/DC converters
175 TMP
QUICK REFERENCE DATA
DESCRIPTION Maximum case sizes (H x W x T in mm) Rated capacitance range (E6 series), CR Tolerance on CR Rated voltage range, UR Category temperature range: UR = 6.3 to 40 V UC = 6.3 to 25 V Endurance test at 125 C Useful life at 125 C Useful life at 175 C Useful life at 40 C, IR applied Shelf life at 0 V, 125 C Based on sectional specification Climatic category IEC 60068 - 55 C to + 85 C - 55 C to + 125 C 10 000 hours 20 000 hours 2000 hours > 300 000 hours 500 hours IEC 60384-4/EN 130300 55/125/56 VALUE 10 x 7 x 3.5 to 10 x 8 x 6 0.22 F to 68 F 20 % 6.3 V to 40 V
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) and category voltage if applicable * Date code in accordance with IEC60062 * Name of manufacturer * `I' sign to indicate the negative terminal * `+' sign to identify the positive terminal * Series number
MOUNTING
When bending, cutting or straightening the leads, ensure that the capacitor body is relieved of stress. Bending after soldering must be avoided.
Document Number: 28354 Revision: 23-Jun-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 153
128 SAL-RPM
Vishay BCcomponents
Aluminum Capacitors Solid Al, Radial Pearl Miniature
SELECTION CHART FOR CR, UR, UC AND RELEVANT MAXIMUM CASE SIZES (H x W x T in mm)
UR (V) at Tamb = 85 C CR (F) 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 6.3 6.3 10 x 7 x 3.5 10 x 7 x 4 10 x 7 x 5 10 x 8 x 5 10 x 8 x 6 10 10 10 x 7 x 3.5 10 x 7 x 3.5 10 x 7 x 4 10 x 7 x 4 10 x 7 x 5 10 x 8 x 5 10 x 8 x 6 16 UC (V) at Tamb = 125 C 16 10 x 7 x 3.5 10 x 7 x 3.5 10 x 7 x 4 10 x 7 x 4 10 x 7 x 5 10 x 8 x 5 10 x 8 x 6 25 25 10 x 7 x 3.5 10 x 7 x 3.5 10 x 7 x 3.5 10 x 7 x 4 10 x 7 x 5 10 x 8 x 5 10 x 8 x 5 10 x 8 x 6 40 25 10 x 7 x 3.5 10 x 7 x 4 10 x 7 x 5 10 x 7 x 5 10 x 7 x 5 10 x 8 x 6 10 x 8 x 6 -
DIMENSIONS in millimeters AND AVAILABLE FORMS
W W T Bottom view 9.5 0.5 Bottom view + 0.3 4.5 - 0.7 + 0.06 O 0.6 - 0.05 5.2 0.2 Printed-circuit board 91 12.5 0.5 2 0.5 0.25 0.05 Printed-circuit board + 0.06 O 0.6 - 0.05 T
9.5 0.5
5.2 0.2
1.0 0.1 The diameter of the mounting holes in the printed-circuit board is 0.8 0.1 mm. Flanges are provided with degassing grooves. The diameter of the mounting holes in the printed-circuit board is 0.8 0.1 mm, except for the hole of the anode lead of Form CA capacitors: 1.3 - 0.2 mm. Flanges are provided with degassing grooves.
Fig.2 Form CB: Short leads, in boxes
Fig.3 Form CA: Long- leads with keyed polarity, in boxes
Table 1
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
MAXIMUM CASE SIZE HxWxT (mm) 10 x 7 x 3.5 10 x 7 x 4 10 x 7 x 5 10 x 8 x 5 10 x 8 x 6 PACKAGING QUANTITIES CASE CODE 20 30 40 50 60 MASS (g) 0.25 0.30 0.35 0.50 0.60 FORM CA Note (1) 1000 1000 1000 1000 1000 FORM CB Note (1) 1000 1000 1000 1000 1000 FORM TR+ 2000 2000 1000 1000 1000 FORM TFA 1000 1000 1000 1000 1000
Notes (1) In plastic bags of 200 units each. Detailed tape dimensions see section `PACKAGING'. www.vishay.com 154 For technical questions, contact: aluminumcaps2@vishay.com Document Number: 28354 Revision: 23-Jun-08
128 SAL-RPM
Aluminum Capacitors Solid Al, Radial Pearl Miniature
TAPED PRODUCTS
Vishay BCcomponents
ELECTRICAL DATA
CR IR IL5 tan ESR Z rated capacitance at 100 Hz, tolerance 20 % max. RMS ripple current no necessary DC applied max. leakage current after 5 minutes at UR max. dissipation factor at 100 Hz; max./typ. equivalent series resistance at 100 Hz max. impedance at 100 kHz
Note Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C to 25 C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Form TR +: Taped on reel, positive leading Form TFA : Taped in ammopack
Maximum case size: 10 x 7 x 5 mm; Form CB Electrolytic capacitors 128 series 10 F/16 V; 20 % Ordering code: MAL2 128 55109E3 Former 12NC: 2281 128 55109
Fig.4 Taped versions
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
IR IR IR TYP. MAXIMUM MAX. Z IL5 CR ESR UC UR CASE SIZE 100 Hz 10 kHz 100 kHz ESR 100 kHz 100 Hz 5 min 40 C H x W x T 125 C 85 C 100 Hz 100 Hz (V) (V) () (F) (A) () (mA) (mA) (mA) (mm) () 10 22 33 47 68 4.7 6.8 10 15 22 33 47 2.2 3.3 4.7 6.8 10 15 22 0.68 1 1.5 2.2 3.3 4.7 6.8 10 0.22 0.33 0.47 0.68 1 1.5 2.2 10 x 7 x 3.5 22.4 10 x 7 x 4 32.9 10 x 7 x 5 65.4 10 x 8 x 5 118.4 10 x 8 x 6 153.0 10 x 7 x 3.5 16.1 10 x 7 x 3.5 18.9 10 x 7 x 4 21.7 10 x 7 x 4 27.3 10 x 7 x 5 51.7 10 x 8 x 5 81.6 10 x 8 x 6 105.4 10 x 7 x 3.5 14.0 10 x 7 x 3.5 16.1 10 x 7 x 4 18.9 10 x 7 x 4 22.4 10 x 7 x 5 42.9 10 x 8 x 5 71.2 10 x 8 x 6 86.7 10 x 7 x 3.5 7.7 10 x 7 x 3.5 9.1 10 x 7 x 3.5 10.8 10 x 7 x 4 13.6 10 x 7 x 5 16.1 10 x 8 x 5 25.3 10 x 8 x 6 52.7 10 x 8 x 6 64.8 10 x 7 x 3.5 4.2 10 x 7 x 4 5.3 10 x 7 x 5 10.4 10 x 7 x 5 12.1 10 x 8 x 5 20.0 10 x 8 x 6 25.5 10 x 8 x 6 33.1 320 470 595 740 800 230 270 310 390 470 510 620 200 230 270 320 390 445 510 110 130 155 195 230 270 310 360 60 75 95 110 125 150 195 595 870 1100 1360 1650 425 500 573 720 870 940 1140 370 425 500 590 720 820 940 200 240 285 360 425 500 570 660 115 140 175 205 230 280 360 2 4 5 7 11 2 2 3 4 6 8 12 2 2 2 3 4 6 9 2 2 2 2 2 3 4 6 2 2 2 2 2 2 2 20 9 6.1 4.3 3.0 43 30 20 14 9 6.1 4.3 91 61 43 30 20 14 9 295 200 135 91 61 43 30 20 910 610 430 295 200 135 91 8 3.5 2 2 1.5 16 12 9 7 3.5 2 1.5 25 26 14 11 6 5 3.5 85 71 48 34 19 14 11 9 275 172 114 89 45 35 28 2.0 1.0 0.70 0.50 0.40 3.00 2.20 1.70 1.20 0.90 0.60 0.40 4.50 3.30 2.30 1.65 1.10 0.85 0.65 17.00 12.50 10.00 7.00 5.20 3.50 2.70 2.00 27.00 20.00 15.00 10.00 7.00 5.50 4.20 ORDERING CODE MAL2128....... FORM FORM TR + CA REEL 73109E3 23109E3 73229E3 23229E3 73339E3 23339E3 73479E3 23479E3 73689E3 23689E3 74478E3 24478E3 74688E3 24688E3 74109E3 24109E3 74159E3 24159E3 74229E3 24229E3 74339E3 24339E3 74479E3 24479E3 75228E3 25228E3 75338E3 25338E3 75478E3 25478E3 75688E3 25688E3 75109E3 25109E3 75159E3 25159E3 75229E3 25229E3 76687E3 26687E3 76108E3 26108E3 76158E3 26158E3 76228E3 26228E3 76338E3 26338E3 76478E3 26478E3 76688E3 26688E3 76109E3 26109E3 77227E3 27227E3 77337E3 27337E3 77477E3 27477E3 77687E3 27687E3 77108E3 27108E3 77158E3 27158E3 77228E3 27228E3
FORM CB 53109E3 53229E3 53339E3 53479E3 53689E3 54478E3 54688E3 54109E3 54159E3 54229E3 54339E3 54479E3 55228E3 55338E3 55478E3 55688E3 55109E3 55159E3 55229E3 56687E3 56108E3 56158E3 56228E3 56338E3 56478E3 56688E3 56109E3 57227E3 57337E3 57477E3 57687E3 57108E3 57158E3 57228E3
6.3 6.3
10 10
16
16
25
25
25 40
FORM TFA AMMO 33109E3 33229E3 33339E3 33479E3 33689E3 34478E3 34688E3 34109E3 34159E3 34229E3 34339E3 34479E3 35228E3 35338E3 35478E3 35688E3 35109E3 35159E3 35229E3 36687E3 36108E3 36158E3 36228E3 36338E3 36478E3 36688E3 36109E3 37227E3 37337E3 37477E3 37687E3 37108E3 37158E3 37228E3
Note 1. tan at 100 Hz for all types < 0.10
Document Number: 28354 Revision: 23-Jun-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 155
128 SAL-RPM
Vishay BCcomponents
Aluminum Capacitors Solid Al, Radial Pearl Miniature
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Maximum peak AC voltage Maximum peak AC voltage, without reverse voltage applied Reverse voltage applied Tamb 85 C: at f 0.1 Hz at 0.1 Hz < f 1 Hz at 1 Hz < f 10 Hz at 10 Hz < f 50 Hz at f > 50 Hz 85 C < Tamb 125 C: at f 0.1 Hz at 0.1 Hz < f 1 Hz at 1 Hz < f 10 Hz at 10 Hz < f 50 Hz at f > 50 Hz Inductance Equivalent series inductance (ESL) Case sizes 10 x 7 x 3.5 mm to 10 x 7 x 5 mm Case sizes 10 x 8 x 5 mm and 10 x 8 x 6 mm All case sizes Dissipation Maximum power dissipation Current Maximum leakage current Typical leakage current After 5 minutes at UR and Tamb = 25 C 15 s at UR and Tamb = 25 C: UR = 6.3 to 16 V UR = 25 to 40 V 0.2 x value stated in Table 2 0.1 x value stated in Table 2 IL5 0.025 CR x UR or 2 A whichever is greater; see Table 2 Case sizes 10 x 7 x 3.5 mm to 10 x 7 x 5 mm Case sizes 10 x 8 x 5 mm and 10 x 8 x 6 mm P125 = 88 mW P125 = 104 mW typ. 9 nH to 14 nH typ. 11 nH to 16 nH max. 20 nH 0.15 x UR 0.22 x UR 0.30 x UR 0.32 x UR 0.40 x UR 0.30 x UR 0.45 x UR 0.60 x UR 0.65 x UR 0.80 x UR Us 1.15 x UR Urev < 0.3 x UR 2V CONDITIONS VALUE
VOLTAGE
40
(1)
35
(2)
UC = 125 C UC = 175 C
RIPPLE CURRENT (IR)
(1) (2)
PARAMETER IR multiplier Notes
(1)
Tamb 25 C 1.1 40 C 1.0 65 C 0.88 85 C 0.75 105 C 125 C 0.59 0.37
25
16
10 6.3 4 0 - 50 0 50 85 100 125 Tamb (C) 150 175
(2)
Applying the maximum RMS ripple current given in Table 2 will cause a device temperature of 138 C The 100 kHz values in Table 2 for other temperatures are to be calculated with the above IR multipliers:
Fig.5 Maximum permissible voltage up to Tamb = 175 C
www.vishay.com 156
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28354 Revision: 23-Jun-08
128 SAL-RPM
Aluminum Capacitors Solid Al, Radial Pearl Miniature
CAPACITANCE (C)
Vishay BCcomponents
TYPICAL CAPACITANCE CHANGE AFTER ENDURANCE TEST AT TAMB = 125 C
C (%)
4
C C0
1.2 1.1
2000 h
2 0
1.0 0.9 0.8 0.7 0.6 - 80 - 40 0 40 80 120
standard deviation
5000 h 10 000 h
-2 -4 -6 -8 - 10
0.05 0
160 Tamb (C)
0.01 0.1 0.5 1 2
5 10 20 30 40 50 60 70 80 90 95 98 99 99.5 99.9 99.99
cumulative frequency (%)
Fig.6 Typical multiplier of capacitance and standard deviation as functions of ambient temperature
Fig.7 Change of capacitance as a function of cumulative frequency after endurance test
LEAKAGE CURRENT
TYPICAL LEAKAGE CURRENT CHANGE AFTER ENDURANCE TEST AT TAMB = 125 C
100 80 60 50 40 30 20
102 leakage current (% of initial requirements) I I0 10
init.
2000 h 5000 h 10 000 h
1
10 8 6 5 4 3 2
10
-1
1
- 40
0
40
80
120
160 Tamb (C)
0.01 0.1 0.5 1 2
5 10 20 30 40 50 60 70 80 90 95 98 99 99.5 99.9 99.99
I0 = leakage current during continuous operation at UR and Tamb = 25 C
cumulative frequency (%)
Fig.8 Typical multiplier of leakage current as a function of ambient temperature
Fig.9 Change of capacitance as a function of cumulative frequency after endurance test
Document Number: 28354 Revision: 23-Jun-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 157
128 SAL-RPM
Vishay BCcomponents
Aluminum Capacitors Solid Al, Radial Pearl Miniature
TYPICAL tan CHANGE AFTER ENDURANCE TEST AT Tamb = 125 C
120 init. 2000 h 80 5000 h 10 000 h 60
DISSIPATION FACTOR (tan )
2.0 tan tan 0
1.0
standard deviation
1.5
tan (% of initial requirements)
100
40
0.5
0.05 0
20
0 - 80 - 40 0 40 80 120 160 Tamb (C) Tan 0 = dissipation factor at Tamb = 25 C and 100 Hz
0
0.01 0.1 0.5 1 2 5 10 20 30 40 50 60 70 80 90 95 98 99 99.5 99.9 99.99
cumulative frequency (%)
Fig.10 Typical multiplier of dissipation factor and standard deviation as functions of ambient temperature
Fig.11 Tan change of capacitance as a function of cumulative frequency after endurance test
EQUIVALENT SERIES RESISTANCE (ESR)
104 ESR ESR0 103 1 10
2
103 Curve 1: 0.22 F, 40 V Curve 2: 1.5 F, 40 V Curve 3: 3.3 F, 25 V Curve 4: 10 F, 6.3 V Curve 5: 22 F, 10 V ESR () 102 1 2 3 10 2 3 1 4
Curve 1: 0.22 F, 40 V Curve 2: 1.5 F, 40 V Curve 3: 2.2 F, 16 V Curve 4: 10 F, 6.3 V
10
4 5
1
10-1 Case H x W x T = 10 x 7 x 3.5 mm 103 10 4 10 5 10 6 f (Hz) 10 7
10-1 - 100 - 50 0 50 100 150 Tamb (C)
10-2
10 2
Fig.12 Typical multiplier of ESR at 100 Hz as a function of ambient temperature
Fig.13 Typical ESR at 25 C as a function of frequency
www.vishay.com 158
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28354 Revision: 23-Jun-08
128 SAL-RPM
Aluminum Capacitors Solid Al, Radial Pearl Miniature
EQUIVALENT SERIES RESISTANCE (ESR)
103 ESR () 102 Curve 1: 2.2 F, 25 V Curve 1: 4.7 F, 16 V Curve 1: 22 F, 6.3 V 103 ESR () 102 1 101 1 2 1 3 1 3 4 10 2 Curve 1: 0.47 F, 40 V Curve 2: 3.3 F, 40 V Curve 3: 10 F, 16 V Curve 4: 33 F, 6.3 V
Vishay BCcomponents
10-1 Case H x W x T = 10 x 7 x 4 mm 10
3
10-1 Case size H x W x T = 10 x 7 x 5 mm 10 2 103 10 4 10 5 10 6 f (Hz) 10 7
10-2 10 2
10-2 10 5 10 6 f (Hz) 10
7
10
4
Fig.14 Typical ESR at 25 C as a function of frequency
103 Curve 1: 1 F, 40 V Curve 2: 4.7 F, 25 V Curve 3: 47 F, 6.3 V ESR () 102
Fig.15 Typical ESR at 25 C as a function of frequency
103 ESR () 102
Curve 1: 10 F, 25 V Curve 2: 22 F, 16 V Curve 3: 68 F, 6.3 V
101
1 2 3
101 1 1 2 3 10-1
1
10-1 Case size H x W x T = 10 x 8 x 5 mm 10
3
10-2 10 2
10-2 10 6 f (Hz) 10
7
Case size H x W x T = 10 x 8 x 5 mm 10 2 103 10 4 10 5 10 6 f (Hz) 10 7
10
4
10 5
Fig.16 Typical ESR as a function of frequency
Fig.17 Typical ESR at 25 C as a function of frequency
IMPEDANCE (Z)
2.0 Z Z0 1.5 Tamb = - 55 C
103 Z () 102 Curve 1: 0.22 F, 40 V Curve 2: 1.5 F, 25 V Curve 3: 3.3 F, 16 V Curve 4: 10 F, 6.3 V
1
- 20 C
101 2 3 1 4
1.0
+ 25 C + 50 C - 125 C
0.5
10-1
0
Z0 = initial impedance value at T amb 25 C 10 2 103 10 4 10 5 10 6 10 7 f (Hz) 10 8
10-2 10 2
Case H x W x T = 10 x 7 x 3.5 mm 103 10 4 10 5
10 6 f (Hz) 10 7
Fig.18 Typical multiplier of impedance as a function of frequency at different ambient temperatures
Fig.19 Typical impedance at 25 C as a function of frequency
Document Number: 28354 Revision: 23-Jun-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 159
128 SAL-RPM
Vishay BCcomponents
Aluminum Capacitors Solid Al, Radial Pearl Miniature
IMPEDANCE (Z)
103 Z () 10
2
103
Curve 1: 2.2 F, 25 V Curve 2: 4.7 F, 16 V Curve 3: 22 F, 6.3 V
Z () 102
1
2
Curve 1: 0.47 F, 40 V Curve 2: 3.3 F, 25 V Curve 3: 10 F, 16 V Curve 4: 33 F, 6.3 V
10
1
1 2
10
1
3 4
1
3
1
10-1 Case size H x W x T = 10 x 7 x 4 mm 10 2 103 10 4 10 5 10 6
7 f (Hz) 10
10-1 Case size H x W x T = 10 x 7 x 5 mm 10 2 103 10 4 10 5
10-2
10-2
10 6
7 f (Hz) 10
Fig.20 Typical impedance at 25 C as a function of frequency
Fig.21 Typical impedance at 25 C as a function of frequency
103 Z () 10
2
103 1 2 Curve 1: 1 F, 40 V Curve 2: 4.7 F, 25 V Curve 3: 47 F, 6.3 V Z () 102 1 2 3 1 Curve 1: 10 F, 25 V Curve 2: 22 F, 16 V Curve 3: 68 F, 6.3 V
10
1
101 3
1
10-1 Case size H x W x T = 10 x 8 x 5 mm 10 2 103 10
4
10-1 Case size H x W x T = 10 x 8 x 6 mm 10 2 103 10 4 10 5 10 6
7 f (Hz) 10
10-2
10-2 10 6 f (Hz) 10
7
10 5
Fig.22 Typical impedance at 25 C as a function of frequency
Fig.23 Typical impedance at 25 C as a function of frequency
www.vishay.com 160
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28354 Revision: 23-Jun-08
128 SAL-RPM
Aluminum Capacitors Solid Al, Radial Pearl Miniature
Table 3
Vishay BCcomponents
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 125 C; UR = 6.3 V to 25 V with UR applied; UR = 40 V with UC applied; 10 000 hours Tamb = 125 C; IR applied and: UR = 6.3 V to 25 V with UR applied; UR = 40 V with UC applied; 20 000 hours REQUIREMENTS
C/C: 10 %
tan 1.2 x spec. limit Z 1.2 x spec. limit IL5 spec. limit
Useful life
CECC 30302 subclause 1.8.1
C/C: 15 %
tan 1.5 x spec. limit Z 1.5 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage: < 1%
Shelf life (storage at high temperature)
IEC 60384-4/ EN130300 subclause 4.17 IEC 60384-4-2 subclause 9.21
Tamb = 125 C; no voltage applied; 500 hours
C/C: 10 %
tan 1.2 x spec. limit IL5 spec. limit
Charge and discharge
cycles without series resistance: 0.5 s to UR; 0.5 s to ground immersion: 5 min 0.5 min with or without ultrasonic at 55 C 5 C solvents: demineralized water and/or calgonite solution (20 g/l) 10 Hz to 2000 Hz; 1.5 mm or 20 g; 1 octave/min; 3 directions; 1 sweep per direction; no voltage applied
106
C/C: 5 %
no short or open circuit, no visible damage visual appearance not affected
Solvent resistance
IEC 60068-2-45, test XA IEC 60653
Extended vibration
IEC 60068-2-6 test Fc
no intermittent contacts no breakdown no open circuiting no mechanical damage
C/C: 5 %
tan 1.2 x spec. limit Z 1.2 x spec. limit IL5 1.5 x spec. limit Shock IEC 60068-2-27 test Ea half-sine or sawtooth pulse shape; 50 g; 11 ms; 3 successive shocks in each direction of 3 mutually perpendicular axes; no voltage applied no intermittent contacts no breakdown no open circuiting no mechanical damage
C/C: 5 %
tan 1.2 x spec. limit Z 1.2 x spec. limit IL5 1.5 x spec. limit Passive flammability IEC 60695-2-2 capacitor mounted to a vertical printed-circuit board, one flame on capacitor body; Tamb = 20 C to 25 C; test duration = 20 s after removing the test flame from the capacitor, the capacitor must not continue to burn for more than 15 s; no burning particles must drop from the sample
Document Number: 28354 Revision: 23-Jun-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 161
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL212837227E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X