Part Number Hot Search : 
0100C 7502B IRG4BC10 M51945 CS3842B ST1S10P 0603A NTE832SM
Product Description
Full Text Search
 

To Download MAL212326221 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 123 SAL-A
Vishay BCcomponents
Aluminum Capacitors Solid Axial
FEATURES
* Polarized aluminum electrolytic capacitors, solid electrolyte MnO2
Fig.1 Component outline
Pb-free Available
* Axial leads, aluminum case, ceramic seal, blue insulation sleeve * SAL-A: standard version
RoHS*
COMPLIANT
* SAL-AG: epoxy filled shock-proof version up to 10 000 g
123 SAL-A radial higher CV/volume 128 SAL-RPM
* Extremely long useful life: 20 000 hours at 125 C * Extended high temperature range up to 200 C * Excellent low temperature impedance and ESR behaviour * Charge and discharge 0 resistance allowed proof, application with
175 C solid SMD
175 TMP
* Reverse DC voltage up to 0.3 x UR allowed * AC voltage up to 0.8 x UR allowed * Advanced technology to achieve high reliability and high stability
VALUE 6.7 x 15.3 to 12.9 x 32.0 1.0 F to 1500 F 20 %; 10 % on request 6.3 V to 40 V - 55 C to + 125 C - 80 C to + 200 C 5000 hours and 8000 hours 20 000 hours 450 000 hours 500 hours IEC 60384-4/EN130300 55/125/56
QUICK REFERENCE DATA
DESCRIPTION Maximum case size (O D x L in mm) Rated capacitance range (E6 series), CR Tolerance on CR Rated voltage range, UR Category temperature range Usable temperature range Endurance test at 155 C and 125 C Useful life at 125 C Useful life at 40 C, IR applied Shelf life at 0 V, 125 C Based on sectional specification Climatic category IEC 60068
APPLICATIONS
* EDP, telecommunication, industrial high temperature, automotive, military and space * Smoothing, filtering, buffering, timing * For power supplies, DC/DC converters
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance code on rated capacitance, code letter in accordance with IEC 60062 (M = 20 %, K = 10 %) * Rated voltage temperature (in V) at corresponding maximum
* Date code in accordance with IEC 60062 * Name of manufacturer * Code for factory of origin * Band to indicate the negative terminal * `+' sign to identify the positive terminal * Series number
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 28355 Revision: 23-Jun-08 For technical questions, contact: aluminumcaps2@vishay.com www.vishay.com 251
123 SAL-A
Vishay BCcomponents
Aluminum Capacitors Solid Axial
SELECTION CHART FOR CR, UR AND RELEVANT MAXIMUM CASE SIZES (O D x L in mm)
CR (F) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 6.3 6.3 6.7 x 15.3 6.7 x 15.3 7.6 x 20.4 9.4 x 23.3 10.3 x 32.0 12.9 x 32.0 12.9 x 32.0 10 10 6.7 x 15.3 6.7 x 15.3 7.6 x 20.4 7.6 x 20.4 9.4 x 23.3 9.4 x 23.3 10.3 x 32.0 10.3 x 32.0 12.9 x 32.0 12.9 x 32.0 UR (V) at Tamb = 85 C 16 25 UC (V) at Tamb = 125 C 16 25 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 7.6 x 20.4 7.6 x 20.4 7.6 x 20.4 7.6 x 20.4 7.6 x 20.4 7.6 x 20.4 9.4 x 23.3 9.4 x 23.3 9.4 x 23.3 9.4 x 23.3 10.3 x 32.0 10.3 x 32.0 12.9 x 32.0 10.3 x 32.0 12.9 x 32.0 12.9 x 32.0 12.9 x 32.0 35 25 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 7.6 x 20.4 7.6 x 20.4 7.6 x 20.4 9.4 x 23.3 9.4 x 23.3 10.3 x 32.0 12.9 x 32.0 12.9 x 32.0 40 25 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 7.6 x 20.4 7.6 x 20.4 9.4 x 23.3 9.4 x 23.3 10.3 x 32.0 10.3 x 32.0 12.9 x 32.0 -
DIMENSIONS in millimeters AND AVAILABLE FORMS
OD Od
Lmax. BA: taped in box (ammopack) BR: taped on reel F 73
Fig.2 Forms: BA and BR
Table 1
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
CASE MAXIMUM SIZE O D x L (1) 6.7 x 15.3 7.6 x 20.4 9.4 x 23.3 10.3 x 32.0 12.9 x 32.0 CODE 1 2A 4 5 6 Fmax. 20.0 22.5 25.0 35.0 35.0 Od 0.6 0.6 0.6 0.8 0.8 MASS (2) (g) 1.05 1.55 2.6 4.2 7 PACKAGING QUANTITIES FORM BA 100 100 100 100 100 FORM BR 800 800 500 500 400
Note For epoxy-filled versions add 1 mm to stated Lmax. Add 10 % for SAL-AG epoxy-filled versions. Detailed tape dimensions see section `PACKAGING'.
www.vishay.com 252
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28355 Revision: 23-Jun-08
123 SAL-A
Aluminum Capacitors Solid Axial
ELECTRICAL DATA
SYMBOL CR IR IL5 tan ESR Z DESCRIPTION rated capacitance at 100 Hz max. RMS ripple current, no necessary DC voltage applied max. leakage current after 5 minutes at UR max. dissipation factor at 100 Hz max./typ. equivalent series resistance at 100 Hz max. impedance at 100 kHz
Vishay BCcomponents
ORDERING EXAMPLE
Electrolytic capacitors 123 series 10 F/16 V; 20 % Maximum case size: O 6.7 x 15.3 mm; Form BR for lead (Pb)-free: Ordering code: MAL2 123 25109 E3 Former 12NC: 2281 123 25109 for non lead (Pb)-free: Ordering code: MAL2 123 25109 Former 12NC: 2222 123 25109
Note Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 to 25 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 2
ELECTRICAL DATA AND ORDERING INFORMATION for 123 series
ORDERING CODE MAL2123.....E3 Lead (Pb)-free MAL2123 ..... Non lead (Pb)-free UC (V) IR IR IR MAX. IL5 CR UR tan CASE SIZE 100 Hz 10 kHz 100 kHz 100 Hz 5 min O D x L 125 C 85 C 100 Hz 40 C (V) (F) (A) (mm) (mA) (mA) (mA) MAX. ESR 100 Hz () TYP. ESR 100 Hz () Z 100 kHz () SAL-A FORM BA tol. 20 % 13479 13689 13151 13331 13681 13102 13152 14339 14479 14689 14101 14151 14221 14331 14471 14681 14102 15109 15159 15229 15339 15479 15689 15101 15151 15221 15331 15471 15681 16109 16159 16229 16339 16479 16689 16101 16151 16221 16331 SAL-A FORM BR tol. 20 % 23479 23689 23151 23331 23681 23102 23152 24339 24479 24689 24101 24151 24221 24331 24471 24681 24102 25109 25159 25229 25339 25479 25689 25101 25151 25221 25331 25471 25681 26109 26159 26229 26339 26479 26689 26101 26151 26221 26331 SALAG (1) FORM BA tol. 10 % level S 83479 83689 83151 83331 83681 83102 83152 84339 84479 84689 84101 84151 84221 84331 84471 84681 84102 85109 85159 85229 85339 85479 85689 85101 85151 85221 85331 85471 85681 86109 86159 86229 86339 86479 86689 86101 86151 86221 86331 SALAG (1) FORM BA tol. 20 % 63479 63689 63151 63331 63681 63102 63152 64339 64479 64689 64101 64151 64221 64331 64471 64681 64102 65109 65159 65229 65339 65479 65689 65101 65151 65221 65331 65471 65681 66109 66159 66229 66339 66479 66689 66101 66151 66221 66331
6.3 6.3
10
10
16
16
25
25
47 68 150 330 680 1000 1500 33 47 68 100 150 220 330 470 680 1000 10 15 22 33 47 68 100 150 220 330 470 680 10 15 22 33 47 68 100 150 220 330
6.7 x 15.3 6.7 x 15.3 7.6 x 20.4 9.4 x 23.3 10.3 x 32.0 12.9 x 32.0 12.9 x 32.0 6.7 x 15.3 6.7 x 15.3 7.6 x 20.4 7.6 x 20.4 9.4 x 23.3 9.4 x 23.3 10.3 x 32.0 10.3 x 32.0 12.9 x 32.0 12.9 x 32.0 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 7.6 x 20.4 7.6 x 20.4 7.6 x 20.4 9.4 x 23.3 9.4 x 23.3 10.3 x 32.0 10.3 x 32.0 12.9 x 32.0 12.9 x 32.0 6.7 x 15.3 6.7 x 15.3 7.6 x 20.4 7.6 x 20.4 7.6 x 20.4 9.4 x 23.3 9.4 x 23.3 10.3 x 32.0 12.9 x 32.0 12.9 x 32.0
58 83 160 330 680 940 1220 63 83 110 160 240 350 490 570 760 1000 31 47 63 89 120 180 260 310 420 510 680 850 43 60 88 130 160 230 250 350 460 600
440 520 870 1470 2340 3180 4140 360 440 590 710 990 1180 1650 1940 2580 3380 230 280 340 470 560 670 920 1060 1420 1740 2280 2870 230 280 370 470 560 760 860 1200 1560 2030
640 760 1270 2140 3410 4640 6020 530 640 850 1040 1450 1720 2410 2830 3750 4920 330 400 490 680 810 970 1340 1550 2060 2530 3330 4170 330 400 550 680 810 1110 1250 1740 2270 2950
15 21 47 104 214 315 473 17 24 34 50 75 110 165 235 340 500 16 24 35 55 75 110 160 240 350 500 750 870 25 35 55 85 100 170 250 400 550 800
0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.16 0.16 0.16 0.16 0.16 0.14 0.14 0.14 0.14 0.14 0.14 0.16 0.16 0.16 0.16
7.6 5.3 2.4 1.1 0.55 0.36 0.24 11 7.6 5.3 3.6 2.4 1.7 1.1 0.8 0.55 0.36 28 19 13 8.4 5.9 4.1 2.8 2.1 1.5 1.0 0.7 0.5 28 19 13 8.4 5.9 4.1 3.2 2.1 1.5 1.0
3.0 2.6 1.5 0.55 0.28 0.19 0.13 3.8 4.0 2.5 1.8 0.9 0.6 0.45 0.35 0.25 0.18 8.0 5.5 5.5 3.0 2.6 2.5 1.5 0.7 0.55 0.35 0.25 0.18 13.0 10.0 7 5 3.5 1.8 1.0 1.2 0.85 0.60
1.2 1.2 1.0 0.4 0.3 0.2 0.2 1.2 1.2 1.0 1.0 0.4 0.4 0.3 0.3 0.2 0.2 2.5 2.5 2.5 2.0 2.0 2.0 0.8 0.8 0.6 0.6 0.4 0.4 5 5.0 2.5 2.5 2.5 1.0 1.0 0.8 0.6 0.6
Document Number: 28355 Revision: 23-Jun-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 253
123 SAL-A
Vishay BCcomponents
Aluminum Capacitors Solid Axial
ELECTRICAL DATA AND ORDERING INFORMATION for 123 series
ORDERING CODE MAL2123.....E3 Lead (Pb)-free MAL2123 ..... Non lead (Pb)-free UC (V) IR IR IR MAX. IL5 CR UR CASE SIZE 100 Hz 10 kHz 100 kHz tan 100 Hz 5 min O D x L 125 C 85 C 100 Hz 40 C (V) (F) (A) (mm) (mA) (mA) (mA) MAX. ESR 100 Hz () TYP. ESR 100 Hz () Z 100 kHz () SAL-A FORM BA tol. 20 % 10108 10158 10228 10338 10478 10688 10109 10159 10229 10339 10479 10689 10101 10151 17228 17338 17478 17688 17109 17159 17229 17339 17479 17689 17101 SAL-A FORM BR tol. 20 % 20108 20158 20228 20338 20478 20688 20109 20159 20229 20339 20479 20689 20101 20151 27228 27338 27478 27688 27109 27159 27229 27339 27479 27689 27101 SALAG (1) FORM BA tol. 10 % level S 80108 80158 80228 80338 80478 80688 80109 80159 80229 80339 80479 80689 80101 80151 87228 87338 87478 87688 87109 87159 87229 87339 87479 87689 87101 SALAG (1) FORM BA tol. 20 % 60108 60158 60228 60338 60478 60688 60109 60159 60229 60339 60479 60689 60101 60151 67228 67338 67478 67688 67109 67159 67229 67339 67479 67689 67101
25
35
25
40
1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100
6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 7.6 x 20.4 7.6 x 20.4 7.6 x 20.4 9.4 x 23.3 9.4 x 23.3 10.3 x 32.0 12.9 x 32.0 12.9 x 32.0 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 6.7 x 15.3 7.6 x 20.4 7.6 x 20.4 9.4 x 23.3 9.4 x 23.3 10.3 x 32.0 10.3 x 32.0 12.9 x 32.0
4 7 10 14 20 27 37 53 78 120 140 170 220 290 11 16 22 28 41 61 89 120 160 170 220
55 68 82 100 120 140 200 240 290 410 480 570 760 990 82 100 120 140 200 240 330 410 540 570 760
80 98 120 150 170 210 280 350 420 590 700 820 1100 1440 120 150 170 210 280 350 480 590 790 820 1100
5 5 5 7 10 15 20 30 45 65 95 135 200 300 9 13 19 27 40 60 90 130 190 270 400
0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.16 0.16 0.16 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.16 0.16
240 160 109 73 51 35 24 16 11 7.2 5.1 4.7 3.2 2.1 109 73 51 35 24 16 11 7.2 5.1 4.7 3.2
105 40.60 30 28 20 16 10 8 7 3 2.9 2.1 1.7 1.0 38 25 20 15 11 7 4 2.9 2.7 2.3 1.6
16.5 11.0 7.5 7.5 7.5 7.5 2.5 2.5 2.5 1.0 1.0 0.8 0.6 0.6 7.5 7.5 7.5 7.5 2.5 2.5 1.5 1.0 1.0 0.8 0.6
Note SAL-AG types are epoxy-filled.
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Maximum peak AC voltage, reverse voltage applied CONDITIONS Us 1.15 x UR Urev < 0.3 x UR 2V Tamb 85 C: at f 0.1 Hz at 0.1 Hz < f 1 Hz at 1 Hz < f 10 Hz at 10 Hz < f 50 Hz at f > 50 Hz 85 C < Tamb 125 C: at f 0.1 Hz at 0.1 Hz < f 1 Hz at 1 Hz < f 10 Hz at 10 Hz < f 50 Hz at f > 50 Hz After 5 minutes at UR and Tamb = 25 C After 15 s at UR and Tamb = 25 C: UR = 6.3 to 16 V UR = 25 to 40 V 0.30 x UR 0.45 x UR 0.60 x UR 0.65 x UR 0.80 x UR 0.15 x UR 0.22 x UR 0.30 x UR 0.32 x UR 0.40 x UR IL5 0.05 CR x UR or 2 A, whichever is greater; see Table 2 0.2 x value stated in Table 2 0.1 x value stated in Table 2 Document Number: 28355 Revision: 23-Jun-08 VALUE
Maximum peak AC voltage, without reverse voltage applied
Current Maximum leakage current Typical leakage current
www.vishay.com 254
For technical questions, contact: aluminumcaps2@vishay.com
123 SAL-A
Aluminum Capacitors Solid Axial
VOLTAGE
40 35 UR (V) 25
(1)
Vishay BCcomponents
UC = 125 C (2) UC = 175 C
(1)
(2)
RIPPLE CURRENT (IR)
PARAMETER IR multiplier Notes
(1)
Tamb 25 C 1.1 40 C 1.0 65 C 85 C 105 C 125 C 0.88 0.75 0.59 0.37
Applying the maximum RMS ripple current given in Table 2 will cause a device temperature of 138 C. The 100 kHz values in Table 2 for other temperatures are to be calculated with the above IR multipliers.
16
(2)
10 6.3 4 0 - 50 0 50 85 100 125 150 175 Tamb (C)
Fig.3 Maximum permissible voltage up to 175 C
LEAKAGE CURRENT
10 2 I I01 10 10 reverse voltage
I I 02
1 1
10
-1
I01 = leakage current during continuous operation at UR and Tamb = 25 C 0 50 100 Tamb (C) 150
- 50
10-1
I02 = leakage current at UR at a discrete constant temperature - 0.4 0 0.4
U UR
0.8
Fig.4 Typical multiplier of leakage current as a function of ambient temperature
Fig.5 Typical multiplier of leakage current as a function of U/UR
CAPACITANCE (C)
1.1 standard deviation
C C0 1.0
DISSIPATION FACTOR (tan )
tan tan 0 2.4 2.0 1.6 1.2 0.8 0.4 0 - 80 - 40 0 40 80 120 Typical tan at 100 Hz and Tamb = 25 C: 0.6 x value stated in Table 2
0.9 0.8 C0 = capacitance at 25 C and 100 Hz - 80 - 40 0 40 80 120
0.05 0 160 200 Tamb (C)
0.25 0 160 200 Tamb (C)
Fig.6 Typical multiplier of capacitance as a function of ambient temperature
Fig.7 Typical multiplier of dissipation factor as a function of ambient temperature
Document Number: 28355 Revision: 23-Jun-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 255
standard deviation
123 SAL-A
Vishay BCcomponents
Aluminum Capacitors Solid Axial
MAXIMUM POWER DISSIPATION
MAXIMUM CASE SIZE ODxL (mm) 6.7 x 15.3 7.6 x 20.4 9.4 x 23.3 10.3 x 32.0 12.9 x 32.0 Pmax. = P125 (W) 0.13 0.16 0.21 0.26 0.32
EQUIVALENT SERIES INDUCTANCE (ESL), f = 10 MHz
MAXIMUM CASE SIZE ODxL (mm) 6.7 x 15.3 7.6 x 20.4 9.4 x 23.3 10.3 x 32.0 12.9 x 32.0 PITCH (mm) 20.3 25.4 27.9 35.6 35.6 MAX. ESL (nH) 30 30 35 40 55 TYP. ESL (nH) 15 to 23 16 to 24 20 to 27 26 to 33 32 to 49
IMPEDANCE (Z)
Typical impedance at 100 kHz and Tamb = 25 C: 0.5 x value stated in Table 2.
3.5
Z Z0
3.0
1 2 3
2.5
1 2.0 - 55 C 1.5 - 25 C + 25 C 3 + 85 C 0.5 + 175 C 3 2 1 0 10 1 2 1 2 3
1.0
10 2
1
10 3
4
10 4
7
10 5
10
10 6
f (Hz)
10 7
10 3 standard deviation (%)
Curve 1: case O D x L = 6.7 x 15.3 and 7.6 x 20.4 mm; 16 to 40 V Curve 2: case O D x L = 6.7 x 15.3 and 7.6 x 20.4 mm; 6.3 to 10 V Curve 3: case O D x L = 9.4 x 32.0, 10.3 x 32.0 and 12.9 x 32.0 mm Z0 = initial impedance value at any frequency and Tamb = 25 C
Fig.9 Typical multiplier of impedance as a function of frequency at different ambient temperatures
www.vishay.com 256
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28355 Revision: 23-Jun-08
123 SAL-A
Aluminum Capacitors Solid Axial
IMPEDANCE (Z)
103 Z () 102 Curve 1: 10 F, 16 V Curve 2: 15 F, 16 V Curve 3: 22 F, 16 V Curve 4: 33 F, 10 V Curve 5: 47 F, 6.3 and 10 V Curve 6: 68 F, 6.3 V 104 Z () 103 1 2 3 4 5 6 Curve 1: 2.2 F, 35 and 40 V Curve 2: 3.3 F, 40V Curve 3: 4.7 F, 35 and 40 V Curve 4: 6.8 F, 35 and 40 V Curve 5: 10 F, 25 V Curve 6: 15 F, 25 V
Vishay BCcomponents
1 2 3 4 5 6
10
102
1
10 Case O D x L = 6.7 x 15.3 mm; UR = 25 to 40 V 1 10 102 103 104 105 106 f (Hz) 107 Tamb = 25 C 10 102 103 104 105 106 f (Hz) 107 Tamb = 25 C
10-1
Case O D x L = 6.7 x 15.3 mm; UR = 6.3 to 16 V
Fig.10 Typical impedance as a function of frequency
103 Z () 102 Curve 1: 33 F, 16 V Curve 2: 47 F, 16 V Curve 3: 68 F, 10 V Curve 4: 100 F, 6.3 and 10 V Curve 5: 150 F, 6.3 V 103 Z () 102
Fig.11 Typical impedance as a function of frequency
10
1 2 3 4 5
1 2 3 4 5 6
Curve 1: 10 F, 35 and 40 V Curve 2: 15 F, 35 and 40 V Curve 3: 22 F, 25 and 40 V Curve 4: 33 F, 25 V Curve 5: 47 F, 25 V Curve 6: 68 F, 16 V
10
1 Case O D x L = 6.7 x 20.4 mm UR = 6.3 to 16 V 10 102 103 104 105 106 f (Hz) 107 Tamb = 25 C
1 Case O D x L = 6.7 x 20.4 mm; UR = 16 to 40 V 10 102 103 104 105 106 f (Hz) 107 Tamb = 25 C
10-1
10-1
Fig.12 Typical impedance as a function of frequency
102 Z () 10 1 2 3 Curve 1: 150V, 10 V Curve 2: 220 V, 10V Curve 3: 330 V, 6.3 V 103 Z () 102
Fig.13 Typical impedance as a function of frequency
1
10
1 2 3 4 5 6
Curve 1: 22 F, 40 V Curve 2: 33 F, 35 and 40 V Curve 3: 47 F, 35 V Curve 4: 68 F, 25 V Curve 5: 100 F, 16 and 25 V Curve 6: 150 F, 16 V
10
-1
1
10-2
Case O D x L = 9.4 x 23.3 mm; UR = 6.3 to 10 V 10 102 103 104 105 106 f (Hz) 107 Tamb = 25 C
10-1
Case O D x L = 9.4 x 23.3 mm; UR = 16 to 40 V 10 102 103 104 105 106 f (Hz) 107 Tamb = 25 C
Fig.14 Typical impedance as a function of frequency
Fig.15 Typical impedance as a function of frequency
Document Number: 28355 Revision: 23-Jun-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 257
123 SAL-A
Vishay BCcomponents
IMPEDANCE (Z)
102 Z () 10 1 2 3 4 5 Curve 1: 220 F, 16 V Curve 2: 330 F, 16 V Curve 3: 330 F, 10 V Curve 4: 470 F, 10 V Curve 5: 680 F, 6.3 V 103 Z () 102 1 2 3 Curve 1: 47 V, 40 V Curve 2: 68 V, 35 and 40 V Curve 3: 150 V, 25 V
Aluminum Capacitors Solid Axial
1
10
10
-1
1
10-2
Case O D x L = 10.3 x 32.0 mm; UR = 6.3 to 16 V 10 102 103 104 105 106 f (Hz) 107 Tamb = 25 C
10-1
Case O D x L = 10.3 x 32.0 mm; UR = 25 to 40 V 10 102 103 104 105 106 f (Hz) 107 Tamb = 25 C
Fig.16 Typical impedance as a function of frequency
102 Z () 10 102
Fig.17 Typical impedance as a function of frequency
Curve 1: 680 F, 10 V Curve 2: 1000 F, 6.3 V Curve 3: 1500 F, 6.3 V 1 2 3
Z () 10
1 2 3 4 5 6
Curve 1: 100 F, 35 and 40 V Curve 2: 150 F, 35 V Curve 3: 220 F, 25 V Curve 4: 470 F, 16 V Curve 5: 680 F, 16 V Curve 6: 1000 F, 10 V
1
1
10-1
10-1
10-2
Case O D x L = 12.9 x 32.0 mm; UR = 6.3 to 10 V
10 2 103 10 4 10 5 10 6 f (Hz) 10 7 Tamb = 25 C
10-2
Case O D x L = 12.9 x 32.0 mm; UR = 10 to 40V 10 2 103 10 4 10 5 10 6 f (Hz) 10 7 Tamb = 25 C
Fig.18 Typical impedance as a function of frequency
Fig.19 Typical impedance as a function of frequency
EQUIVALENT SERIES RESISTANCE (ESR)
Typical ESR: see Figs to 24; the standard deviation is 20 % of each value.
102 Case O D x L = 6.7 x 15.3 mm ESR () ESR at 100 Hz 102 Case O D x L = 7.6 x 20.4 mm ESR () ESR at 100 Hz
10
1 3 2
10
1 2 3
1
4 5 Curve 1: 10 mF, 25 V; 6.8 mF, 35 and 40 V Curve 2: 10 mF, 16 V Curve 3: 22 mF, 16 V Curve 4: 33 mF, 10 V Curve 5: 47 mF, 6.3 and 10 V; 68 mF, 6.3 V - 80 - 40 0 40 80 120 160 200 Tamb (C)
1 Curve 1: 10 F, 35 and 40 V Curve 2: 33 F, 25 V Curve 3: 47 F, 25 V Curve 4: 68 F, 10 V; 150 F, 6.3 V - 80 - 40 0 40 80 120 160
4 5
10-1
10-1
200 Tamb (C)
Fig.20 Typical ESR as a function of ambient temperature www.vishay.com 258
Fig.21 Typical ESR as a function of ambient temperature Document Number: 28355 Revision: 23-Jun-08
For technical questions, contact: aluminumcaps2@vishay.com
123 SAL-A
Aluminum Capacitors Solid Axial
EQUIVALENT SERIES RESISTANCE (ESR)
102 ESR () Curve 1: 33 F, 35 and 40 V Curve 2: 220 F, 10 V; 330 F, 6.3 V 102 ESR () Case O D x L = 10.3 x 32.0 mm ESR at 100 Hz Curve 1: 68 F, 35 and 40 V Curve 2: 150 F, 25 V Curve 3: 330 F, 10 V Curve 4: 470 F, 10 V
Vishay BCcomponents
10
10
1 1 2 10-1 Case O D x L = 9.4 x 23.3 mm - 80 - 40 0 40 80 120 ESR at 100 Hz 160 200 Tamb (C) 10-1 - 80 - 40 0 40 80 120 160 3 4 200 Tamb (C) 1 1 2
Fig.22 Typical ESR as a function of ambient temperature
102 ESR () Case O D x L = 12.9 x 32.0 mm ESR at 100 Hz Curve 1: 100 F, 35 and 40 V Curve 2: 150 F, 35 V Curve 3: 220 F, 25 V Curve 4: 470 F, 16 V Curve 5: 680 F, 10 V; 1000 F, 6.3 V 103 ESR () 102
Fig.23 Typical ESR as a function of ambient temperature
10
1 2 3 4 5
Curve 1: 10 F, 25 V; 6.8 F, 35 and 40 V Curve 2: 10 F, 16 V Curve 3: 22 F, 16 V Curve 4: 33 F, 10 V Curve 5: 47 F, 6.3 and 10 V; 68 F, 6.3 V
10
1 1 2 3 4 10-1 - 80 - 40 0 40 80 120 160 5 200 Tamb (C) 1
10-1
Case O D x L = 6.7 x 15.3 mm
1
10
10 2
10 3
10 4
10 5
f (Hz)
10 6
Tamb = 25 C
Fig.24 Typical ESR as a function of ambient temperature
103 ESR () 102 1 2 3 4 5
102
Fig.25 Typical ESR as a function of frequency
Curve 1: 10 F, 35 and 40 V Curve 2: 33 F, 25 V Curve 3: 47 F, 25 V Curve 4: 68 F, 10 V; 150 F, 6.3 V Curve 5: 100 F, 10 V
ESR () 10
Curve 1: 33 F, 35 and 40 V Curve 2: 220 F, 10 V; 330 F, 6.3 V
10
1
1
1
10-1
2
10-1
Case O D x L = 6.7 x 20.4 mm
10-2
Case O D x L = 9.4 x 23.3 mm
1
10
10 2
10 3
10 4
10 5
f (Hz)
10 6
1
10
10 2
10 3
10 4
10 5 10 6 f (Hz)
Tamb = 25 C
Tamb = 25 C
Fig.26 Typical ESR as a function of frequency
Fig.27 Typical ESR as a function of frequency
Document Number: 28355 Revision: 23-Jun-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 259
123 SAL-A
Vishay BCcomponents
Aluminum Capacitors Solid Axial
EQUIVALENT SERIES RESISTANCE (ESR)
102 ESR () 10 102
1 2 3
Curve 1: 68 F, 35 and 40 V Curve 2: 150 F, 25 V Curve 3: 330 F, 10 V Curve 4: 470 F, 10 V
ESR () 10
1 2 3 4 5
Curve 1: 100 F, 35 and 40 V Curve 2: 150 F, 35 V Curve 3: 220 F, 25 V Curve 4: 470 F, 16 V Curve 5: 680 F, 10 V; 1000 F, 6.3 V
1
4
1
10-1
10-1
10-2
Case O D x L = 9.4 x 23.3 mm
1 10 10 2 10 3 10 4
ESR at 100 Hz
10 5 10 6 f (Hz)
10-2
Case O D x L = 9.4 x 23.3 mm
1 10 10 2 10 3 10 4
ESR at 100 Hz
10 5 10 6 f (Hz)
Fig.28 Typical ESR as a function of ambient temperature Table 3
Fig.29 Typical ESR as a function of ambient temperature
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 CECC 30302 subclause 1.8.1 PROCEDURE (quick refeerence) Tamb = 125 C; UR = 6.3 to 25 V with UR applied; UR = 35 and 40 V with UC applied; 10 000 hours Tamb = 125 C; IR applied and UR = 6.3 to 25 V with UR applied; UR = 35 and 40 V with UC applied; 20 000 hours REQUIREMENTS C/C: 10 % tan 1.2 x spec. limit Z 1.2 x spec. limit IL5 spec. limit C/C: 15 % tan 1.5 x spec. limit Z 1.5 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage: < 1 % C/C: 10 % tan 1.2 x spec. limit IL5 1 x spec. limit C/C: 5 % no short or open circuit, no visible damage no intermittent contacts no breakdown no open circuiting no mechanical damage C/C: 5 % tan 1.2 x spec. limit Z 1.2 x spec. limit IL5 1.5 x spec. limit C/C: 25 % tan 1.5 x spec. limit Z 2.0 x spec. limit IL5 1 x spec.limit visual appearance not affected
Useful life
Shelf life (storage at high temperature) Charge and discharge Shock
IEC 60384-4/ EN130300 subclause 4.17 IEC 60384-4-2 subclause 9.21 IEC 60068-2-27 test Ea
Tamb = 125 C; no voltage applied; 500 hours 106 cycles without series resistance: 0.5 s to UR; 0.5 s to ground half-sine or saw tooth pulse shape; 50 g; 11 ms; 3 successive shocks in each direction of 3 mutually perpendicular axes; no voltage applied
Severe rapid change of temperature
100 cycles of 1 hour duration, each with 30 minutes at - 40 C and + 125 C
Solvent resistance
IEC 60068-2-45, test XA IEC 60653
immersion: 5 0.5 minutes with or without ultrasonic at 55 5 C solvents: demineralized water and/or calgonite solution (20 g/l) capacitor mounted to a vertical printed-circuit board, one flame on capacitor body; Tamb = 20 to 25 C; test duration = 20 s
Passive flammability
IEC 60695-2-2
after removing the test flame from the capacitor, the capacitor must not continue to burn for more than 15 s; no burning particles must drop from the sample Document Number: 28355 Revision: 23-Jun-08
www.vishay.com 260
For technical questions, contact: aluminumcaps2@vishay.com
123 SAL-A
Aluminum Capacitors Solid Axial
Vishay BCcomponents
ADDITIONAL TESTS AND REQUIREMENTS FOR EPOXY-FILLED VERSIONS SAL-AG
2281 123 8.... Form BA 10 %, level S, lead (Pb)-free 2222 123 8.... Form BA 10 %, level S, non lead (Pb)-free Table 4
TEST PROCEDURES AND REQUIREMENTS
TEST PROCEDURE REQUIREMENTS Severe vibration tests in accordance with "IEC 60068-2-6" and "MIL STD-202", method 204, letter E, with the following details and additions Method of mounting: severity 1 severity 2 severity 1 and 2 Direction and duration of motion: severity 1 severity 2 1 octave/minute; 3 directions (mutually perpendicular); 20 sweeps per direction (total 60 sweeps or 18 hours) 1 octave/minute; 2 directions (longitudinal and transversal); 3 sweeps per direction (total 6 sweeps or 1 hour) clamping both body and leads C/C: 10 % frequency range temperature 10 to 3000 Hz; 20 to 25 C tan 1.2 x stated limit frequency range temperature 50 to 2000 Hz; 125 C vibration amplitude: 50 g or 3.5 mm, whichever is less Z 1.4 x stated limit DC leakage current: stated limit no intermittent contacts no indication of breakdown no open circuiting no evidence of mechanical damage
Functioning: severity 1 severity 2 Typical capability rated voltage applied no voltage applied > 80 g at 10 to 3000 Hz (also at 125 C)
Severe shock tests in accordance with "IEC 60068-2-27" and "MIL STD-202", method 213, letter F, with the following details and additions: Method of mounting Pulse shape: severity 1 severity 2 severity 3 Direction and number of shocks: severity 1 and 2 severity 3 Functioning 3 successive shocks in each direction of 3 mutually perpendicular axes (total 18 shocks) 1 shock in any direction rated voltage applied clamping both body and leads half-sine or sawtooth 1500 g; 0.5 ms ("MIL STD-202", method 213, letter F) 3000 g; 0.2 ms 10 000 g; 0.1 ms C/C: 10 % tan 1.2 x stated limit Z 1.4 x stated limit DC leakage current: stated limit no intermittent contacts no indication of breakdown no open circuiting no evidence of mechanical damage
Document Number: 28355 Revision: 23-Jun-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 261
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL212326221

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X