Part Number Hot Search : 
Y7C14 06300 BYD33G MC2850 MM1564B TS1086 MMBT4123 1N3890TR
Product Description
Full Text Search
 

To Download MAL211724688E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 117 ASD
Vishay BCcomponents
Aluminum Capacitors Axial, Smallest Diameter
FEATURES
* Polarized aluminum non-solid electrolyte with a blue sleeve
Fig.1 Component outlines
electrolytic
capacitors,
* Axial leads, cylindrical aluminum case, insulated * Taped for automatic insertion * Charge and discharge proof
021 ASM
RoHS
COMPLIANT
* Ultra miniature, diameter 3.3 mm * Lead (Pb)-free versions are RoHS compliant
higher CV-values
APPLICATIONS
117 ASD
* General purpose, low profile and lightweight equipment * Smoothing, filtering, buffering, decoupling, timing
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 85 C Useful life at 85 C Useful life at 40 C, 1.4 IR applied Shelf life at 0 V, 85 C Based on sectional specification Climatic category IEC 60068 VALUE 3.3 x 8 and 3.3 x 11 0.47 to 22 F - 10 to + 50 % ( 20 % to special order) 6.3 to 63 V - 40 to 85 C 1500 hours 2000 hours 60 000 hours 500 hours IEC 60384-4/EN130300 40/085/56
* Boards with restricted mounting height
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Rated voltage (in V) * Date code, in accordance with IEC 60062 * Code for factory of origin * Name of manufacturer * Band to indicate the negative terminal * Series number (117)
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES ( O D x L in mm)
CR (F) 0.47 1.0 2.2 3.3 4.7 6.8 10 22 UR (V) 6.3 3.3 x 8 3.3 x 11 10 3.3 x 8 16 3.3 x 8 3.3 x 11 25 3.3 x 8 3.3 x 11 40 3.3 x 8 3.3 x 11 63 3.3 x 8 3.3 x 8 3.3 x 11 3.3 x 11 -
www.vishay.com 168
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28324 Revision: 22-Apr-08
117 ASD
Aluminum Capacitors Axial, Smallest Diameter
DIMENSIONS in millimeters AND AVAILABLE FORMS
63.5 1.5 Lmax.
Vishay BCcomponents
D
d
Form BR: Taped on reel Form BA: Taped in box Case O D x L = 3.3 x 8 mm and 8 x 11 mm
F
Fig.2 Components insulated with a blue plastic sleeve
Table 1
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 3.3 x 8 3.3 x 11 CASE CODE 1a 1 AXIAL: FORM BA AND BR Od 0.6 0.6 O Dmax. 3.5 3.5 Lmax. 9 12 Fmin 12.5 15 MASS (g) 0.3 0.35 PACKAGING QUANTITIES FORM BA 1000 1000 FORM BR 4000 4000
Note 1. Detailed tape dimensions see section `PACKAGING'.
ELECTRICAL DATA
SYMBOL CR IR IL5 tan Z DESCRIPTION rated capacitance at 100 Hz, tolerance - 10 to + 50 % rated RMS ripple current at 100 Hz , 85 C max. leakage current after 5 minutes at UR max. dissipation factor at 100 Hz max. impedance at 10 kHz
ORDERING EXAMPLE
Electrolytic capacitor 117 series 10 F/16 V; - 10/+ 50 % Nominal case size: O 3.3 x 11 mm; Form BA Former 12NC: 2222 117 35109 Ordering code: MAL211735109E3
Note Unless otherwise specified, all electrical values in Table 1 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 1
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 10 22 6.8 4.7 10 3.3 6.8 2.2 4.7 0.47 1 2.2 3.3 NOMINAL CASE SIZE ODxL (mm) 3.3 x 8 3.3 x 11 3.3 x 8 3.3 x 8 3.3 x 11 3.3 x 8 3.3 x 11 3.3 x 8 3.3 x 11 3.3 x 8 3.3 x 8 3.3 x 11 3.3 x 11 IR 100 Hz 85 C (mA) 11 20 10 9 16 8 14 7 13 4 6 11 13 IL5 5 min (A) 3 3 3 3 3 3 3 3 3 3 3 3 3 tan 100 Hz 0.30 0.30 0.25 0.20 0.20 0.18 0.18 0.16 0.16 0.10 0.12 0.14 0.14 Z 10 kHz () 20 9 24 26 12 27 13 32 15 120 55 25 17 ORDERING CODE MAL2117....... ON REEL FORM BR 23109E3 23229E3 24688E3 25478E3 25109E3 26338E3 26688E3 27228E3 27478E3 28477E3 28108E3 28228E3 28338E3 IN BOX FORM BA 33109E3 33229E3 34688E3 35478E3 35109E3 36338E3 36688E3 37228E3 37478E3 38477E3 38108E3 38228E3 38338E3
6.3 10 16 25 40
63
Document Number: 28324 Revision: 22-Apr-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 169
117 ASD
Vishay BCcomponents
Aluminum Capacitors Axial, Smallest Diameter
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) Resistance Equivalent series resistance (ESR) Calculated from tan max. and CR (see Table 1) ESR = tan /2 f CR Case O D x L = 3.3 x 8 mm Case O D x L = 3.3 x 11 mm typ. 13 nH typ. 15 nH After 1 minute at UR After 5 minutes at UR IL1 0.02 CR x UR + 3 A IL5 0.002 CR x UR + 3 A Us 1.15 x UR Urev 1 V CONDITIONS VALUE
RIPPLE CURRENT AND USEFUL LIFE
CCC205
3.3 IA IR 3.2 3.1 3.0
2.8
2.6
2.4 lifetime multiplier 2.2
0 1.
2.0
0 2.
5 1.
1.8
0 4.
0 3.
1.6 1.4
15 10
6 .0
1.2 IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz, 85 C
(1)
20
(1)
1.0 0.8
70 50
30
Useful life at 85 C and IR applied: 2000 hours
0.5 0.0
40
50
60
70
80
90 Tamb (C)
100
Fig.3 Multiplier of useful life as a function of ambient temperature and ripple current load
www.vishay.com 170
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28324 Revision: 22-Apr-08
117 ASD
Aluminum Capacitors Axial, Smallest Diameter
Table 2
Vishay BCcomponents
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 300 1000 3000 10 000 IR MULTIPLIER UR = 6.3 to 16 V 0.80 1.00 1.20 1.35 1.45 1.50 UR = 25 to 40 V 0.75 1.00 1.30 1.55 1.70 1.80 Table 3 UR = 63 V 0.70 1.00 1.55 1.90 2.30 2.50
TEST PROCEDURES AND REQUIREMENTS
TEST Name of test Endurance Reference IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 85 C; UR applied; 1500 hours REQUIREMENTS C/C: 20 % tan 2 x spec. limit Z 3 x spec. limit IL5 spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 85 C; UR and IR applied; 2000 hours C/C: 50 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit total failure percentage: 3 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 85 C; no voltage applied; 500 hours after test: UR to be applied for 30 minutes, 24 to 48 hours before measurement C/C, tan , Z: for requirements see `Endurance test' above IL5 2 x spec. limit
Document Number: 28324 Revision: 22-Apr-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 171
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL211724688E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X