|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
095 PLL-4TSI Vishay BCcomponents Aluminum Capacitors Power Long Life 4 Terminal Snap-In FEATURES * Polarized aluminum electrolytic capacitors, non-solid electrolyte * Large types, minimized dimensions, cylindrical aluminum case, insulated with a blue sleeve * Pressure relief on the side of the aluminum case * Very long useful life: 10 000 hours at 85 C * Temperature range up to 85 C * Keyed polarity * Low ESR, high ripple current capability RoHS COMPLIANT Fig.1 Component outlines APPLICATIONS 096 smaller dimensions 095 QUICK REFERENCE DATA DESCRIPTION Nominal case size (D x L in mm) Rated capacitance range CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 85 C Useful life at 85 C Useful life at 40 C, 1.4 x IR applied Shelf life at 0 V, 85 C Based on sectional specification Climatic category IEC 60 068 VALUE 35 x 50 to 45 x 100 390 F to 2200 F 20 % 350 V to 450 V - 40 C to + 85 C 3000 hours 10 000 hours 400 000 hours 1000 hours IEC 60384-4/EN130300 40/085/56 * * * * Telecommunication and industrial systems Smoothing and filtering applications Switched mode power supplies Renewable energy power converters * Energy storage in pulse systems * For excellent mounting stability MARKING The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance code on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code (YYMM) * Name of manufacturer * Code for factory of origin * `-' sign to identify the negative terminal, visible from the top and side of the capacitor * Code number * Climatic category in accordance with IEC 60068 SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm) CR (F) 390 470 560 680 UR (V) 350 35 x 50 35 x 60 40 x 50 35 x 70 40 x 60 400 35 x 50 40 x 40 35 x 60 45 x 40 35 x 70 40 x 60 45 x 50 35 x 80 40 x 60 420 35 x 50 40 x 40 35 x 60 35 x 70 40 x 60 45 x 50 35 x 80 40 x 70 45 x 50 450 35 x 50 40 x 40 35 x 60 40 x 50 45 x 40 35 x 70 40 x 60 35 x 80 40 x 60 45 x 50 40 x 70 45 x 60 820 Document Number: 28393 Revision: 08-Aug-08 For technical questions, contact: aluminumcaps2@vishay.com www.vishay.com 1 095 PLL-4TSI Vishay BCcomponents Aluminum Capacitors Power Long Life 4 Terminal Snap-In SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm) CR (F) 1000 1500 1800 2200 UR (V) 350 35 x 80 40 x 60 45 x 50 40 x 80 45 x 70 40 x 100 45 x 100 400 35 x 100 40 x 70 45 x 60 40 x 100 45 x 80 45 x 100 420 35 x 100 40 x 80 45 x 60 40 x 100 45 x 80 45 x 100 450 40 x 100 45 x 70 45 x 100 - DIMENSIONS in millimeters AND AVAILABLE FORMS PRINTED WIRING 1 4 2.5 3 2.5 3 2 O D + 1 max. 2 3 1 - 2 O D + 1 max. - 1 3 4 1 - 2 15 0.1 20 0.1 L L L + 5 max. L + 5 max. CCA976-1 4.9 0.2 7.5 0.1 17.5 0.1 1.3 (4x) MGB267-1 10 0.1 4.9 0.2 17.5 0.1 20 0.1 1.3 (5x) Case O D = 35 mm Fig.2 Printed wiring pin version Case O D = 35 mm Fig.3 Mounting hole diagram viewed from component side Case O D = 40 mm Fig.4 Printed wiring pin version Case O D = 40 mm Fig.5 Mounting hole diagram viewed from component side FOUR TERMINAL SNAP-IN 60 60 60 60 B C OD dummy A dummy 22.5 0.1 22.5 Bottom view Lmax. 2 0.1 (4x) 6.3 1 Dummy terminals (A and C) must be free from the electrical circuit Fig. 6 4-Terminal Snap-in Fig. 7 Mounting hole diagram www.vishay.com 2 For technical questions, contact: aluminumcaps2@vishay.com Document Number: 28393 Revision: 08-Aug-08 095 PLL-4TSI Aluminum Capacitors Power Long Life 4 Terminal Snap-In Table 1 Vishay BCcomponents DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES NOMINAL CASE SIZE ODxL 35 x 50 35 x 60 35 x 70 35 x 80 35 x 100 40 x 40 40 x 50 40 x 60 40 x 70 40 x 80 40 x 100 45 x 40 45 x 50 45 x 60 45 x 70 45 x 80 45 x 100 O Dmax. 36 36 36 36 36 41 41 41 41 41 41 46 46 46 46 46 46 4T-SI Lmax. 52 62 72 82 102 42 52 62 72 82 102 42 52 62 72 82 102 PW L+5 55 65 75 85 105 45 55 65 75 85 105 MASS (g) 72 91 103 115 151 70 94 118 134 150 176 88 119 150 170 190 250 PACKAGING QUANTITIES (units per box) 50 50 50 25 25 50 50 25 25 25 25 36 36 36 36 36 36 CARDBOARD BOX DIMENSIONS LxWxH 390 x 198 x 60 390 x 198 x 70 390 x 198 x 80 TBD TBD 440 x 223 x 60 440 x 223 x 70 230 x 230 x 80 230 x 230 x 90 230 x 230 x 100 230 x 230 x 120 TBD TBD TBD TBD TBD TBD ELECTRICAL DATA SYMBOL CR IR IL5 ESR Z Note 1. Unless otherwise specified, all electrical values in Tables 2 and apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 2 DESCRIPTION rated capacitance at 100 Hz rated RMS ripple current at 100 Hz and 85 C max. leakage current after 5 minutes at UR max. equivalent series resistance at 100 Hz max. impedance at 10 kHz ORDERING EXAMPLE Electrolytic capacitor 095 series 1000 F/450 V; Nominal case size: O 40 mm x 100 mm 4 terminal Snap-in: Ordering code: MAL2 095 27102 E3 Former 12NC: 2222 095 27102 Printed Wiring: Ordering code: MAL2 095 77102 E3 Former 12NC: 2222 095 77102 ELECTRICAL DATA AND ORDERING INFORMATION UR (V) CR 100 Hz (F) 560 680 680 820 820 1000 1000 1000 1500 1500 1800 2200 NOMINAL CASE SIZE ODxL (mm) 35 x 50 35 x 60 40 x 50 35 x 70 40 x 60 35 x 80 40 x 60 45 x 50 40 x 80 45 x 70 40 x 100 45 x 100 IR 100 Hz 85 C (A) 3.4 4.0 4.1 4.5 4.6 5.1 5.0 5.0 6.5 6.5 7.5 8.6 IL(5) 5 min (A) 396 480 480 578 578 704 704 704 1054 1054 1264 1544 ESR max. 100 Hz (m) 196 162 165 135 137 112 116 121 79 82 66 57 Z max. 10 kHz (m) 120 99 102 82 85 68 73 78 50 53 42 37 ORDERING CODE MAL2095....... 4T-SI 15561E3 15681E3 25681E3 15821E3 25821E3 15102E3 25102E3 35102E3 25152E3 35152E3 25182E3 35222E3 PW 65561E3 65681E3 75681E3 65821E3 75821E3 65102E3 75102E3 75152E3 75182E3 www.vishay.com 3 350 Document Number: 28393 Revision: 08-Aug-08 For technical questions, contact: aluminumcaps2@vishay.com 095 PLL-4TSI Vishay BCcomponents Aluminum Capacitors Power Long Life 4 Terminal Snap-In ELECTRICAL DATA AND ORDERING INFORMATION UR (V) CR 100 Hz (F) 470 470 560 560 680 680 680 820 820 1000 1000 1000 1500 1500 1800 470 470 560 680 680 680 820 820 820 1000 1000 1000 1500 1500 1800 390 390 470 470 470 560 560 680 680 680 820 820 1000 1000 1200 1500 NOMINAL CASE SIZE ODxL (mm) 35 x 50 40 x 40 35 x 60 45 x 40 35 x 70 40 x 60 45 x 50 35 x 80 40 x 60 35 x 100 40 x 70 45 x 60 40 x 100 45 x 80 45 x 100 35 x 50 40 x 40 35 x 60 35 x 70 40 x 60 45 x 50 35 x 80 40 x 70 45 x 50 35 x 100 40 x 80 45 x 60 40 x 100 45 x 80 45 x 100 35 x 50 40 x 40 35 x 60 40 x 50 45 x 40 35 x 70 40 x 60 35 x 80 40 x 60 45 x 50 40 x 70 45 x 60 40 x 100 45 x 70 40 x 100 45 x 100 IR 100 Hz 85 C (A) 3.2 3.0 3.7 3.2 4.1 4.3 4.3 4.7 4.6 5.9 5.2 5.4 7.2 6.7 7.9 3.1 3.0 3.6 4.1 4.3 4.3 4.6 4.8 4.6 5.8 5.4 5.4 7.2 6.7 7.8 2.9 2.8 3.4 3.5 3.0 3.8 4.0 4.3 4.3 4.3 4.8 5.0 6.0 5.6 6.4 7.4 IL(5) 5 min (A) 380 380 452 452 548 548 548 660 660 804 804 804 1204 1204 1444 399 399 474 575 575 575 693 693 693 844 844 844 1264 1264 1516 355 355 427 427 427 508 508 616 616 616 742 742 904 904 1084 1354 ESR max. 100 Hz (m) 215 222 180 192 149 151 156 125 129 102 107 110 72 75 63 232 238 194 161 163 167 134 136 143 110 112 117 77 80 67 246 253 204 208 217 172 174 143 147 153 123 126 99 104 85 71 Z max. 10 kHz (m) 126 132 105 116 87 89 93 73 77 60 64 67 43 47 38 141 147 119 98 100 104 82 84 91 67 69 75 48 51 43 142 148 118 121 129 99 101 82 87 91 72 76 57 63 50 42 ORDERING CODE MAL2095....... 4T-SI 16471E3 26471E3 16561E3 36561E3 16681E3 26681E3 36681E3 16821E3 26821E3 16102E3 26102E3 36102E3 26152E3 36152E3 36182E3 14471E3 24471E3 14561E3 14681E3 24681E3 34681E3 14821E3 24821E3 34821E3 14102E3 24102E3 34102E3 24152E3 34152E3 34182E3 17391E3 27391E3 17471E3 27471E3 37471E3 17561E3 27561E3 17681E3 27681E3 37681E3 27821E3 37821E3 27102E3 37102E3 27122E3 37152E3 PW 66471E3 76471E3 66561E3 66681E3 76681E3 66821E3 76821E3 66102E3 76102E3 76152E3 64471E3 74471E3 64561E3 64681E3 74681E3 64821E3 74821E3 64102E3 74102E3 74152E3 67391E3 77391E3 67471E3 77471E3 67561E3 77561E3 67681E3 77681E3 77821E3 77102E3 77122E3 - 400 420 450 www.vishay.com 4 For technical questions, contact: aluminumcaps2@vishay.com Document Number: 28393 Revision: 08-Aug-08 095 PLL-4TSI Aluminum Capacitors Power Long Life 4 Terminal Snap-In ADDITIONAL ELECTRICAL DATA PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) All case sizes ca. 20 nH After 1 minute at UR After 5 minutes at UR IL1 0.006 CR x UR + 4 A IL5 0.002 CR x UR + 4 A 350 V versions Us = 1.1 x UR Urev 1 CONDITIONS VALUE Vishay BCcomponents RIPPLE CURRENT AND USEFUL LIFE CCC205-05 2.6 2.4 2.2 IA IR 2.0 1.8 1.6 1.4 lifetime multiplier 1.2 IA = actual ripple current at 100 Hz. IR = rated ripple current at 100 Hz and 85 C (1) Useful life at 85 C and IR applied: 10 000 hours (1) 5 1. 1.0 0.8 0.5 0.0 40 2.0 0 4. 0 3. 0 6. 20 40 30 10 1.0 50 60 70 80 90 Tamb (C) 100 Fig.6 Multiplier of useful life as a function of ambient temperature and ripple current load Table 3 MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY FREQUENCY (Hz) 50 100 200 400 1000 10 000 IR MULTIPLIER 0.9 1.0 1.2 1.3 1.4 1.5 Document Number: 28393 Revision: 08-Aug-08 For technical questions, contact: aluminumcaps2@vishay.com www.vishay.com 5 095 PLL-4TSI Vishay BCcomponents Table 4 Aluminum Capacitors Power Long Life 4 Terminal Snap-In TEST PROCEDURES AND REQUIREMENTS TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE Tamb = 85 C; UR applied; 3000 hours REQUIREMENTS C/C: 10 % ESR 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit Useful life CECC 30301 subclause 4.13 Tamb = 85 C; UR and IR applied; 10 000 hours C/C: 30 % ESR 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage 3% Shelf life IEC 60384-4/ EN130300 subclause 4.17 Tamb = 85 C; no voltage applied; 1000 hours C/C: 10 % ESR 1.2 x spec. limit IL5 2 x spec. limit after test: UR to be applied for 30 minutes 24 to 48 hours before measurement www.vishay.com 6 For technical questions, contact: aluminumcaps2@vishay.com Document Number: 28393 Revision: 08-Aug-08 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of MAL209524681E3 |