Part Number Hot Search : 
N111252 AD7741 IRFBC40S ER2003CT FW241 IM811 AD1857 AN5891
Product Description
Full Text Search
 

To Download LURR58D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
LURR58D
www.SunLED.com
T-1 3/4 (5mm) SOLID STATE LAMP
Features
LOW POWER CONSUMPTION. I.C. COMPATIBLE. LONG LIFE - SOLID STATE RELIABILITY. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice.
Absolute Maximum Ratings (TA=25C) Forward Current Forward Current (Peak) 1/10Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] IF iFS PT TA Tstg
UR (GaAsP/GaP) 30 160 75 -40 ~ +85 -40 ~ +85
Unit mA mA mW C
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF
UR (GaAsP/GaP) 2.0 2.5
Unit V V
P
627
nm
D
625
nm
260C For 3 Seconds 260C For 5 Seconds
45
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 19 19
Wavelength nm P
Viewing Angle 2 1/2
LURR58D
Red Red
GaAsP/GaP GaAsP/GaP
Red Diffused
7 7
627
60
Published Date : MAR 22,2008
Drawing No :SDSA3155
V5
Checked : B.L.LIU
P.1/4
Part Number:
LURR58D
www.SunLED.com
T-1 3/4 (5mm) SOLID STATE LAMP
UR
Published Date : MAR 22,2008
Drawing No :SDSA3155
V5
Checked : B.L.LIU
P.2/4
Part Number:
LURR58D
www.SunLED.com
T-1 3/4 (5mm) SOLID STATE LAMP
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 22,2008
Drawing No :SDSA3155
V5
Checked : B.L.LIU
P.3/4
Part Number:
LURR58D
www.SunLED.com
T-1 3/4 (5mm) SOLID STATE LAMP
PACKING & LABEL SPECIFICATIONS
LURR58D
Published Date : MAR 22,2008
Drawing No :SDSA3155
V5
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of LURR58D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X