Part Number Hot Search : 
1H100 C431T2 80N03 L3705 CY7C6 AM29520A D2FS6 FAMILY
Product Description
Full Text Search
 

To Download LMDKVG02M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
LMDKVG02M
www.SunLED.com
10mm ROUND LED LAMP
PRELIMINARY SPEC Features
UNIFORM LIGHT OUTPUT. LOW POWER CONSUMPTION. 3 LEADS WITH ONE COMMON CATHODE LEAD. I.C. COMPATIBLE. LONG LIFE - SOLID STATE RELIABILITY. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (peak) 1/10Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg MDK (InGaA lP) 5 30 185 75 VG (InGa AlP) 5 30 150 75 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (VF=0V, f=1MHz) VF VF IR MDK (InGaA lP) 1.95 2.5 10 VG Unit (InGaAlP) 2.1 2.5 10 V V uA
-40 ~ +85 -40 ~ +85 260C For 3 Seconds 260C For 5 Seconds
P
650
574
nm
D
635
570
nm
28
20
nm
C
35
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 745 89
Wavelength nm P
Viewing Angle 2 1/2
LMDKVG02M
Red Green
InGaAlP InGaAlP
White Diffused
380 36
650 574
50
Published Date : MAR 20,2008
Drawing No :SDSA4833
V3
Checked : B.L.LIU
P.1/5
Part Number:
LMDKVG02M
www.SunLED.com
10mm ROUND LED LAMP
MDK
Published Date : MAR 20,2008
Drawing No :SDSA4833
V3
Checked : B.L.LIU
P.2/5
Part Number:
LMDKVG02M
www.SunLED.com
10mm ROUND LED LAMP
VG
Published Date : MAR 20,2008
Drawing No :SDSA4833
V3
Checked : B.L.LIU
P.3/5
Part Number:
LMDKVG02M
www.SunLED.com
10mm ROUND LED LAMP
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 20,2008
Drawing No :SDSA4833
V3
Checked : B.L.LIU
P.4/5
Part Number:
LMDKVG02M
www.SunLED.com
10mm ROUND LED LAMP
PACKING & LABEL SPECIFICATIONS
LMDKVG02M
Published Date : MAR 20,2008
Drawing No :SDSA4833
V3
Checked : B.L.LIU
P.5/5


▲Up To Search▲   

 
Price & Availability of LMDKVG02M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X